Part Number Hot Search : 
74HC4 SRAF1020 61A3V 74S90 R4154 WR200 Y5117 7CC547D
Product Description
Full Text Search
 

To Download VSSB420S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  200v 4.0a VSSB420S web site: www.taychipst.com 1 of 2 features e-mail: sales@taychipst.com maximum ratings and electrical characteristics mechanical data surface mount trench mos barrier schottky rectifier ? low profile package ? ideal for automated placement ? trench mos schottky technology ? low power losses, high efficiency ? low forward voltage drop ? meets msl level 1, per j-st d-020, lf maximum peak of 260 c ? compliant to rohs directive 2002/95/ec and in accordance to weee 2002/96/ec case: do-214aa (smb) molding compound meets ul 94 v-0 flammability rating base p/n-e3 - rohs compliant, commercial grade terminals: matte tin plated leads, solderable per j-std-002 and jesd 22-b102 e3 suffix meets jesd 2 01 class 1a whisker test polarity: color band denotes the cathode end maximum ratings (t a = 25 c unless otherwise noted) parameter symbol VSSB420S unit device marking code v4d maximum repetitive pe ak reverse voltage v rrm 200 v maximum dc forward current i f (1) 4.0 a i f (2) 1.8 peak forward surge current 10 ms single ha lf sine-wave superimposed on rated load i fsm 40 a voltage rate of change (rated v r ) dv/dt 10 000 v/s operating junction and storage temperature range t j , t stg - 40 to + 150 c notes (1) free air, mounted on recommended pcb 1 oz. pad area; thermal resistance r ? ja - junction to ambient (2) units mounted on pcb with 20 mm x 20 mm copper pad areas; thermal resistance r ? jm - junction to mount electrical characteristics (t a = 25 c unless otherwise noted) parameter test conditions symbol typ. max. unit instantaneous forward voltage i f = 4.0 a t a = 25 c v f (1) 1.44 1.90 v t a = 125 c 0.71 0.80 reverse current per diode v r = 180 v t a = 25 c i r (2) 3-a t a = 125 c 0.7 - ma v r = 200 v t a = 25 c 4 150 a t a = 125 c 1.1 10 ma typical junction capacitance 4.0 v, 1 mhz c j 120 - pf thermal characteristics (t a = 25 c unless otherwise noted) parameter symbol VSSB420S unit typical thermal resistance r ? ja (1) 120 c/w r ? jm (2) 15
ratings and characteristic curves VSSB420S e-mail: sales@taychipst.com web site: www.taychipst.com 2 of 2 surface mount trench mos barrier schottky rectifier fig. 1 - maximum forward current derating curv e fig. 2 - forward power loss characteristics 0 25 50 75 100 125 4.0 150 t m - mo u nt temperat u re (c) a v erage for w ard re ctified c u rr ent (a ) 2.5 2.0 1.5 0.5 0 1.0 t m meas u red at terminal 3.0 3.5 0 3.6 0 2.4 a v erage for w ard c u rrent (a) a v erage po w er loss ( w ) 1.4 1.2 1.0 0. 8 0.6 0.4 0.2 3.2 2. 8 2.4 2.0 1.6 1.2 0. 8 0.4 d = t p /t t p t d = 0.1 d = 0.2 d = 0.3 d = 0.5 d = 0. 8 d = 1.0 2.2 2.0 1. 8 1.6 fig. 3 - typical instantaneous forward characteristics fig. 4 - typical reverse characteristics fig. 5 - typical junction capacitance fig. 6 - typical transient thermal impedance 1 100 0 0.1 instantaneo u s for w ard v oltage ( v ) instantaneo u s for w ard c u rrent (a) t a = 125 c t a = 25 c t a = 100 c t a = 150 c 10 0.2 0.4 0.6 0. 8 1.0 1.2 1.6 1.4 10 20 40 60 0.0001 0.001 0.01 0.1 1 100 8 0 100 percent of rated peak re v erse v oltage ( % ) t a = 125 c t a = 25 c t a = 100 c t a = 150 c 30 50 70 90 instantaneo u s re v erse c u rrent (ma) 10 100 10 10 100 1000 0.1 1 re v erse v oltage ( v ) j u nction capacitance (pf) t j = 25 c f = 1.0 mhz v sig = 50 m v p-p 100 10 1 100 1000 0.01 1 t - p u lse d u ration (s) transient thermal impedance (c/ w ) 10 0.1 j u nction to am b ient 200v 4.0a VSSB420S


▲Up To Search▲   

 
Price & Availability of VSSB420S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X