Part Number Hot Search : 
SKM15 AD711BQ CO4580 1000W KV2302A HE83139 SKM15 ER800F09
Product Description
Full Text Search
 

To Download TPCA8011-H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  TPCA8011-H 2004-5-10 1 toshiba field effect transistor silicon n channel mos type (ultra high speed u-mosiii) TPCA8011-H high speed and high efficiency dc-dc converters notebook pc applications portable equipment applications ? small footprint due to small and thin package ? high speed switching ? small gate charge: qsw = 11 nc (typ.) ? low drain-source on resistance: r ds (on) = 3.1 m ? (typ.) ? high forward transfer admittance: |y fs | = tbd s (typ.) ? low leakage current: i dss = 10 a (max) (v ds = 30 v) ? enhancement mode: v th = 1.1 to 2.3 v (v ds = 10 v, i d = 1 ma) maximum ratings (ta = = = = 25c) ? ? ? ? characteristics symbol rating unit drain-source voltage v dss 20 v drain-gate voltage (r gs = 20 k ? ) v dgr 20 v gate-source voltage v gss 1 2 v dc (note 1) i d 40 drain current pulsed (note 1) i dp 120 a drain power dissipation (tc=25 ? ) p d 45 w drain power dissipation (t = 10 s) (note 2a) p d 2.8 w drain power dissipation (t = 10 s) (note 2b) p d 1.6 w single pulse avalanche energy (note 3) e as 208 mj avalanche current i ar 40 a repetitive avalanche energy (tc=25 ? ) (note 4) e ar tbd mj channel temperature t ch 150 c storage temperature range t stg ? 55 to 150 c note: for (note 1), (note 2), (note 3), (note 4), please refer to the next page. this transistor is an electrostatic sensitive device. please handle with caution. unit: mm 0.50.1 6.00.3 1.27 0.40.1 5.00.2 0.595 0.05 m a 1 4 5 8 0.150.05 0.80.1 1.10.2 4.250.2 0.60.1 3.50.2 1 4 5 8 5.00.2 0.950.05 s 0.05 s a 0.1660.05 jedec D jeita D toshiba 2-5q1a weight: 0.080 g (typ.) circuit configuration 8 6 1 2 3 7 5 4 1,2,3  source ?? 4  gate 5,6,7,8  drain preliminar y
TPCA8011-H 2004-5-10 2 thermal characteristics characteristics symbol max unit thermal resistance, channel to case (tc=25 ? ) r th (ch-c) 2.78 c/w thermal resistance, channel to ambient (t = 10 s) (note 2a) r th (ch-a) 44.6 c/w thermal resistance, channel to ambient (t = 10 s) (note 2b) r th (ch-a) 78.1 c/w marking (note 5) note 1: please use devices on condition that the channel temperature is below 150c. note 2: (a) device mounted on a glass-epoxy board (a) (b) device mounted on a glass-epoxy board (b) note 3: v dd = 24 v, t ch = 25c (initial), l = 0.1 mh, r g = 25 ?, i ar = 35 a note 4: repetitive rating: pulse width limited by max channel temperature note 5: (a) fr-4 25.4 25.4 0.8 (unit: mm) (b) fr-4 25.4 25.4 0.8 (unit: mm) * weekly code: (three digits) week of manufacture (01 for first week of year, continues up to 52 or 53) year of manufacture (one low-order digits of calendar year) t type tpca 8011-h lot no.
TPCA8011-H 2004-5-10 3 electrical characteristics (ta = = = = 25c) characteristics symbol test condition min typ. max unit gate leakage current i gss v gs = 10v, v ds = 0 v ? ? 10 a drain cut-off current i dss v ds = 20 v, v gs = 0 v ? ? 10 a v (br) dss i d = 10 ma, v gs = 0 v 20 ? ? drain-source breakdown voltage v (br) dsx i d = 10 ma, v gs = ?1 2 v 8 ? ? v gate threshold voltage v th v ds = 10 v, i d = 200  a 0.5 ? 1.2 v v gs = 2.5 v, i d = 20 a ? 4.0 5.4 drain-source on resistance r ds (on) v gs = 4.5v, i d = 20 a ? 3.1 4.1 m ? forward transfer admittance |y fs | v ds = 10 v, i d = 20 a tbd tbd ? s input capacitance c iss ? 1870 ? reverse transfer capacitance c rss ? 312 ? output capacitance c oss v ds = 10 v, v gs = 0 v, f = 1 mhz ? 1370 ? pf rise time t r ? tbd ? turn-on time t on ? tbd ? fall time t f ? tbd ? switching time turn-off time t off duty < = 1%, t w = 10 s ? tbd ? ns v dd ? 16 v, v gs = 10 v, i d = 40 a ? 38 ? total gate charge (gate-source plus gate-drain) q g v dd ? 16 v, v gs = 5 v, i d = 40 a ? tbd ? gate-source charge 1 q gs1 ? tbd ? gate-drain (?miller?) charge q gd ? 8 ? gate switch charge q sw v dd ? 16 v, v gs = 10 v, i d = 40 a ? 11 ? nc source-drain ratings and characteristics (ta = = = = 25c) characteristics symbol test condition min typ. max unit drain reverse current pulse (note 1) i drp ? ? ? 120 a forward voltage (diode) v dsf i dr = 40 a, v gs = 0 v ? ? ? 1.2 v r l =0.5? v dd ? 10 v 0 v v gs 5 v 4.7 ? i d = 20 a v out
TPCA8011-H 2004-5-10 4 ? the information contained herein is subject to change without notice. ? the information contained herein is presented only as a guide for the applications of our products. no responsibility is assumed by toshiba for any infringements of patents or other rights of the third parties which may result from its use. no license is granted by implication or otherwise under any patent or patent rights of toshiba or others. ? toshiba is continually working to improve the quality and reliability of its products. nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. it is the responsibility of the buyer, when utilizing toshiba products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such toshiba products could cause loss of human life, bodily injury or damage to property. in developing your designs, please ensure that toshiba products are used within specified operating ranges as set forth in the most recent toshiba products specifications. also, please keep in mind the precautions and conditions set forth in the ?handling guide for semiconductor devices,? or ?toshiba semiconductor reliability handbook? etc.. ? the toshiba products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). these toshiba products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury (?unintended usage?). unintended usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. unintended usage of toshiba products listed in this document shall be made at the customer?s own risk. ? toshiba products should not be embedded to the downstream products which are prohibited to be produced and sold, under any law and regulations. 030619eaa restrictions on product use


▲Up To Search▲   

 
Price & Availability of TPCA8011-H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X