Part Number Hot Search : 
GI7918A KU325N RL102GP SMDJ90A 34063 00022 V630M 74AHC1
Product Description
Full Text Search
 

To Download TLWY7600 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  tlwr7600, TLWY7600 www.vishay.com vishay semiconductors rev. 3.0, 14-jun-12 1 document number: 83138 for technical questions, contact: led@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 telux led description the telux series is a clear, non diffused led for applications where supreme luminous flux is required. it is designed in an indust ry standard 7.62 mm square package utilizing highly developed allngap technology. the supreme heat dissi pation of telux allows applications at high ambient temperatures. all packing units are binned for luminous flux, forward voltage and color to achieve the most homogenous light appearance in application. sae and ece color requirements for automobile application are available for color red. product group and package data ? product group: led ? package: telux ? product series: standard ? angle of half intensity: 30 features ? high luminous flux ? supreme heat dissipation: r thjp is 90 k/w ? high operating temperature: t amb = - 40 c to + 110 c ? meets sae and ece color requirements for the automobile industry for color red ? packed in tubes for automatic insertion ? luminous flux, forwa rd voltage and color categorized for each tube ? small mechanical tolerances allow precise usage of external reflectors or lightguides ? compatible with wave sold er processes according to cecc 00802 and j-std-020 ? esd-withstand voltage: up to 2 kv according to jesd22-a114-b ? aec-q101 qualified ? material categorization: for definitions of compliance please see www.vishay.com/doc?99912 applications ? exterior lighting ? dashboard illumination ? tail-, stop- and turn si gnals of motor vehicles ? replaces small incandescent lamps ? traffic signals and signs 19232 parts table part color luminous flux (mlm) at i f (ma) wavelength (nm) forward voltage (v) technology min. typ. max. min. typ. max. min. typ. max. tlwr7600 red 1500 2100 - 70 611 618 634 1.83 2.2 2.67 alingap on gaas TLWY7600 yellow 1000 1400 - 70 585 592 597 1.83 2.1 2.67 alingap on gaas
tlwr7600, TLWY7600 www.vishay.com vishay semiconductors rev. 3.0, 14-jun-12 2 document number: 83138 for technical questions, contact: led@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 note (1) driving the led in reverse direction is suitable for a short term application absolute maximum ratings (t amb = 25 c, unless otherwise specified) tlwr7600, TLWY7600 parameter test condition symbol value unit reverse voltage (1) i r = 100 a v r 10 v dc forward current t amb 85 c i f 70 ma surge forward current t p 10 s i fsm 1a power dissipation p v 187 mw junction temperature t j 125 c operating temperature range t amb - 40 to + 110 c storage temperature range t stg - 55 to + 110 c soldering temperature t 5 s, 1.5 mm from body preheat temperature 100 c/30 s t sd 260 c thermal resistance junction/ambient with cathode heatsink of 70 mm 2 r thja 200 k/w thermal resistance junction/pin r thjp 90 k/w optical and electrical characteristics (t amb = 25 c, unless otherwise specified) tlwr7600, red parameter test condition symbol min. typ. max. unit total flux i f = 70 ma, r thja = 200 k/w v 1500 2100 - mlm luminous intensity/total flux i f = 70 ma, r thja = 200 k/w i v / v -0.8-mcd/mlm dominant wavelength i f = 70 ma, r thja = 200 k/w d 611 618 634 nm peak wavelength i f = 70 ma, r thja = 200 k/w p - 624 - nm angle of half intensity i f = 70 ma, r thja = 200 k/w ? - 30- deg total included angle 90 % of total flux captured ? 0.9 v -75-deg forward voltage i f = 70 ma, r thja = 200 k/w v f 1.83 2.2 2.67 v reverse voltage i r = 10 a v r 10 20 - v junction capacitance v r = 0 v, f = 1 mhz c j -17-pf temperature coefficient of dom i f = 50 ma t c dom -0.05-nm/k optical and electrical characteristics (t amb = 25 c, unless otherwise specified) TLWY7600, yellow parameter test condition symbol min. typ. max. unit total flux i f = 70 ma, r thja = 200 k/w v 1000 1400 - mlm luminous intensity/total flux i f = 70 ma, r thja = 200 k/w i v / v -0.8-mcd/mlm dominant wavelength i f = 70 ma, r thja = 200 k/w d 585 592 597 nm peak wavelength i f = 70 ma, r thja = 200 k/w p - 594 - nm angle of half intensity i f = 70 ma, r thja = 200 k/w ? - 30- deg total included angle 90 % of total flux captured ? 0.9 v -75-deg forward voltage i f = 70 ma, r thja = 200 k/w v f 1.83 2.1 2.67 v reverse voltage i r = 10 a v r 10 15 - v junction capacitance v r = 0 v, f = 1 mhz c j -32-pf temperature coefficient of dom i f = 50 ma t c dom -0.1-nm/k
tlwr7600, TLWY7600 www.vishay.com vishay semiconductors rev. 3.0, 14-jun-12 3 document number: 83138 for technical questions, contact: led@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 note ? luminous flux is tested at a current pulse duration of 25 ms and an accuracy of 11 %. the above type numbers represent the order groups which include only a few brightness groups. only one group will be shipped on each tube (there will be no mixing of two groups on each tube). in order to ensure availability, single brightness groups will not be orderable. in a similar manner for colors where wavelength groups are measured and binned, si ngle wavelength grou ps will be shipped in any one tube. in order to ensure availability, single wavelength groups will not be orderable. note ? wavelengths are tested at a current pulse duration of 25 ms and an accuracy of 1 nm. note ? voltages are tested at a current pulse duration of 1 ms. luminous flux classification group luminous flux (mlm) standard min. max. b 1000 1800 c 1500 2400 d 2000 3000 e 2500 3600 f 3000 4200 g 3500 4800 h 4000 6100 i 5000 7300 k 6000 9700 color classification group dom. wavelength (nm) yellow red min. max. min. max. 0 585 588 1 587 591 611 618 2 589 594 614 622 3 592 597 616 634 forward voltage classification group forward voltage (v) min. max. y 1.83 2.07 z 1.95 2.19 0 2.07 2.31 1 2.19 2.43 2 2.31 2.55 3 2.43 2.67 tlwr7600 d 2 type luminous flux color group 2.0 lm to 3.0 lm 18995 forward voltage 1 614 nm to 622 nm 2.19 v to 2.43 v
tlwr7600, TLWY7600 www.vishay.com vishay semiconductors rev. 3.0, 14-jun-12 4 document number: 83138 for technical questions, contact: led@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 typical characteristics (t amb = 25 c, unless otherwise specified) fig. 1 - forward current vs. ambient temperature fig. 2 - forward current vs. pulse length fig. 3 - relative luminous in tensity vs. angular displacement fig. 4 - relative in tensity vs. wavelength fig. 5 - relative in tensity vs. wavelength fig. 6 - forward current vs. forward voltage 0 20 40 60 80 100 0 20 40 60 80 100 120 t amb - ambient temperature (c) 18019 i f - forward current (ma) r thja = 200 k/w red, yellow 0.01 0.1 1 10 1 10 100 1000 10 000 t p - pulse length (ms) 100 18020 i f - forward current (ma) t p /t = 0.01 0.02 0.05 0.1 0.2 1 0.5 red, yellow t amb 85 c 16006 0.4 0.2 0 0.6 0.9 0 30 10 20 40 50 60 70 80 1.0 0.8 0.7 i v rel. - relative luminous intensity ? - angular displacement 0.0 0.2 0.4 0.6 0.8 1.0 1.2 570 590 610 630 650 670 - wavelength (nm) 16007 i rel. - relative luminous intensity red 0 0.2 0.4 0.6 0.8 1.0 1.2 540 560 580 600 620 640 - wavelength (nm) 16008 i v rel. - relative luminous intensity yellow 0 10 20 30 40 50 60 70 80 90 100 1.5 1.7 1.9 2.1 2.3 2.5 v f - forward voltage (v) 17806 i f - forward current (ma) red
tlwr7600, TLWY7600 www.vishay.com vishay semiconductors rev. 3.0, 14-jun-12 5 document number: 83138 for technical questions, contact: led@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 fig. 7 - forward current vs. forward voltage fig. 8 - relative luminous intensity vs. forward current fig. 9 - relative luminous intensity vs. forward current fig. 10 - specific luminous flux vs. forward current fig. 11 - specific luminous flux vs. forward current fig. 12 - relative luminous flux vs. ambient temperature 0 10 20 30 40 50 60 70 80 90 100 1.4 1.6 1.8 2.0 2.2 2.4 v f - forward voltage (v) 15975 i f - forward current (ma) yellow 0.001 0.1 1 10 1 10 100 i f - forward current (ma) 20293 i v rel - relative luminous intensity 0.01 red 0.001 0.01 1 10 1 10 100 i f - forward current (ma) 20292 i v rel - relative luminous intensity yellow 0.1 0.1 1 1 10 100 i f - forward current (ma) 20295 i spec - specific luminous flux 10 red 0.1 1.0 1 10 100 i f - forward current (ma) 20294 i spec - specific luminous flux 10 yellow 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 - 40 - 20 0 20 40 60 80 100 t amb - ambient temperature (c) 18021 i f = 70 ma red v rel - relative luminous flux
tlwr7600, TLWY7600 www.vishay.com vishay semiconductors rev. 3.0, 14-jun-12 6 document number: 83138 for technical questions, contact: led@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 fig. 13 - relative luminous flux vs. ambient temperature fig. 14 - thermal resistance junction ambient vs. cathode padsize fig. 15 - percentage total luminous flux vs. total included angle for 90 emission angle 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 15977 i f = 70 ma yellow t amb - ambient temperature (c) v rel - relative luminous flux - 40 - 20 0 20 40 60 80 100 r thja (k/w) 160 170 180 190 200 210 220 230 0 50 100 150 200 250 300 cathode padsize (mm 2 ) 16009 padsize 8 mm 2 per anode pin 0 20 40 60 80 100 0 25 50 75 100 125 total included angle (degrees) 16005 total luminous flux (%)
tlwr7600, TLWY7600 www.vishay.com vishay semiconductors rev. 3.0, 14-jun-12 7 document number: 83138 for technical questions, contact: led@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 package dimensions in millimeters cathode marking c a area not plane 1.55 0.2 0.75 + 0.2 - 0.1 5.08 0.2 0.6 max. 4.8 0.3 2.85 0.3 7.8 0.3 5.08 0.3 1.32 7.62 0.3 7.62 0.3 6.55 0.4 0.1 1.2 0.1 5 drawing-no.: 6.544-5321.02-4 i ss ue: 3; 26.06.06 16004 s pecication s according to din technical drawing s 1.6 1.45 s r1.35
tlwr7600, TLWY7600 www.vishay.com vishay semiconductors rev. 3.0, 14-jun-12 8 document number: 83138 for technical questions, contact: led@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 fan fold box dimensions in millimeters label of fan fold box (example) a. type of component b. manufacturing plant c. sel - selection code (bin): e.g.: a = code for luminous intensity group 4 = code for color group d. date code year/week e. day code (e.g. 4: th ursday, a: early shift) f. batch: no. g. total quantity h. company code example for telux tube label dimensions in millimeters a. bar code b. type of component c. manufacturing plant d. sel - selection code (bin): digit 1 - code for luminous flux group digit 2 - code for dominant wavelength group digit 3 - code for forward voltage group e. date code f. batch: no. g. total quantity h. company code 16491 label 600 45 110 label 106 37 vishay a h bc d e f g 20228 a 90 52 8 a bc d e f gh 16490 tlwr7600 ptc27 selb10 dc20000121 bn12345 pcs70 mno
tlwr7600, TLWY7600 www.vishay.com vishay semiconductors rev. 3.0, 14-jun-12 9 document number: 83138 for technical questions, contact: led@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 tube with bar code label dimensions in millimeters fig. 16 - drawing proportions not scaled drawing-no.: 9.700-5223.0-4 rev. 2; date: 23.08.99 20438
legal disclaimer notice www.vishay.com vishay revision: 12-mar-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products no t expressly indicated for use in such applications do so at their own risk and agr ee to fully indemnify and hold vishay and it s distributors harmless from and against an y and all claims, liabilities, expenses and damages arising or resulting in connection with such use or sale , including attorneys fees, even if such claim alleges that vis hay or its distributor was negligent regarding th e design or manufacture of the part. please contact authorized vishay personnel t o obtain written terms and conditions regardin g products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu.


▲Up To Search▲   

 
Price & Availability of TLWY7600

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X