Part Number Hot Search : 
IRF640 ON2954 34151 NFC1520 NJU6396 34151 MCD448 DF02S
Product Description
Full Text Search
 

To Download TFPTL10L1000FH5U Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  radial leaded ptc - nickel thin film linear thermistors tfptl vishay www.vishay.com for technical questions, contact: nlr@vishay.com document number: 33027 1 revision: 25-oct-11 this document is subject to change without notice. the products described herein and this document ar e subject to specific disclaimers, set forth at www.vishay.com/doc?91000 description these thermistors are based on a nickel thin film resistor technology as thermal sensitive material. the device consists of a thin film ceramic chip with two tinned copper clad steel wire leads. features ? nickel thin film ptc element ? high stability over the entire temperature range ? cul recognized component: file e148885 ? epoxy coated ul 94 v-0 approved ? compliant to rohs directive 2002/95/ec and in accordance to weee 2002/96/ec applications temperature measurement, sensing, compensation and control in industrial and cons umer applications. for on-board or remote sensing. marking the thermistors are laser marked with value and tolerance reference on an epoxy based coating. (example: 102f = 10 x 10 2 = 1000 ? 1 %) mounting by soldering or welding in any position. notes (1) contact vishay if closer tcr lot tolerance is desired (2) other r 25 -values and tolerances are available upon request (3) rated continuous working voltage is maximu m working voltage or , whichever is less quick reference data parameter value unit description tfptl10 tfptl15 resistance value at 25 c (2) 100 to 1k 100 to 5k ? tolerance on r 25 -value (2) 1; 5 % tcr at 25 c 4110 ppm/k tolerance on tcr at 25 c (1) 400 ppm/k operating temperature range: at rated power - 55 to + 70 c at zero dissipation - 55 to + 150 response time (in oil) ?? 1.1 ?? 1.6 s dissipation factor ? (for information only) 2.9 3.4 mw/k maximum rated power at 70 c ( p 70 ) 75 100 mw maximum working voltage rcwv (3) 30 40 v climatic category (lct/uct/days) 55/150/56 - weight 0.12 0.14 g standard resistance values at 25 c in ?? (2) 100 150 220 330 470 680 1k 1.5k 2.2k 3.3k 4.7k 120 180 270 390 560 820 1.2k 1.8k 2.7k 3.9k 5.0k global part number information global part numbering: tfptl10l1001fl2b product type size characteristic resistance value tolerance lead configuration pac k ag i n g tfpt leaded 10 15 l = linear 1000 = 100r 1001 = 1k 5001 = 5k f = 1 % j = 5 % l2 h5 b = bulk (500 pieces) u = ammopack (2500 pieces) t = t/r (4000 pieces) p 70 x r l10l 00 f 1 pt b 2 f 1l t
tfptl radial leaded ptc - nickel thin film li near thermistors vishay document number: 33027 for technical questions, contact: nlr@vishay.com www.vishay.com revision: 25-oct-11 2 this document is subject to change without notice. the products described herein and this document ar e subject to specific disclaimers, set forth at www.vishay.com/doc?91000 dimensions notes ? bulk packed types have a standar d lead length l = 25 mm minimum ? thickness is defined as ?t? note ? zero power is consider ed as measuring power max. 1 % of rated power p 70 tfptl dimensions in millimeters size l10 size l15 l2 h5 l2 h5 wb max. 3.6 4.0 h max. 3.5 3.8 sh max. (seating height) 5.0 6.2 5.2 6.5 d 0.5 10 % l 25 min. f 2.5 0.8 5.0 0.8 2.5 0.8 5.0 0.8 t max. 2.2 2.4 h sh l f l2 h sh l f h5 wb t wb component o u tline for lead spacing 5.0 mm 0. 8 mm (flat b ent leads) component o u tline for lead spacing 2.5 mm 0. 8 mm (straight leads) d 102f 471j - 75 - 50 - 25 0 25 50 75 100 125 150 175 0 10 20 30 40 50 60 70 8 0 100 90 110 temperature in c power in % of p 70 power deratin g
tfptl vishay radial leaded ptc - nickel thi n film linear thermistors www.vishay.com for technical questions, contact: nlr@vishay.com document number: 33027 3 revision: 25-oct-11 this document is subject to change without notice. the products described herein and this document ar e subject to specific disclaimers, set forth at www.vishay.com/doc?91000 note (1) tfpts are esd sensitive performance test maximum ? r 25 /r 25 (1) storage dry heat (5000 h at 125 c) 0.25 % high temperature exposure (1000 h at 150 c) 0.3 % damp heat steady state, unloaded (1344 h at 40 c/95 % rh) 0.2 % thermal cycling (15 min at - 55 c, 15 min at 150 c, 100 cycles) 0.2 % thermal cycling (15 min at - 55 c, 15 min at 125 c, 1000 cycles) 0.2 % short time overload (2.5 x p 70 for 60s at 70 c) 0.2 % long term dissipation (1000 h rated power at 70 c) 0.2 % resistance to soldering heat (10 s at 260 c) 0.25 % average ratio r / r 25 tfptl all sizes and values temp. r / r 25 temp. r / r 25 temp. r / r 25 temp. r / r 25 temp. r / r 25 temp. r / r 25 - 20 0.825 20 0.980 60 1.150 100 1.337 140 1.541 - 19 0.828 21 0.984 61 1.155 101 1.342 141 1.547 - 18 0.832 22 0.988 62 1.159 102 1.347 142 1.552 - 17 0.836 23 0.992 63 1.164 103 1.352 143 1.557 - 16 0.839 24 0.996 64 1.168 104 1.357 144 1.563 - 55 0.702 - 15 0.843 25 1.000 65 1.173 105 1.362 145 1.568 - 54 0.705 - 14 0.847 26 1.004 66 1.177 106 1.367 146 1.574 - 53 0.708 - 13 0.851 27 1.008 67 1.182 107 1.372 147 1.579 - 52 0.712 - 12 0.854 28 1.012 68 1.186 108 1.377 148 1.584 - 51 0.715 - 11 0.858 29 1.017 69 1.191 109 1.382 149 1.590 - 50 0.719 - 10 0.862 30 1.021 70 1.196 110 1.387 150 1.595 - 49 0.722 - 9 0.866 31 1.025 71 1.200 111 1.392 - 48 0.725 - 8 0.869 32 1.029 72 1.205 112 1.397 - 47 0.729 - 7 0.873 33 1.033 73 1.209 113 1.402 - 46 0.732 - 6 0.877 34 1.037 74 1.214 114 1.407 - 45 0.736 - 5 0.881 35 1.042 75 1.219 115 1.412 - 44 0.739 - 4 0.885 36 1.046 76 1.223 116 1.417 - 43 0.743 - 3 0.889 37 1.050 77 1.228 117 1.422 - 42 0.746 - 2 0.892 38 1.054 78 1.232 118 1.427 - 41 0.749 - 1 0.896 39 1.059 79 1.237 119 1.432 - 40 0.753 0 0.900 40 1.063 80 1.242 120 1.437 - 39 0.756 1 0.904 41 1.067 81 1.246 121 1.442 - 38 0.760 2 0.908 42 1.071 82 1.251 122 1.448 - 37 0.763 3 0.912 43 1.076 83 1.256 123 1.453 - 36 0.767 4 0.916 44 1.080 84 1.261 124 1.458 - 35 0.771 5 0.920 45 1.084 85 1.265 125 1.463 - 34 0.774 6 0.924 46 1.089 86 1.270 126 1.468 - 33 0.778 7 0.927 47 1.093 87 1.275 127 1.473 - 32 0.781 8 0.931 48 1.097 88 1.280 128 1.478 - 31 0.785 9 0.935 49 1.102 89 1.284 129 1.484 - 30 0.788 10 0.939 50 1.106 90 1.289 130 1.489 - 29 0.792 11 0.943 51 1.110 91 1.294 131 1.494 - 28 0.796 12 0.947 52 1.115 92 1.299 132 1.499 - 27 0.799 13 0.951 53 1.119 93 1.303 133 1.505 - 26 0.803 14 0.955 54 1.124 94 1.308 134 1.510 - 25 0.806 15 0.959 55 1.128 95 1.313 135 1.515 - 24 0.810 16 0.963 56 1.133 96 1.318 136 1.520 - 23 0.814 17 0.967 57 1.137 97 1.323 137 1.526 - 22 0.817 18 0.971 58 1.141 98 1.328 138 1.531 - 21 0.821 19 0.975 59 1.146 99 1.333 139 1.536
tfptl radial leaded ptc - nickel thin film li near thermistors vishay document number: 33027 for technical questions, contact: nlr@vishay.com www.vishay.com revision: 25-oct-11 4 this document is subject to change without notice. the products described herein and this document ar e subject to specific disclaimers, set forth at www.vishay.com/doc?91000 ratio formula r t = r 25 x (9.0014 x 10 -1 + 3.87235 x 10 -3 (c) -1 x t + 4.86825 x 10 -6 (c) -2 x t 2 + 1.37559 x 10 -9 (c) -3 x t 3 ) t (c) = 28.54 x ( r t / r 25 ) 3 - 158.5 x ( r t / r 25 ) 2 + 474.8 x ( r t / r 25 ) - 319.85) ratio tolerance examples: at 40 c, ratio = 1.063 0.5 % (0.005) so, ratio = 1.058 to 1.068 at 125 c, ratio = 1.460 3 % (0.044) so, ratio = 1.416 to 1.504 ratio tolerances low temp. high temp. tol. - 55 c + 150 c 4 % - 40 c + 125 c 3 % - 20 c + 85 c 2 % 0 c + 55 c 1 % + 12 c + 40 c 0.5 % - 75 - 50 - 25 0 25 50 75 100 125 150 0.6 0.7 0. 8 0.9 1.0 1.1 1.2 1.3 1.4 1.6 1.5 1.7 temperature in c ratio ratio r t / r 25 max. min. max. min. - 75 - 50 - 25 0 25 50 75 100 150 temperature in c tcr in ppm/k tcr typical value 3600 3700 3 8 00 3900 4000 4100 4200 4300 4400 4600 4500 4 8 00 4700 125
legal disclaimer notice www.vishay.com vishay revision: 12-mar-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products no t expressly indicated for use in such applications do so at their own risk and agr ee to fully indemnify and hold vishay and it s distributors harmless from and against an y and all claims, liabilities, expenses and damages arising or resulting in connection with such use or sale , including attorneys fees, even if such claim alleges that vis hay or its distributor was negligent regarding th e design or manufacture of the part. please contact authorized vishay personnel t o obtain written terms and conditions regardin g products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu.


▲Up To Search▲   

 
Price & Availability of TFPTL10L1000FH5U

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X