Part Number Hot Search : 
AH289BPL TA0246A GDZ43 120N6 SG6518 RM13TR BA313 ASM3P2
Product Description
Full Text Search
 

To Download STP4435A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  STP4435A p channel enhanc ement mode mosfet - 10a stanson technology 120 bentley square, mount ain view, ca 94040 usa www.stansontech.com copyright ? 2007, stanson corp. description STP4435A is the p-channel logic enhancemen t mode power field effect transistor which is produced using high cell density, dmos trench technology. this high density process is especially tailored to minimize on-state resistance. these devices are particularly suited for low voltage application such as lcd backlight, notebook computer power management, and other battery powered circuits. feature z -30v/-9.2a, r ds(on) = 22m (typ.) @v gs =-10v z -30v/-7.0a, r ds(on) = 30m @v gs = -4.5v z super high density cell design for extremely low r ds(on) z exceptional on-resistance and maximum dc current capability z sop-8 package design pin configuration sop-8 part marking sop-8 STP4435A 2007. v1
STP4435A p channel enhanc ement mode mosfet - 10a stanson technology 120 bentley square, mount ain view, ca 94040 usa www.stansontech.com copyright ? 2007, stanson corp. STP4435A 2007. v1 absoulte maximum ratings (ta = 25 unless otherwise noted ) parameter symbol typical unit drain-source voltage v dss -30 v gate-source voltage v gss 20 v continuous drain current (tj=150 ) t a =25 t a =70 i d -10.0 -7.0 a pulsed drain current i dm -50 a continuous source current (diode conduction) i s -2.3 a power dissipation t a =25 t a =70 p d 2.8 1.8 w operation junction temperature t j -55/150 storgae temperature range t stg -55/150 thermal resistance-j unction to ambient r ja 70 /w
STP4435A p channel enhanc ement mode mosfet - 10a stanson technology 120 bentley square, mount ain view, ca 94040 usa www.stansontech.com copyright ? 2007, stanson corp. STP4435A 2007. v1 electrical characteristics ( ta = 25 unless otherwise noted ) parameter symbol condition min typ max unit static drain-source breakdown voltage v (br)dss v gs =0v,i d =-250ua -30 v gate threshold voltage v gs(th) v ds =v gs ,i d =-250 ua -1.0 -3.0 v gate leakage current i gss v ds =0v,v gs = 20v 100 na v ds =-30v,v gs =0v -1 zero gate voltage drain current i dss t j =55 v ds =-30v,v gs =0v -5 ua on-state drain current i d(on) v ds=- 5v,v gs =10v -40 a drain-source on-resistance r ds(on) v gs =-10v, i d =-9.2a v gs =-4.5v, i d =-7.0 0.022 0.030 forward tran conductance g fs v ds =-10v,i d =-9.0a 24 s diode forward voltage v sd i s =-2.0a,v gs =0v -0.8 -1.2 v dynamic total gate charge q g 16 24 gate-source charge q gs 2.3 gate-drain charge q gd v ds =-15v,v gs =-10v i d ? -9.a 4.5 nc input capacitance ciss 1650 output capacitance coss 350 reverse transfercapacitance crss v ds =-15v,vgs=0v f=1mhz 235 pf 16 30 turn-on time t d(on) tr 17 30 65 110 turn-off time t d(off) tf v dd =15v,r l =15 i d =-1.0a,v gen =-10v r g =6 35 80 ns
STP4435A p channel enhanc ement mode mosfe t - 10a stanson technology 120 bentley square, mount ain view, ca 94040 usa www.stansontech.com copyright ? 2007, stanson corp. typical characterictics (25 unless note) STP4435A 2007. v1
STP4435A p channel enhanc ement mode mosfet - 10a stanson technology 120 bentley square, mount ain view, ca 94040 usa www.stansontech.com copyright ? 2007, stanson corp. typical characterictics (25 unless note) STP4435A 2007. v1
STP4435A p channel enhanc ement mode mosfet - 10a sop-8 package outline stanson technology 120 bentley square, mount ain view, ca 94040 usa www.stansontech.com copyright ? 2007, stanson corp. STP4435A 2007. v1


▲Up To Search▲   

 
Price & Availability of STP4435A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X