Part Number Hot Search : 
P1500 MIC94161 LV8735V SC100 0PT10 CONTROL FRF502G 55T10
Product Description
Full Text Search
 

To Download SOP-8 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features short circuit protected outputs true differential input stage single supply operation: 3.0 v to 32 v low input bias currents internally compensated common mode range extends to negative supply single and split supply operation representative schematic diagram single supply dual operational amplifiers absolute maximum ratings ta = 25 parameter symbol rating unit power supply voltages single supply v cc 32 split supplies v cc , v ee 16 input differential voltage range *1 v idr 32 vdc input common mode voltage range *2 v icr -0.3 to 32 vdc output short circuit duration t sc continuous junction temperature t j 150 thermal resistance, junction-to-air r ja 238 /w storage temperature range t stg -55 to +125 operating ambient temperature range t a 0 to +70 *1 split power supplies. *2 for supply voltages less than 32 v the absolute maximum input voltage is equal to the supply voltage. vdc v ee /gnd inputs a inputs b output b output a v cc + + 1 2 3 4 8 7 6 5 (top view) (onehalf of circuit shown) output bias circuitry common to both amplifiers v cc v ee /gnd inputs q2 q3 q4 q5 q26 q7 q8 q6 q9 q11 q10 q1 2.4 k q25 q22 40 k q13 q14 q15 q16 q19 5.0 pf q18 q17 q20 q21 2.0 k q24 q23 q12 25 lm358 SOP-8 http://www.luguang.cn mail:lge@luguang.cn
el ectrical characteristics t a = 2 5 (v cc = 5. 0 v, v ee = gnd, t a = 25 , un les s o therwise note d.) parameter sym bol testc onditons min typ ma x unit v cc = 5.0 v t o 30 v, v ic = 0 v to v cc -1.7v v o 1.4 v , r s = 0 t a = 25 t a = t hi gh *5 9.0 t a = t l ow *5 9.0 avera ge tem pera ture coe ffi cient of input off set voltage v io / t t a = t hi gh to t l ow *5 7.0 v/ 5.0 50 150 t a = t hi gh to t l ow *5 -45 -250 -50 -500 avera ge tem pera ture coe ffi cient of input off set cur rent v io / t t a = t hi gh to t l ow *5 10 pa/ v cc = 30 v 0 28.3 v cc = 30 v, t a = t hi gh to t l ow 0 28 differential input v oltage ran ge v idr v cc v r l = 2.0 k v cc = 15 v, for large v o swing , 25 100 ta = t hi gh to t l ow 15 cha nnel separ ation c s 1.0 khz f 20 khz, i nput refere nced -120 db comm on m ode re jecti on c mr r s 10 k 65 70 db pow er supply rejection p sr 65 100 db t a = t hi gh to t l ow *5 v cc = 5.0 v, r l = 2.0k t a = 25 3.3 3.5 v cc = 30 v, r l = 2.0 k 26 v cc = 30 v, r l = 10 k 27 28 v cc = 5.0 v, r l = 10 k t a = thigh to tlow *5 output source curr ent i o+ v id = +1.0 v , v cc = 15 v 20 40 m a v id = -1.0 v , v cc = 15 v 10 20 m a v id = -1.0 v , v o = 200 m v 12 50 a output short circuit to ground *7 i sc 40 60 m a t a = t hi gh to t l ow *5 v cc = 30 v, v o = 0 v , r l = 1.5 3.0 v cc = 5 v , v o = 0 v , r l = 0.7 1.2 *5 tlow = 0 , thigh = +70 *6 the input com m on m ode v oltage or either input s ignal vo ltage should not be allow ed to go negative by m ore than 0.3 v. the uppe r end of the c om m on m ode v oltage ran ge is v cc -1.7 v. *7 short ci rcuits from the output t o vcc can c ause ex cess ive hea ting and eve ntual destructi on. destructive diss ipation can result from s im ultaneou s shorts on all am plifiers. input off set voltage v io m v i io 2.0 7.0 i ib na v/m v a vol v icr t a = t hi gh to t l ow *5 v larg e signal open loo p voltage gain input off set cur rent input bias curr ent input com m on m ode voltage ran ge *6 v oh output voltage-high lim it output voltage-low lim it v ol v pow er supply curr ent (total device) i cc m a 5 20 m v i o- output sink curr ent  lm358 mark ing mar king lm358 http://www.luguang.cn mail:lge@luguang.cn


▲Up To Search▲   

 
Price & Availability of SOP-8

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X