Part Number Hot Search : 
BUL1280 153PPA YD2025D 74HCU04 YD2025 IN5404 D8LC40 IN5404
Product Description
Full Text Search
 

To Download SML300HB12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  collector-emitter voltage v ce 1200 v dc collector current tc=70c, tvj=175c tc=25c,tvj=175c i c , nom ic 300 440 a repetitive peak collector current tp=1msec,tc=80c i crm 600 a total power dissipation tc=25c p tot 2380 w gate-emitter peak voltage v ges +/-20 v dc forward diode current i f 300 a repetitive peak forward current tp=1msec i frm 600 a i 2 t value per diode vr=0v, tp=10msec, tvj=125c i 2 t 19000 a 2 sec isolation voltage rms, 50hz, t=1min v isol 2500 v attributes: -aerospace build standard -high reliability -lightweight -metal matrix base plate -aln isolation -trench gate igbts maximum rated values/electrical properties SML300HB12 collector-emitter saturation voltage ic=300a,vge=15v, tc=25c ic=300a,vge=15v,tc=125c v ce(sat) 1.7 2.0 2.15 v gate threshold voltage ic=4.8ma,vce=vge, tvj=25c vge (th) 5.0 5.8 6.5 v input capacitance f=1mhz,tvj=25c,vce=25v, vge=0v c ies 21 nf reverse transfer capacitance f=1mhz,tvj=25c,vce=25v, vge=0v c res 0.85 nf collector emitter cut off current vce=1200v,vge=0v,tvj=25c i ces 1 5 ma gate emitter cut off current vce=0v,vge=20v,tvj=25c i ges 400 na
turn on delay time ic=300a, vcc=600v vge=+/15v,rg=2.4 ? ,tvj=25c vge=+/-15v,rg=2.4 ? ,tvj=125c t d,on 250 300 nsec nsec nsec rise time ic=300a, vcc=600v vge=+/-15v,rg=2.4 ? ,tvj=25c vge=+/-15v,rg=2.4 ? ,tvj=125c tr 90 100 nsec nsec nsec turn off delay time ic=300a, vcc=600v vge=+/-15v,rg=2.4 ? ,tvj=25c vge=+/-15v,rg=2.4 ? ,tvj=125c t d , off 550 650 nsec nsec nsec fall time ic=300a, vcc=600v vge=+/-15v,rg=2.4 ? ,tvj=25c vge=+/-15v,rg=2.4 ? ,tvj=125c t f 130 180 nsec nsec nsec turn on energy loss per pulse ic=300a,vce=600v,vge=+/-15v rge=2.4 ? ,l=30nh tvj=25c di/dt=6000a/sec tvj=125c e on 17 25 mj mj turn off energy loss per pulse ic=300a,vce=600v,vge=+/-15v rge=2.4 ? ,l=30nh tvj=25c di/dt=4000a/sec tvj=125c e off 29.5 44.0 mj mj sc data tp 10sec, vge 15v vcc=900v, vce (max)= vces-l di/dt tvj=125c i sc 1200 a stray module inductance l ce 30 nh terminal-chip resistance r c 1.0 m ? forward voltage ic=300a,vge=0v, tc=25c ic=300a,vge=0v, tc=125c v f 1.65 1.65 2.15 v v peak reverse recovery current if=300a, -di/dt=6000a/sec vce=300v,vge=-15v,tvj=25c vce=300v,vge=-15v,tvj=125c i rm 210 270 a a recovered charge if=300a, -di/dt=6000a/sec vce=300v,vge=-15v,tvj=25c vce=300v,vge=-15v,tvj=125c qr 30 56 c c reverse recovery energy if=300a, -di/dt=6000a/sec vce=300v,vge=-15v,tvj=25c vce=300v,vge=-15v,tvj=125c e rec 14 26 mj mj diode characteristics
thermal resistance junction to case igbt diode r j-c 0.063 0.11 k/w thermal resistance case to heatsink r c-hs 0.03 k/w maximum junction temperature tvj 175 c maximum operating temperature top -55 175 c storage temperature tstg -55 175 c thermal properties min typ max



circuit diagram


▲Up To Search▲   

 
Price & Availability of SML300HB12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X