Part Number Hot Search : 
E001425 2N5246 F2004 AX3015 PJD1NA80 1H330 LTO100 ILI9225
Product Description
Full Text Search
 

To Download SBR10100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  elektronische bauelemente SBR10100 voltage 100 v 10.0 amp schottky barrier rectifiers 01-june-2005 rev. b page 1 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed individually. + pin 1 pin 3 pin 2 case to-220 dimensions in millimeters .412 .248 .180 .050 .120 .158 .595 .550 .100 .051 .040 .108 (10.5) (6.3) (4.6) (1.27) (3.05) (4.0) (15.1) (14.0) (2.54) (1.3) (1.0) (2.75) max. max. max. min. max. max. 3.8 +.2 hole thru 1 2 3 rohs compliant product a suffix of ?-c? specifies halogen free features z low forward voltage drop z high current capability z high reliability z high surge current capability z epitaxial construction mechanical data z case: molded plastic z epoxy: ul94v-0 rate flame retardant z lead: lead solderable per mil-std-202 method 208 guaranteed z polarity: as marked z mounting position: any z weight: 1.93 grams (approximate) maximum ratings and electrical characteristics rating 25 c ambient temperature unles s otherwise specified. single phase half wave, 60hz, resistive or inductive load. for capacitive load, de-rate current by 20%. type number symbol SBR10100 units maximum recurrent peak reverse voltage v rrm 100 v working peak reverse voltage v rsm 100 v maximum dc blocking voltage v dc 100 v maximum average forward rectified current per leg per device i f 5 10 a peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method) i fsm 130 a maximum instantaneous forward voltage i f = 5 a, t a = 25 c, per leg i f = 5 a, t a = 125 c, per leg v f 0.82 0.70 v maximum dc reverse current at rated dc blocking voltage t a = 25 c t a = 100 c i r 0.05 10 ma typical junction capacitance (note 1) c j 350 pf typical thermal resistance (note 2) r ja 2.5 c /w dv / dt 10000 v / s operating temperature range t j t j -50 ~ +150 c storage temperature range t stg t stg -65 ~ +175 c notes: 1. measured at 1mhz and applied reverse voltage of 5.0v d.c. 2. thermal resistance junction to case.
elektronische bauelemente SBR10100 voltage 100 v 10.0 amp schottky barrier rectifiers 01-june-2005 rev. b page 2 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed individually. ratings and characteris tic curves (SBR10100) tc, case temperature ( 
) a verage forward current (a); per leg typical forward current derating curve 0 3 5 20 50 100 150 190 1 2 4 6 7 junction capacitance (pf) revise voltage (%) t yp ical junction ca p acitance 0 0.1 100 200 300 400 1 10 100 maximum non- repetitive forward surge current number of cycles at 60hz peak forwad surge current (a) 0 0 40 80 120 160 200 10 100 8.3ms single half sine wave jedec method tj=25 
5p 5p 0.4 5p 0.1 1 5 50 instantaneous forward current (a) ,per leg forward voltage (v) typical forward characteristic 0.5 0.6 0.7 0.8 0.9 1.0 100 
2 75 
0.001 0.01 0.1 1 10 90 30 50 70 110 10 reverse voltage(v) 5p typical reverse characteristic reverse curren t(ma) 50 
25 
100 
75 
50 
25 


▲Up To Search▲   

 
Price & Availability of SBR10100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X