Part Number Hot Search : 
NJU6053 5MF500 500T010E SMAZ5V6 RGP20B CSP20C04 WK090600 TXN20K
Product Description
Full Text Search
 

To Download S2055N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  inchange semiconductor product specification silicon npn power transistors S2055N description ? ? with to-3p(h)is package ? high voltage,high speed ? low collector saturation voltage ? built-in damper diode applications ? color tv horizontal output applications ? color tv switching regulator applications pinning pin description 1 base 2 collector 3 emitter absolute maximum ratings (ta=25 ?? ) symbol parameter conditions value unit v cbo collector-base voltage open emitter 1500 v v ceo collector-emitter voltage open base 700 v v ebo emitter-base voltage open collector 5 v i c collector current 8 a i cm collector current-peak 15 a i b base current 4 a p c collector power dissipation t c =25 ?? 50 w t j junction temperature 150 ?? t stg storage temperature -55~150 ?? thermal characteristics symbol parameter value unit r th j-c thermal resistance from junction to case 2.5 ??/w fig.1 simplified outline (to-3p(h)is) and symbol
inchange semiconductor product specification 2 silicon npn power transistors S2055N characteristics tj=25 ?? unless otherwise specified symbol parameter conditions min typ. max unit v ceo(sus) collector-emitter sustaining voltage i b =500ma ;v be =-1.7v;l=40mh 700 v v cesat-1 collector-emitter saturation voltage i c =4.5a ;i b =2.0a 1.0 v v cesat-2 collector-emitter saturation voltage i c =4.5a ;i b =1.0a 5.0 v v besat base-emitter saturation voltage i c =4.5a ;i b =1.0a 1.2 v i cbo collector cut-off current v cb =1500v; v be =0 1 ma i ebo emitter cut-off current v eb =5v; i c =0 300 ma h fe-1 dc current gain i c =1a ; v ce =5v 10 30 h fe-2 dc current gain i c =4.5a ; v ce =5v 4.5 9 c ob collector output capacitance i e =0 ; v cb =10v;f=1mhz 95 pf f t transition frequency i c =0.1a ; v ce =10v 2 mhz
inchange semiconductor product specification 3 silicon npn power transistors S2055N package outline fig.2 outline dimensions (unindicated tolerance: ? 0.15 mm)


▲Up To Search▲   

 
Price & Availability of S2055N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X