Part Number Hot Search : 
167BG MN3867S IMX211 STR71X 51730 S5L1454A EP2645 54HC1
Product Description
Full Text Search
 

To Download R1600F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  high volt age fast recovery rectifiers maximum ratings and electrical chara cteristics rating 25 c ambient temperature uniess otherwies specified. single phase half wave, 60hz, resistive or inductive load.for capacitive load, derate current by 20%. type number maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage maximum average forward rectified current .375"(9.5mm) lead length at ta=50 c fea tures mechanical da t a peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method) maximum instantaneous forward voltage at 0.5a/0.2a d.c. maximum dc reverse current ta=25 c at rated dc blocking voltage t a=100 c 500 200 30 5.0 100 500 ma a v * low forward voltage drop * high current capability * high reliability * high surge current capability * case: molded plastic * epoxy: ul 94v-0 rate flame retardant * lead: axial leads, solderable per mil-std-202, method 208 guranteed * polarity: color band denotes cathode end * mounting position: any weight: 0.34 grams r1200f thru r2500f 2.0 3.0 * vol t age range 1200 to 2500 volts current 500 & 200 m ampere v r1200f r1500f R1600F r1800f r2000f r2500f units 1200 1500 1600 1800 2000 2500 1200 1500 1600 1800 2000 2500 840 1050 1120 1260 1400 1750 v v maximum reverse recovery time (note 1) typical junction capacitance (note 2) 40 -65 +175 ns pf notes: 1. reverse recovery time test condition: if=0.5a, ir=1.0a, irr=0.25a 2. measured at 1mhz and applied reverse voltage of 4.0v d.c. do-41 dimensions in inches and (millimeters) 1.0(25.4) min. 1.0(25.4) min. .205(5.2) .166(4.2) .034(.9) .028(.7) dia. .107(2.7) .080(2.0) dia. operating and storage temperature range t j , t stg c a a
.1 1.0 10 100 rating and characteristic curves (r1200f thru r2500f) fig.1 - typical reverse characteristics r e v e r s e l e a k a g e c u r r e n t , ( m a ) percentage rated peak reverse vol tage 0 20 40 60 80 100 120 140 .01 fig.2-typical forward current dera ting curve a v e r a g e f o r w a r d c u r r e n t , ( m a ) tj=100 c tj=25 c 100 0 200 300 400 500 600 0 20 40 60 80 100 120 140 160 180 200 ambient temperature ( c) single phase half wave 60hz resistive or inductive load 0.375"(9.5mm) lead length fig.5-typical junction capacit ance reverse voltage,(v) j u n c t i o n c a p a c i t a n c e , ( p f ) 140 120 100 80 60 40 20 0 .01 .05 .1 .5 1 5 10 50 100 r12 00f ~r1 800 f r2000f~r25 00f (+) (+) 25vdc (approx.) ( ) ( ) pulse generator (note 2) oscilliscope (note 1) 1 non-inductive w notes: 1. rise time= 7ns max., input impedance= 1 megohm.22pf. 2. rise time= 10ns max., source impedance= 50 ohms. +0.5a 0 -0.25a -1.0a | || | | | | | 1cm set time base for 50 / 10ns / cm trr d.u.t. fig.3- test circuit diagram and reverse recovery time characteristics 10 noninductive 50 noninductive w w fig.4-maximum non-repetitive forward surge current 6 0 12 18 24 30 number of cycles at 60hz 1 10 5 50 100 tj=25 c 8.3ms single half sine wave jedec method p e a k f o r w a r d s u r g e c u r r e n t , ( a )


▲Up To Search▲   

 
Price & Availability of R1600F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X