Part Number Hot Search : 
TLHY5201 SP3232 1N2131RA ZR431C NCASF1 2405D 2SK18 SQ7414EN
Product Description
Full Text Search
 

To Download PTS120615V050 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  6-60 volt dc surface mount, polytron? ptc devices polytron ? pts1206 series 0911 bu-sb11986 page 1 of 4 data sheet 4397 1206 surface mount device description ? polytron? surface mount ptc device ? 6 to 60 volts ? current ratings from 0.05 to 2.0 amps ? fast time-to-trip ? low resistance ? halogen free ? lead free ? rohs compliant notes: i hold ? hold current: maximum current device will pass without interruption in 23c still air. i trip ? trip current: minimum current that will switch the device from low resistance to high resistance in 23c still air. v max : maximum continuous voltage device can withstand without damage at rated current. i max : maximum fault current device can withstand without damage at rated voltage. p d : power dissipated from device when in the tripped state in 23c still air. r i (min.): minimum resistance of device as supplied at 23c unless otherwise specified. r 1 (max.): maximum resistance of device when measured one hour post reflow (smd) or one hour post trip (radial-leaded device) at 23 c unless otherwise specified. specifications mark i hold i trip pd resistance ( ) agency catalog on v max i max @23c @23c typ. time to trip (max.) initial (r i ) post trip (r 1 ) information number part (vdc) (amps) (amps) (amps) (w) (amps) (sec) min. max. curus tuv pts120660v005 th 60 100 0.05 0.15 0.4 0.25 1.5 3.6 50 x x pts120660v010 ty 60 100 0.10 0.25 0.4 0.50 1.0 1.6 15 x x pts120630v012 tj 30 100 0.12 0.29 0.5 1.00 0.2 1.4 6 x x pts120630v016 tk 30 100 0.16 0.37 0.5 1.00 0.3 1.1 4.5 x x pts120624v020 tl 24 100 0.20 0.42 0.6 8.00 0.1 0.65 2.6 x x pts120616v025 tn 16 100 0.25 0.50 0.6 8.00 0.08 0.55 2.3 x x pts120616v035 tp 16 100 0.35 0.75 0.6 8.00 0.1 0.3 1.2 x x pts12066v050 tq 6 100 0.50 1.00 0.6 8.00 0.1 0.15 0.7 x x PTS120615V050 tq1 15 100 0.50 1.00 0.6 8.00 0.1 0.15 0.7 x x pts12066v075 tr 6 100 0.75 1.50 0.6 8.00 0.1 0.1 0.29 x x pts12066v100 ts 6 100 1.00 1.80 0.8 8.00 0.3 0.065 0.21 x x pts12066v110 tu 6 100 1.10 2.20 0.8 8.00 0.1 0.07 0.2 x x pts12066v150 tv 6 100 1.50 3.00 0.8 8.00 0.3 0.04 0.12 x x pts12066v200 tx 6 100 2.00 3.50 1.0 8.00 1.5 0.02 0.08 x x agency information ? curus: recognized card: file e343021 (i hold 0.05-2.0a) ? tuv file: r 50192872 part number system/ordering pt s 1206 6v 110 polytron? ptc device series surface mount dimension code maximum voltage current holding (i hold ) tape and reel packaging/quantities ? pts120630v012, pts120630v016, pts120624v020, pts120616v025, pts120616v035, pts12066v050, pts12066v075 - 5000 ptc devices per reel ? all others - 2500 ptc devices per reel applications ? medical equipment ? white goods ? telecommunications ? computers and peripherals ? rechargeable battery packs halogen hf free pb
0911 bu-sb11986 page 2 of 4 data sheet 4397 1206 package dimensions - mm abcde part number min. max. min. max. min. max. min. min. max. pts120660v005 3.00 3.50 1.50 1.80 0.50 0.90 0.125 0.08 0.45 pts120660v010 3.00 3.50 1.50 1.80 0.50 0.90 0.125 0.08 0.45 pts120630v012 3.00 3.50 1.50 1.80 0.35 0.90 0.125 0.08 0.45 pts120630v016 3.00 3.50 1.50 1.80 0.28 0.68 0.125 0.08 0.45 pts120624v020 3.00 3.50 1.50 1.80 0.28 0.68 0.125 0.08 0.45 pts120616v025 3.00 3.50 1.50 1.80 0.28 0.68 0.125 0.08 0.45 pts120616v035 3.00 3.50 1.50 1.80 0.28 0.68 0.125 0.08 0.45 pts12066v050 3.00 3.50 1.50 1.80 0.28 0.68 0.125 0.08 0.45 PTS120615V050 3.00 3.50 1.50 1.80 0.28 1.06 0.125 0.08 0.45 pts12066v075 3.00 3.50 1.50 1.80 0.28 0.85 0.125 0.08 0.45 pts12066v100 3.00 3.50 1.50 1.80 0.40 0.88 0.125 0.08 0.45 pts12066v110 3.00 3.50 1.50 1.80 0.40 0.88 0.125 0.08 0.45 pts12066v150 3.00 3.50 1.50 1.80 0.55 1.15 0.125 0.08 0.45 pts12066v200 3.00 3.50 1.50 1.80 0.55 1.15 0.125 0.08 0.45 time-to-trip curves at 23c 0.01 0.1 1 10 0.1 1 10 time in seconds fault c urrent (a) a : pts120660v005 b: pts120660v010 c : pts120630v012 d : pts120630v016 e: pts120624v020 f : pts120616v025 g : pts120616v035 h : pts12066v050 PTS120615V050 i: pts12066v075 j : pts12066v100 k: pts12066v110 l: pts12066v150 m : pts12066v200 a i h c g f e d b m l k j
0911 bu-sb11986 page 3 of 4 data sheet 4397 recommended wave solder profile recommended land pattern - mm (in) material composition ? terminal material: nickel/tin-plated copper t c -5c t max. ramp up rate = 3c/s max. ramp down rate = 6c/s preheat area t smax t smin t s t p t l temperature time 25 time 25c to peak supplier t p > t c - supplier t p t c user t p < t c - user t p t c -5c t p 0.0 25.0 50.0 75.0 100.0 125.0 150.0 175.0 200.0 -40 -20 0 20 40 60 80 100 120 percentage of derated current temperature (c) thermal derating curve environmental specifications characteristic value operating temperature range -40c to +85c surface temperature trip state 125c max. thermal shock +85c to -40c , 10 cycles, 5% typical resistance change solvent resistance mil-std-202 method 215, no change humidity age test +85c, 85% rh, 1000 hours 5% typical resistance change. specified temperature (23c 3c) storage temperature range -10c to +40c storage duration one year storage relative humidity < _75% storage conditions keep away from corrosive atmosphere and sunlight soldering methods ? wave solder - reservoir temperature: 260c (500f) - recommended time in reservoir: 10 seconds. ? infrared reflow - temperature: 260c - time: 10 seconds maximum at peak temperature. abc 2.0 (0.079) 1.0 (0.039) 1.9 (0.075) profile feature sn-pb eutectic assembly pb-free assembly preheat & soak temperature min (t smin ) 100c 150c temperature max (t smax ) 150c 200c time (t smin to t smax ) (t s ) 60-120 seconds 60-120 seconds average ramp-up rate (t smax to t p ) 3c/second max. 3c/second max. liquidous temperature (t l ) 183c 217c time at liquidous (t l ) 60-150 seconds 60-150 seconds peak package body temperature (t p )* see classification temp in table 4.1 see classification temp in table 4.2 time (t p )** within 5c of the specified 20** seconds 30** seconds classification temperature (t c ) average ramp-down rate (t p to t smax ) 6c/second max. 6c/second max. time 25c to peak temperature 6 minutes max. 8 minutes max. * tolerance for peak profile temperature (t p ) is defined as a supplier minimum and a user maximum. ** tolerance for time at peak profile temperature (t p ) is defined as a supplier minimum and a user maximum.
? 2011 cooper bussmann www.cooperbussmann.com 0911 bu-sb11986 page 4 of 4 data sheet 4397 the only controlled copy of this data sheet is the electronic read-only version located on the cooper bussmann network drive. al l other copies of this document are by definition uncontrolled. this bulletin is intended to clearly present comprehensive product data and provide technical information that will help the end user with desig n applications. cooper bussmann reserves the right, without notice, to change design or construction of any products and to discontinue or limit distribution of any products. cooper bussmann also reserves t he right to change or update, without notice, any technical information con- tained in this bulletin. once a product has been selected, it should be tested by the user in all possible applications. life support policy: cooper bussmann does not authorize the use of any of its products for use in life support devices or system s without the express written approval of an officer of the company. life sup- port systems are devices which support or sustain life, and whose failure to perform, when properly used in accordance with instr uctions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. b-b section a-a section reel specifications s3 reel packaging specifications for pts120660v005, pts120660v010, PTS120615V050, pts12066v100, pts12066v110, pts12066v150, pts12066v200 index a0 b0 k0 p0 p1 p2 t e f d0 d1 w 10p0 type 0.1 0.1 0.1 0.1 0.1 0.05 0.05 0.1 0.05 +0.1/-0 min. 0.1 0.2 1206 1.95 3.55 1.35 4.0 4.0 2.0 0.25 1.75 3.5 1.5 1.0 8.1 40.0 for pts120630v012, pts120630v016, pts120624v020, pts120616v025, pts120616v035, pts12066v050, pts12066v075 index a0 b0 k0 p0 p1 p2 t e f d0 d1 w 10p0 type 0.1 0.1 0.1 0.1 0.1 0.05 0.1 0.1 0.05 0.05 min. 0.3 0.2 1206 1.85 3.45 0.74 4.0 4.0 2.0 0.25 1.75 3.5 1.55 1.0 8.0 40.0


▲Up To Search▲   

 
Price & Availability of PTS120615V050

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X