Part Number Hot Search : 
MC333 N5817L F2012 B10100 M54HC40 XP1217 LF502RU N5817L
Product Description
Full Text Search
 

To Download PF501L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  PF501L thru pf505l 50amp standard recovery rectifier features maximum ratings mcc catalog number device marking maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage PF501L ---50v35v50v pf502l ---100v70v100v pf503l ---200v140v200v pf504l ---400v280v400v pf505l ---600v420v600v electrical characteristics @ 25 c unless otherwise specified average forward current i f(av) 50a t a = 125 c peak forward surge current i fsm 500a 8.3ms, half sine maximum instantaneous forward voltage v f 1.0vi fm = 50a;ta=25 o c 1.1v i fm = 100a;ta=25 o c maximum dc reverse current at rated dc blocking voltage i r 5 a 500 a t j = 25 c t j = 100 c maximum thermal resistance, junction *pulse test: pulse width 300 sec, duty cycle 2%                       mcc ? low cost ? low leakage ? low forward voltage drop ? high current capability ? for automotive applications 50 to 800 volts pressfit pressfit pressfit pressfit ? standard polarity : case is cathode ; lead is anode note for positive terminal part number is as shown pf501  
 omp onents 20736 marilla street chatsworth       
     ? operating temperature: -55 c to +150 c ? storage temperature: -55 c to +150 c for negative terminal add an "n" to the suffix of the part number . i.e. pf501nl revision: 4 2008/06/11 tm micro commercial components www. mccsemi .com 1 of 3 to case rthjc 12 o c/w a a e e d d f f b b c c di m e ns i o n s in c h es mm di m min max min max no t e a ? b c 2.62 2.43 f e 0.600 0.700 0.097 0.103 0.621 0.505 0.502 15.97 15.77 12.75 5.70 12.82 0.629 5.90 d 0.224 0.232 0.378 0.390 9.90 9.60 17.78 15.24
mcc PF501L thru pf505l revision: 4 2008/06/11 tm micro commercial components www. mccsemi .com 2 of 3 fig.4- typical reverse characteristics i n s t a n t a n e o u s r e v e r s e c u r r e n t . ( a ) 0 20 40 60 80 100 120 140 0.1 0.6 0.4 0.2 1 6 4 2 10 60 40 20 100 percent of ra ted peak reverse vol t age. (%) fig.2- maximum non-repetitive peak for w ard surge current p e a k f o r w a r d s u r g e c u r r e n t . ( a ) 1 10 100 200 60 80 100 400 600 number of cycles a t 60hz 8.3ms single half sine w ave jedec method t j =1 00 tj=25 c 0 tj=25 c 0 fig.3- typical for w ard characteristics i n s t a n t a n e o u s f o r w a r d c u r r e n t . ( a ) 0.6 1.0 1.4 1.8 2.2 0.2 0.1 1.0 10 100 1000 for w ard vol t age. (v) tj=25 c pulse width -300 s 2% duty cycle 0 fig.1- maximum for w ard current dera ting cur ve a v e r a g e f o r w a r d c u r r e n t . ( a ) 0 10 20 30 40 50 case tempera ture. ( c ) o 25 50 75 100 125 150 175 200 half sine w a ve 60hz resistive or inductive load
mcc revision: 4 2008/06/11 tm micro commercial components www. mccsemi .com 3 of 3 products are represented on our website, harmless against all damages. ***applications disclaimer*** ***important notice*** aerospace or military applications. products offer by micro commercial components corp . are not intended for use in medical, micro commercial components corp . reserves the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . micro commercial components corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . the user of products in such applications shall assume all risks of such use and will agree to hold micro commercial components corp . and all the companies whose ordering information device packing (part number)-bp bulk;100pcs/box


▲Up To Search▲   

 
Price & Availability of PF501L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X