PF501 thru pf505 50amp standard recovery rectifier features maximum ratings mcc catalog number device marking maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage PF501 --- 50v 35v 50v pf502 --- 100v 70v 100v pf503 --- 200v 140v 200v pf504 --- 400v 280v 400v pf505 --- 600v 420v 600v electrical characteristics @ 25 c unless otherwise specified average forward current i f(av) 50a t a = 125 c peak forward surge current i fsm 650a 8.3ms, half sine maximum instantaneous forward voltage v f 1.0v i fm = 50a; t j = 25 c* maximum dc reverse current at rated dc blocking voltage i r 5 a 500 a t j = 25 c t j = 100 c typical junction capacitance c j 150pf measured at 1.0mhz, v r =4.0v *pulse test: pulse width 300 sec, duty cycle 2% mcc ? low cost ? low leakage ? low forward voltage drop ? high current capability ? for automotive applications 50 to 600 volts pressfit pressfit pressfit pressfit ? standard polarity : case is cathode ; lead is anode note for positive terminal part number is as shown PF501 omp onents 20736 marilla street chatsworth
? operating temperature: -55 c to +150 c ? storage temperature: -55 c to +150 c for negative terminal add an "n" to the suffix of the part number . i.e. PF501n revision: 7 2007/07/30 a e d f b c dimensions inch es mm dim min max min max note a b c 0.621 0.505 0.501 15.97 15.77 12.73 5.70 12.82 0.629 5.90 d 0.224 0.232 0.378 0.390 9.90 9.60 ----- 28.00 e 1.32 1.22 f 1.102 ----- 0.048 0.052 tm micro commercial components www. mccsemi .com 1 of 3
instantaneous forward current - amperes versus seusrres ure rrrerss s s ure errureurre errureurreeres versus uereses s es vererreeurreeres versus eeerure ure rrerurve eseve essveruve s ue versus eversees ure ue s ru evs reres se
mcc revision: 7 2007/07/30 tm micro commercial components www. mccsemi .com 3 of 3 products are represented on our website, harmless against all damages. ***applications disclaimer*** ***important notice*** aerospace or military applications. products offer by micro commercial components corp . are not intended for use in medical, micro commercial components corp . reserve s the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . micro commercial components corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . the user of products in such applications shall assume all risks of such use and will agree to hold micro commercial components corp . and all the companies whose
|