Part Number Hot Search : 
HBL21000 0805C 20CTR WS628128 ST1115D HT932002 MBR8040 74409
Product Description
Full Text Search
 

To Download NTE1219 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  NTE1219 integrated circuit dual audio power amp, 15 w/ch absolute maximum ratings : (t a = +25 c unless otherwise specified) supply voltage (pin7 to pin4 or pin12), v cc 56v . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . available load shorting time (v cc = 39v, p o = 15w, r l = 8 ? , f = 50hz), t s 2sec . . . . . . . . . . . . . . operating case temperature, t c +85 c . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . storage temperature range, t stg ? 30 to +100 c . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . recommended operation ratings : (t a = +25 c unless otherwise specified) recommended supply voltage, v cc 39v . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . load resistance, r l 8 ? . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . operation charactersitics: (t a = +25 c, v cc = 39v, r l = 8 ? , r g = 600 ? , vg = 40db) parameter symbol test conditions min typ max unit quiescent current i cco v cc = 47v 20 60 120 ma output power p o f = 1khz, thd = 1.0% 15 ? ? w f = 30 to 20khz, thd = 1.0% 7.5 ? ? w total harmonic distortion thd f = 1khz, p o = 0.1w ? ? 0.2 % frequency response f p o = 0.1w, ? 3db 20 to 100k hz input resistance r i p o = 0.1w ? 110 ? k ? output noise voltage v no v cc = 47v, r g = 10k ? ? ? 0.8 mv rms note 1. these characteristics are tested using a voltage regulator when not noticed. note 2. output noise v oltage is defined as peak voltage of rms meter indicating average value and does not include pulse ? like noise.
v cc v cc 3.071 (90.7) 2.756 (70.0) .315 (8.0) .100 (2.54) 1.400 (35.56) .025 (.635) .020 (.508) .135 (3.43) dia (2 holes) .866 (22.0) 1.733 (44.0) .492 (12.5) 115 pin connection diagram (front view) feedback gnd gnd feedback feedback gnd 15 14 13 12 input rt ch gnd 11 output rt ch 10 9 8 7 feedback output lt ch 6 5 gnd 4 3 2 input lt ch 1


▲Up To Search▲   

 
Price & Availability of NTE1219

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X