Part Number Hot Search : 
3AA13 2SC37 2SC3923 BAT54 1N966B MBR520 B0967 324C8
Product Description
Full Text Search
 

To Download MPC7410NEPNS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  preliminarysubject to change without notice order number: MPC7410NEPNS/d rev. 0, 7/2001 semiconductor products sector this document contains information on a new product under development by motorola. motorola reserves the right to change or discontinue this product without notice. ? motorola, inc., 2001. all rights reserved. motorola part numbers affected: xpc7410rx400ne xpc7410rx450ne mpc7410 part number speci?cation for the rx xxx ne series this document describes part-number-speci?c changes to recommended operating conditions and revised electrical speci?cations, as applicable, from those described in the general mpc7410 hardware speci?cations (order #: mpc7410ec/d). speci?cations provided in this document supersede those in the mpc7410 hardware speci?cations , rev. 0.3 (dated 3/2001) for the part numbers listed in table a only. speci?cations not addressed herein are unchanged. because this document is frequently updated, refer to http://www.motorola.com/sps or to your motorola sales of?ce for the latest version. note that headings and table numbers in this document are not consecutively numbered. they are intended to correspond to the heading or table affected in the general hardware speci?cation. part numbers addressed in this document are listed in table a. for more detailed ordering information see table c.
2 mpc7410 part number speci?cation for the rxxxxne series errata errata this section summarizes design defects or errors (errata) that are known to exist for these parts. there may be additional errata that are not known or are not yet documented here which may cause the part to deviate from the functional description provided in the mpc7410 risc microprocessor users manual (order # mpc7410um/ad rev 0). contact your local motorola sales of?ce for later and/or more detailed description of the errata. the known errata as of the date of this document are summarized in table b. table a. part numbers addressed by this data sheet motorola part number operating conditions signi?cant differences from hardware speci?cation cpu frequency vdd t j (c) ovdd xpc7410rx400ne 400 mhz 1.5v50mv 0 to 105 1.8/2.5 v reduced core voltage to achieve lower power consumption. removes 3.3v ovdd support. for all ac/dc speci?cations not mentioned in this document, please refer to the xpc7410rx400le speci?cations in the general mpc7410 hardware speci?cations. 450 mhz 1.8v 100mv 0 to 105 1.8/2.5/3.3 v the xpc7410rx400ne also fully conforms to the xpc7410rx450le speci?cation. refer to the general mpc7410 hardware speci?cations. xpc7410rx450ne 450 mhz 1.5v50mv 0 to 105 1.8/2.5 v reduced core voltage to achieve lower power consumption.removes 3.3v ovdd support. for all ac/dc speci?cations not mentioned in this document, please refer to the xpc7410rx450le speci?cations in the general mpc7410 hardware speci?cations. 500 mhz 1.8v 100mv 0 to 105 1.8/2.5/3.3 v the xpc7410rx450ne also fully conforms to the xpc7410rx500le speci?cation. refer to the general mpc7410 hardware speci?cations. note: the x pre?x in a motorola powerpc part number designates a pilot production prototype as de?ned by motorola sop 3-13. these are from a limited production volume of prototypes manufactured, tested and q.a. inspected on a quali?ed technology to simulate normal production. these parts have only preliminary reliability and characterization data. before pilot production prototypes may be shipped, written authorization from the customer must be on ?le in the applicable sales of?ce acknowledging the quali?cation status and the fact that product changes may still occur while shipping pilot production prototypes.
mpc7410 part number speci?cation for the rxxxxne series 3 preliminarysubject to change without notice features 1.2 features this section summarizes changes to the features of the mpc7410 described in the mpc7410 hardware speci?cations . ? bus interface selectable interface voltages of 1.8 v, 2.5 v (3.3 v not supported) 1.4.1 dc electrical characteristics voltage to the l2 i/os and processor interface i/os are provided through separate sets of supply pins and may be provided at the voltages shown in table 2. # problem description impact work-around iftt mode does not identify dcbt/dst instructions as data fetches. the instruction fetch transaction type (iftt) encoding differentiation mode does not correctly identify dcbt/dst instructions as data fetches. any system which depends on iftt to differentiate instruction from data fetches. do the following: 1. replace dcbt/dst with dcbtst/dstst. 2. set hid0[nopti] and hid0[nopdst] to no-op all touch instructions. 3. remove dcbt/dst from the code. tau reports incorrect temperatures. the thermal assist unit (tau) reports temperatures between 35 to 55 degrees lower than actual. programmed trip temperatures will not trigger output interrupts even if actual temperatures exceed the setpoint by up to 55 degrees. none. table 2. input threshold voltage setting bvsel signal 3 processor bus input threshold is relative to: l2vsel signal 3 l2 bus input threshold is relative to: note 0 1.8 v 0 1.8 v 1 hreset 2.5 v hreset 2.5 v 1, 2 1 not supported 1 2.5 v 1, 4, 5 hreset not supported hreset not supported notes: 1. caution: the input threshold selection must agree with the ovdd/l2ovdd voltages supplied. 2. to select the 2.5-v threshold option, bvsel and/or l2vsel should be tied to hreset so that the two signals change state together. this is the preferred method for selecting this mode of operation. 3. to overcome the internal pull-up resistance, a pull-down resistance less than 250 ohms should be used. 4. default voltage setting if left unconnected (internal pulled-up). 5. caution: the xpc7410rxnnnne does not support the default ovdd setting of 3.3 v. the bvsel input must be tie either low or to hreset .
4 mpc7410 part number speci?cation for the rxxxxne series dc electrical characteristics table 3 provides the recommended operating conditions for the mpc7410 part numbers described herein. table 7 provides the power consumption for the mpc7410 part at the frequencies described herein. table 3. recommended operating conditions characteristic symbol recommended value unit core supply voltage vdd 1.5v 50mv v pll supply voltage avdd 1.5v 50mv v l2 dll supply voltage l2avdd 1.5v 50mv v processor bus supply voltage bvsel = 0 ovdd 1.8v 100mv v bvsel = hreset ovdd 2.5v 100mv v bvsel = hreset or bvsel = 1 ovdd not supported v l2 bus supply voltage l2vsel = 0 l2ovdd 1.8v 100mv v l2vsel = hreset or l2vsel = 1 l2ovdd 2.5v 100mv v input voltage processor bus and jtag signals v in gnd to ovdd v l2 bus v in gnd to l2ovdd v die-junction temperature t j 0-105 c note: these are the recommended and tested operating conditions. proper device operation outside of these conditions is not guaranteed. table 7. power consumption for mpc7410 processor (cpu) frequency processor (cpu) frequency unit notes 400mhz 450mhz full-on mode typical maximum 2.92 3.29 w 1, 3 6.6 7.43 w 1, 2, doze mode maximum 3.6 4.1 w 1, 2 nap mode maximum 1.35 1.5 w 1, 2 sleep mode maximum 1.3 1.45 w 1, 2
mpc7410 part number speci?cation for the rxxxxne series 5 preliminarysubject to change without notice ordering information 1.10 ordering information table c provides the ordering information for the mpc7410 part described in this part number speci?cation. 1.10.1 part marking parts are marked as the example shown in figure a. sleep modepll and dll disabled typical 0.6 0.6 w 1, 3 maximum 1.1 1.1 w 1, 2 notes: 1. these values apply for all valid processor bus and l2 bus ratios. the values do not include i/o supply power (ovdd and l2ovdd) or pll/dll supply power (avdd and l2avdd). ovdd and l2ovdd power is system dependent, but is typically <10% of vdd power. worst case power consumption for avdd = 15 mw and l2avdd = 15 mw. 2. maximum power is measured at 105 c and vdd = 1.5v while running an entirely cache-resident, contrived sequence of instructions which keep the execution units, including altivec, maximally busy. 3. typical power is an average value measured at 65 c and vdd = 1.5v in a system while running typical benchmarks. table c. ordering information for the mpc7410 microprocessor package type device rev process mask code cpu frequency (mhz) motorola part number 360 cbga 1.4 hip 6 84k65d 400mhz xpc7410rx400ne 450mhz xpc7410rx450ne table 7. power consumption for mpc7410 (continued) processor (cpu) frequency processor (cpu) frequency unit notes 400mhz 450mhz
6 mpc7410 part number speci?cation for the rxxxxne series ordering information figure a. motorola part marking for bga device bga notes : ccccc is the country of assembly (this space is left blank if parts are assembled in the united states) mmmmmm is the 6-digit mask number atwlyywwa is the traceability code xpc7410 rx450pd mmmmmm atwlyywwa 7410
mpc7410 part number speci?cation for the rxxxxne series 7 preliminarysubject to change without notice ordering information
information in this document is provided solely to enable system and software implementers to use powerpc microprocessors. ther e are no express or implied copyright licenses granted hereunder to design or fabricate powerpc integrated circuits or integrated circuits based on the information in this document. motorola reserves the right to make changes without further notice to any products herein. motorola makes no warranty, represen tation or guarantee regarding the suitability of its products for any particular purpose, nor does motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. typical parameters which may be provided in motorola data sheets and/or specifications can and do vary in different applications and actual perfor mance may vary over time. all operating parameters, including typicals must be validated for each customer application by customers technical ex perts. motorola does not convey any license under its patent rights nor the rights of others. motorola products are not designed, intended, or autho rized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, o r for any other application in which the failure of the motorola product could create a situation where personal injury or death may occur. should buyer pu rchase or use motorola products for any such unintended or unauthorized application, buyer shall indemnify and hold motorola and its officers, employe es, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising ou t of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that moto rola was negligent regarding the design or manufacture of the part. motorola and are registered trademarks of motorola, inc. motorola, inc. is an equal opportunity/affirmative action employer. how to reach us: usa/europe/locations not listed: motorola literature distribution; p.o. box 5405, denver, colorado 80217. 1-303-675-2140 or 1-800-441-2447 japan: motorola japan ltd.; sps, technical information center, 3-20-1, minami-azabu. minato-ku, tokyo 106-8573 japan. 81-3-3440 -3569 asia/pacific: motorola semiconductors h.k. ltd.; silicon harbour centre, 2 dai king street, tai po industrial estate, tai po, n .t., hong kong. 852-26668334 technical information center: 1-800-521-6274 home page: http://www.motorola.com/semiconductors document comments: fax (512) 933-2625, attn: risc applications engineering world wide web addresses : http://www.motorola.com/powerpc http://www.motorola.com/netcomm http://www.motorola.com/coldfire MPC7410NEPNS/d digitaldna is a trademark of motorola, inc. the powerpc name, the powerpc logotype, and powerpc 603e are trademarks of international business machines corporation used by motorola under license from international business machines corporation.


▲Up To Search▲   

 
Price & Availability of MPC7410NEPNS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X