Part Number Hot Search : 
FC130 APC78169 SB20100 M5454 1N4802A PKD43A SMDJ100 ADM691A
Product Description
Full Text Search
 

To Download MOC3020M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  l it e - o n t e ch no l o g y co rp o rat io n property of lite-on only features * isolation voltage between input and output v iso : 5,000v rms january 2010 * 6pin dip photocoupler, triac driver output * high repetitive peak off-state voltage v drm : min. 400v * high critical rate of rise of off-state voltage ( dv/dt : min. 100v / m s ) * dual-in-line package : moc3020, moc3021, moc3022, moc3023 * wide lead spacing package : MOC3020M, moc3021m, moc3022m, moc3023m * surface mounting package : moc3020s, moc3021s, moc3022s, moc3023s * tape and reel packaging : moc3020s-ta1, moc3021s-ta1, moc3022s-ta1, moc302 3s-ta1 * safety approval ul / csa / fimko / vde* approved *required v ordering option applications * motor controls * solid state relays * for triggering high power thyristor and triac * household use equipment part no. : moc3020 thru moc3023 series page : 1 of 9 bns-od-c131/a4 http://www.tenand.com ??e?????e?t1??? shenzhen tenand technology co.,ltd
l it e - o n t e ch no l o g y co rp o rat io n property of lite-on only outline dimensions dual-in-line package : wide lead spacing package: *1. year date code. *2. 2-digit work week. *3. factory identification mark shall be marked. (z : taiwan, y : thailand, x : china-tj, w : china- cz) *4. model no.: moc3020 ; moc3021 ; moc3022 ; mo c3023 part no. : moc3020 thru moc3023 series page : 2 of 9 bns-od-c131/a4
l it e - o n t e ch no l o g y co rp o rat io n property of lite-on only outline dimensions surface mounting package : *1. year date code. *2. 2-digit work week. *3. factory identification mark shall be marked. (z : taiwan, y : thailand, x : china-tj, w : china- cz) *4. model no.: moc3020 ; moc3021 ; moc3022 ; mo c3023 part no. : moc3020 thru moc3023 series page : 3 of 9 bns-od-c131/a4
l it e - o n t e ch no l o g y co rp o rat io n property of lite-on only taping dimensions tape and reel package ( type ii ): moc3020s-ta1, moc3021s-ta1, moc3022s-ta1, moc3023s- ta1 description symbol dimensions in mm ( inches ) tape wide w 16 0.3 ( .63 ) pitch of sprocket holes p 0 4 0.1 ( .15 ) distance of compartment f p 2 7.5 0.1 ( .295 ) 2 0.1 ( .079 ) distance of compartment to compartment p 1 12 0.1 ( .472 ) part no. : moc3020 thru moc3023 series page : 4 of 9 bns-od-c131/a4
l it e - o n t e ch no l o g y co rp o rat io n property of lite-on only absolute maximum rating ( ta = 25 c ) parameter symbol rating unit forward current i f 50 ma reverse voltage v r 6 v input power dissipation p d 70 mw off-state output terminal voltage v drm 400 v peak repetitive surge current ( pw=1ms, 120pps ) v tsm 1 a output collector power dissipation p c 300 mw total power dissipation p tot 330 mw *1 isolation voltage v iso 5,000 vrms ambient operating temperature range t a -40 ~ +100 c storage temperature range t stg -55 ~ +150 c *2 soldering temperature t l 260 c *1. ac for 1 minute, r.h. = 40 ~ 60% isolation voltage shall be measured using the follo wing method. (1) short between anode and cathode on the primary side and between collector, emitter on the secondary side. (2) the isolation voltage tester with zero-cross ci rcuit shall be used. (3) the waveform of applied voltage shall be a sine wave. *2. for 10 seconds part no. : moc3020 thru moc3023 series page : 5 of 9 bns-od-c131/a4
l it e - o n t e ch no l o g y co rp o rat io n property of lite-on only electrical - optical characteristics ( ta = 25 c ) parameter symbol min. typ. max. unit conditions forward voltage v f 1.15 1.5 v i f =20ma input reverse current i r 10 m a v r =6v *1 peak blocking current, either direction i drm 10 100 na v drm = 400v peak on-state voltage, either direction v tm 1.7 3 v i tm =100 ma peak output *2 critical rate of rise of off-state voltage dv/dt 100 v/ m s moc3020 15 30 moc3021 8 15 moc3022 10 *3 led trigger current, current required to latch output, either direction moc3023 i ft 5 ma main terminal voltage = 3v coupled holding current, either direction i h 250 m a *1 test voltage must be applied within dv/dt rating . *2 this is static dv/dt. commutating dv/dt is a fun ction of the load-driving thyristor(s) only. *3 all devices are guaranteed to trigger at an i f value less than or equal to max i ft . therefore, recommended operating i f lies between max i ft , 30 ma for moc3020, 15 ma for moc3021, 10 ma for moc3022, 5 ma for moc3023, and absol ute max i f (50ma) part no. : moc3020 thru moc3023 series page : 6 of 9 bns-od-c131/a4
l it e - o n t e ch no l o g y co rp o rat io n property of lite-on only characteristics curves fig.1 forward current vs. fig.2 on-state current vs. ambient temperature fig.4 forward current vs. forward f 0 -40 60 c 40 c 20 c ambient temperature fig.6 holding current vs. temperature fig.5 on-state voltage vs. ambient fig.3 minimum trigger current vs. ambient temperature f o r w a r d c u r r e n t i ( m a ) i , o n - s t a t e c u r r e n t ( a ) f o r w a r d c u r r e n t i f ( m a ) o n - s t a t e v o l t a g e v t ( v ) m i n i m u m t r i g g e r c u r r e n t i f t ( m a ) h o l d i n g c u r r e n t i h ( m a ) ambient temperature ta ( c) ambient temperature ta ( c) forward voltage vf (v) ambient temperature ( c) ambient temperature ta ( c) ambient temperature ta ( c) 0 20 40 60 80 100 60 0 0.4 1 2.0 0.01 20 40 60 80 100 20 1.0 100 20 0 10 oo o ambient temperature o o voltage it= 100ma 3.0 10 100 86 4 2 50 40 30 20 10 100 1 o 80 c o 100 c 0.05 0.10 t m v p = 6v r l = 100 2.6 2.2 1.4 1.8 40 80 60 o v p = 6v 0.8 1.2 1.6 o 80 60 40 o 0.1 120 -20 -40 -20 0 80 40 20 60 100 120 part no. : moc3020 thru moc3023 series page : 7 of 9 bns-od-c131/a4
l it e - o n t e ch no l o g y co rp o rat io n property of lite-on only characteristics curves recommended foot print patterns (mount pad) unit : mm part no. : moc3020 thru moc3023 series page : 8 of 9 bns-od-c131/a4
l it e - o n t e ch no l o g y co rp o rat io n property of lite-on only notes: - lite-on is continually improving the quality, rel iability, function or design and lite-on reserves the right to make changes without further notices. - the products shown in this publication are design ed for the general use in electronic applications such as office automation equipment, c ommunications devices, audio/visual equipment, electrical application and instrumentation. - for equipment/devices where high reliability or s afety is required, such as space applications, nuclear power control equipment, medi cal equipment, etc, please contact our sales representatives. - when requiring a device for any specific applic ation, please contact our sales in advice. - if there are any questions about the contents of this publication, please contact us at your convenience. - the contents described herein are subject to chan ge without prior notice. part no. : moc3020 thru moc3023 series page : 9 of 9 bns-od-c131/a4


▲Up To Search▲   

 
Price & Availability of MOC3020M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X