Part Number Hot Search : 
W83627SF PSB21384 31630 BA6392 ADTR2 MAX11611 TS103 M29F010
Product Description
Full Text Search
 

To Download MBRA1100T3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  20v-100v 1.0a mbra120t3 thru MBRA1100T3 1 of 2 web site: www.taychipst.com features e-mail: sales@taychipst.com maximum ratings and electrical characteristics m e c h a n i c a l d a t a plastic package has underwrit ers laboratory flammability classification 94v -o ut iliz ing flame retardant epox y m olding compound. for surfac e mounted applications. ex ceeds environmental standards of m il-s- 19500 / 228 low leakage current . case : mol ded plastic, jed ec do-214ac termi nals : solder plated, solderable per mi l-std-750, method 2026 pol arity : indicated by c athode band mounting p osition : any weight : 0.0015 ounce, 0.05 gram (v) (v) (v) (v) ( o c) mbra120t3 ss12 20 14 20 mbra130t3 ss13 30 21 30 mbra140t3 ss14 40 28 40 mbra150t3 ss15 50 35 50 mbra160t3 ss16 60 42 60 mbra180t3 ss18 80 56 80 MBRA1100T3 s110 100 70 100 0.50 0.70 0.85 -55 to +125 -55 to +150 symbols marking code operating temperature v rrm *1 v rms *2 v r *3 v f *4 maximum ratings (at t a =25 o c unless otherwise noted) parameter conditions symbol min. typ. max. unit forward rectified current see fig.1 i o 1.0 a forward surge current 8.3ms single half sine-wave superimposed on rate load (jedec methode) i fsm 30 a v r = v rrm t a = 25 o c 0.5 ma v r = v rrm t a = 125 o c 10 ma thermal resistance junction to ambient r q ja 88 o c / w diode junction capacitance f=1mhz and applied 4vdc reverse voltage c j 120 pf storage temperature t stg -55 +150 o c reverse current i r *1 repetitive peak reverse voltage *2 rms voltage *3 continuous reverse voltage *4 maximum forward voltage chip schottky barrier diodes
ratings and characteristic curves mbra120t3 thru MBRA1100T3 2 of 2 e-mail: sales@taychipst.com web site: www.taychipst.com 0.1 1.0 .01 10 50 fig.1-typical forward current dera ting curve a v e r a g e f o r w a r d c u r r e n t , ( a ) fig.4-typical junction capacit ance reverse voltage,(v) j u n c t i o n c a p a c i t a n c e , ( p f ) i n s t a n t a n e o u s f o r w a r d c u r r e n t , ( a ) forward volt age,(v) pulse width 300us 1% duty cycle 0.2 0.4 0.6 0.8 1.0 1.2 350 300 250 200 150 100 50 0 .01 .05 .1 .5 1 5 10 50 100 .1 .3 .5 .7 .9 1.1 1.3 1.5 3.0 .1 1.0 10 100 fig.5 - typical reverse characteristics r e v e r s e l e a k a g e c u r r e n t , ( m a ) 0 20 40 60 80 100 120 140 .01 tj=75 c m b r a 1 2 0 ~ m b r a 1 4 0 m b r a 1 5 0 ~ m b r a 1 1 0 0 m b r a 15 0~ m b r a 16 0 m br a1 80 ~m br a1 10 0 m b r a 12 0~ m b r a 14 0 tj=25 c tj=25 c ambient temperature,( c) 0 0 20 40 60 80 100 120 140 160 180 200 fig.2-typical forward characteristics percent of rated peak reverse vol tage,(%) fig.3-maximum non-repetitive forward surge current 0 12 6 18 30 24 number of cycles at 60hz 1 10 5 50 100 tj=25 c 8.3ms single half sine wave jedec method p e a k f o r w a r d s u r g e c u r r e n t , ( a ) 20v-100v 1.0a mbra120t3 thru MBRA1100T3 chip schottky barrier diodes


▲Up To Search▲   

 
Price & Availability of MBRA1100T3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X