|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
general description the MAX8731A is an smbus programmable multi- chemistry battery charger. the MAX8731A uses a mini- mal command set to easily program the charge voltage, charge current, and adapter current limit. the MAX8731A charges one to four li+ series cells and delivers up to 8a charge current. the MAX8731A drives n-channel mosfets for improved efficiency and reduced cost. low-offset current-sense amplifiers pro- vide high accuracy with 10m sense resistors. the MAX8731A current-sense amplifiers provide high accuracy (3% at 3.5a) and also provide fast cycle-by- cycle current-mode control to protect against battery short circuit and system load transients. the charger employs dual remote sense, which reduces charge time by measuring the feedback voltage directly at the battery, improving accuracy of initial transition into constant-voltage mode. the MAX8731A provides 0.5% battery voltage accuracy directly at the battery terminal. the MAX8731A provides a digital output that indicates the presence of the ac adapter, as well as an analog out- put that indicates the adapter current within 4% accuracy. the MAX8731A is available in a small 5mm x 5mm, 28-pin, thin (0.8mm) qfn package. an evaluation kit is available to reduce design time. the MAX8731A is avail- able in a lead-free package. applications notebook computers tablet pcs medical devices portable equipment with rechargeable batteries features ? 0.5% battery voltage accuracy ? 3% input current-limit accuracy ? 3% charge-current accuracy ? smbus 2-wire serial interface ? cycle-by-cycle current limit battery short-circuit protection fast response for pulse charging fast system-load-transient response ? dual-remote-sense inputs ? monitor outputs for adapter current (4% accuracy) ac adapter detection ? 11-bit battery voltage setting ? 6-bit charge-current/input-current setting ? 8a (max) battery charger current ? 11a (max) input current ? +8v to +26v input voltage range ? charges li+, nimh, and nicd battery chemistries MAX8731A smbus level 2 battery charger with remote sense ________________________________________________________________ maxim integrated products 1 ordering information typical operating circuit 19-0756; rev 0; 1/07 for pricing, delivery, and ordering information, please contact maxim/dallas direct! at 1-888-629-4642, or visit maxim? website at www.maxim-ic.com. smbus is a trademark of intel corp. + indicates a lead-free package. evaluation kit available part temp range pin- package pkg code MAX8731Aeti+ -40 c to +85 c 28 thin qfn (5mm x 5mm) t2855-6 external load dcin gnd ref acin batsel battery a battery b scl sda v dd gnd acok v cc ldo fbsb fbsa bst pgnd csin csip dlo lx dhi optional iinp ccv dac ccs cssp cssn selector batsel cci host scl sda vdd n n MAX8731A MAX8731A thin qfn 5mm x 5mm top view 26 27 25 24 10 9 11 acin ccs cci ccv dac 12 gnd dlo csip csin ldo fbsb fbsa 12 bst 4567 20 21 19 17 16 15 v cc cssn gnd v dd scl sda ref pgnd 3 18 28 8 cssp iinp *exposed paddle dhi 23 13 acok lx 22 14 batsel dcin pin configuration
smbus level 2 battery charger with remote sense 2 _______________________________________________________________________________________ absolute maximum ratings electrical characteristics (v dcin = v lx = v cssp = v cssn = 19v, v bst - v lx = 4.5v, v fbsa = v fbsb = v csip = v csin = 16.8v, batsel = gnd = pgnd = 0, c ldo = 1?, v cc = ldo, c ref = 1?, c dac = 0.1?, v dd = 3.3v, acin = 2.5v; pins cci, ccv, and ccs are compensated per figure 1; t a = 0 c to +85 c , unless otherwise noted. typical values are at t a = +25 c.) stresses beyond those listed under ?bsolute maximum ratings?may cause permanent damage to the device. these are stress rating s only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specificatio ns is not implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability. dcin, cssn, csin, fbsa, fbsb to gnd..............-0.3v to +28v cssp to cssn, csip to csin, pgnd to gnd ......-0.3v to +0.3v bst to gnd ............................................................-0.3v to +32v bst to lx..................................................................-0.3v to +6v dhi to lx.................................................-0.3v to +(v bst + 0.3)v dlo to pgnd..........................................-0.3v to +(ldo + 0.3)v lx to gnd .................................................................-6v to +28v cci, ccs, ccv, dac, ref, iinp to gnd...........................................-0.3v to (v vcc + 0.3)v v dd , scl, sda, batsel, acin, acok, v cc to gnd, ldo to pgnd ......................................................-0.3v to +6v continuous power dissipation (t a = +70 c) 28-pin thin qfn (derate 20.8mw/ c above +70 c) ........................1666.7 mw operating temperature range ...........................-40 c to +85 c junction temperature ......................................................+150 c storage temperature range .............................-60 c to +150 c lead temperature (soldering, 10s) .................................+300 c parameter conditions min typ max units charge-voltage regulation 16.716 16.8 16.884 v chargingvoltage() = 0x41a0 -0.5 +0.5 % 12.491 12.592 12.693 v chargingvoltage() = 0x3130 -0.8 +0.8 % 8.333 8.4 8.467 v chargingvoltage() = 0x20d0 -0.8 +0.8 % 4.150 4.192 4.234 v battery full-charge voltage and accuracy chargingvoltage() = 0x1060 -1.0 +1.0 % battery undervoltage-lockout trip point for trickle charge 2.5 v charge-current regulation csip-to-csin full-scale current- sense voltage 78.22 80.64 83.06 mv 7.822 8.064 8.306 a rs2, figure 1 = 10m ; chargingcurrent() = 0x1f80 -3 +3 % 3.809 3.968 4.126 a rs2, figure 1 = 10m ; chargingcurrent() = 0x0f80 -4 +4 % charge current and accuracy rs2, figure 1 = 10m ; chargingcurrent() = 0x0080 (128ma) 64 400 ma charge-current gain error based on chargecurrent() = 128ma and 8.064a -2 +2 % fbsa/fbsb/csip/csin input voltage range 0 19 v MAX8731A MAX8731A smbus level 2 battery charger with remote sense _______________________________________________________________________________________ 3 electrical characteristics (continued) (v dcin = v lx = v cssp = v cssn = 19v, v bst - v lx = 4.5v, v fbsa = v fbsb = v csip = v csin = 16.8v, batsel = gnd = pgnd = 0, c ldo = 1?, v cc = ldo, c ref = 1?, c dac = 0.1?, v dd = 3.3v, acin = 2.5v; pins cci, ccv, and ccs are compensated per figure 1; t a = 0 c to +85 c , unless otherwise noted. typical values are at t a = +25 c.) parameter conditions min typ max units adapter present, not charging, i csip + i csin + i lx + i fbs, v fbs_ = v lx = v csin = v csip = 19v 2 5 battery quiescent current ad ap ter ab sent, i c s i p + i c s i n + i lx + i fbs a + i fbs b + i c s s p + i c s s n , v fbs _ = v lx = v c s i n = v c s i p = 19v , v d c i n = 0v +1 ? v adapter = 26v, v battery = 16.8v, not charging 200 500 ? charging 0.4 1 ma v adapter = 19v, v battery = 16.8v not charging 200 500 ? charging 0.4 1 ma adapter quiescent current i dcin + i cssp + i cssn v adapter = 8v, v battery = 4v not charging 200 500 ? input-current regulation cssp-to-cssn full-scale current-sense voltage v fbs_ = 19v 106.7 110 113.3 mv rs1, figure 1 = 10m , inputcurrent() = 11004ma or 3584ma -3 +3 input current accuracy rs1, figure 1 = 10m , inputcurrent() = 2048ma -5 +5 % por input current rs1, figure 1 = 10m 256 ma input current-limit gain error -2 +2 % input current-limit offset based on inputcurrent() = 1024ma and 11004ma -1 +1 mv cssp/cssn input voltage range 8 26 v iinp transconductance v cssp - cssn = 110mv 2.85 3.0 3.15 ma/v iinp offset based on v cssp - cssn = 110mv and 20mv -1.5 +1.5 mv v cssp - cssn = 110mv -5 +5 v cssp - cssn = 55mv or 35mv -4 +4 iinp accuracy v cssp - cssn = 20mv -10 +10 % iinp output voltage range 0 3.5 v supply and linear regulator dcin, input voltage range 8.0 26.0 v dcin falling 7 7.4 dcin undervoltage-lockout trip point dcin rising 7.5 7.85 v v cssp - v csin falling 9 15 21 power-fail threshold v cssp - v csin rising 160 210 271 mv MAX8731A smbus level 2 battery charger with remote sense 4 _______________________________________________________________________________________ electrical characteristics (continued) (v dcin = v lx = v cssp = v cssn = 19v, v bst - v lx = 4.5v, v fbsa = v fbsb = v csip = v csin = 16.8v, batsel = gnd = pgnd = 0, c ldo = 1?, v cc = ldo, c ref = 1?, c dac = 0.1?, v dd = 3.3v, acin = 2.5v; pins cci, ccv, and ccs are compensated per figure 1; t a = 0 c to +85 c , unless otherwise noted. typical values are at t a = +25 c.) parameter conditions min typ max units ldo output voltage 8.0v < v dcin < 28v, no load 5.25 5.4 5.55 v ldo load regulation 0 < i ldo < 30ma 34 100 mv ldo undervoltage-lockout threshold v dcin = 8.0v, v ldo falling 3.20 4.00 5.15 v v dd range 2.7 5.5 v v dd uvlo rising 2.5 2.7 v v dd uvlo hysteresis 100 mv v dd quiescent current dcin < 6v, v dd = 5.5v, scl = sda = 5.5v 16 27 ? reference ref output voltage 0 < i ref < 500? 4.071 4.096 4.120 v ref undervoltage-lockout trip point ref falling 3.1 3.9 v acok acok sink current v acok = 0.4v, acin = 1.5v 1 ma acok leakage current v acok = 5.5v, acin = 2.5v 1 ? acin acin threshold 2.007 2.048 2.089 v acin threshold hysteresis 10 20 30 mv acin input bias current -1 +1 ? remote-sense inputs fbs_ range v csin - v fbs 0 200 mv fbs_ gain v csin / (v csin - v fbs_ ) 0.95 1.00 1.05 v/v csin-fbs_ clamp voltage 225 250 275 mv fbs_ bias current charger switching, fbs_ selected 14 ? fbs_ bias current charger not switching or fbs_ not selected -2 +2 ? switching regulator v csin = 16.0v, v cssp = 19v 360 400 440 off-time v csin = 16.0v, v cssp = 17v 260 300 360 ns bst supply current dhi high 500 800 ? lx input bias current v dcin = 28v, v csin = v lx = 20v , dhi low 2 ? maximum discontinuous-mode peak current (i min ) 0.5 a dhi on-resistance low i dhi = -10ma 1 3 dhi on-resistance high i dhi = 10ma 3 5 dlo on-resistance high i dlo = 10ma 3 5 dlo on-resistance low i dlo = -10ma 1 3 electrical characteristics (continued) (v dcin = v lx = v cssp = v cssn = 19v, v bst - v lx = 4.5v, v fbsa = v fbsb = v csip = v csin = 16.8v, batsel = gnd = pgnd = 0, c ldo = 1?, v cc = ldo, c ref = 1?, c dac = 0.1?, v dd = 3.3v, acin = 2.5v; pins cci, ccv, and ccs are compensated per figure 1; t a = 0 c to +85 c , unless otherwise noted. typical values are at t a = +25 c.) MAX8731A smbus level 2 battery charger with remote sense _______________________________________________________________________________________ 5 parameter conditions min typ max units error amplifiers gmv amplifier transconductance c har g i ng v ol tag e( ) = 16.8v , v fbs_ = 16.8v 0.0625 0.125 0.2500 ma/v gmi amplifier transconductance chargingcurrent() = 3968ma, v csip - v csin = 39.68mv 0.5 1.0 2.0 ma/v gms amplifier transconductance inputcurrent() = 3968ma, v cssp - v cssn = 79.36mv 0.5 1.0 2.0 ma/v cci/ccs/ccv clamp voltage 0.25v < v cci/s/v < 2.0v 120 250 600 mv logic levels sda/scl input-low_voltage v dd = 2.7v to 5.5v 0.8 v sda/scl input-high_voltage v dd = 2.7v to 5.5v 2.1 v sda/scl input bias current v dd = 2.7v to 5.5v -1 +1 ? batsel input-low_voltage 0.8 v batsel input-high_voltage 2.1 v batsel input bias current -1 +1 ? sda, output sink current v (sda) = 0.4v 6 ma smbus timing specifications (v dd = 2.7v to 5.5v) (see figures 4 and 5) parameters symbol conditions min typ max units smbus frequency f smb 10 100 khz bus free time t buf 4.7 ? start condition hold time from scl t hd:sta 4 ? start condition setup time from scl t su:sta 4.7 ? stop condition setup time from scl t su:sto 4 ? sda hold time from scl t hd:dat 300 ns sda setup time from scl t su:dat 250 ns scl low timeout t timeout (note 1) 25 35 ms scl low period t low 4.7 ? scl high period t high 4 ? maximum charging period without a chargevoltage() or chargecurrent() command 140 175 210 s MAX8731A smbus level 2 battery charger with remote sense 6 _______________________________________________________________________________________ electrical characteristics (v dcin = v lx = v cssp = v cssn = 19v, v bst - v lx = 4.5v, v fbsa = v fbsb = v csip = v csin = 16.8v, batsel = gnd = pgnd = 0, c ldo = 1?, v cc = ldo, c ref = 1?, c dac = 0.1? , v dd = 3.3v, acin = 2.5v; pins cci, ccv, and ccs are compensated per figure 1; t a = -40? to +85? , unless otherwise noted.) (note 2) parameter conditions min typ max units charge-voltage regulation 16.632 16.968 v chargingvoltage() = 0x41a0 -1 +1 % 12.466 12.717 v chargingvoltage() = 0x3130 -1 +1 % 8.316 8.484 v chargingvoltage() = 0x20d0 -1 +1 % 4.129 4.255 v battery full-charge voltage and accuracy chargingvoltage() = 0x1060 -1.5 +1.5 % charge-current regulation csip-to-csin full-scale current- sense voltage 78.22 83.05 mv 7.822 8.305 a rs2, figure 1 = 10m ; chargingcurrent()= 0x1f80 -3 +3 % 3.809 4.126 a rs2, figure 1 = 10m ; chargingcurrent() = 0x0f80 -4 +4 % charge current and accuracy rs2, figure 1 =10m ; chargingcurrent() = 0x0080 30 400 ma charge-current gain error based on chargecurrent() = 128ma and 8.064a -2 +2 % fbsa/fbsb/csip/csin input- voltage range 0 19 v adapter present, not charging, i csip + i csin + i lx + i fbs , v fbs_ = v lx = v csin = v csip = 19v 5 battery quiescent current adapter absent, i csip + i csin + i lx + i fbsa + i fbsb + i cssp + i cssn , v fbs_ = v lx = v csin = v csip = 19v, v dcin = 0v 1 ? v a d a p t er = 26v , v b at te r y = 16.8v , not char g i ng 500 ? charging 1 ma v adapter = 19v, v battery = 16.8v not charging 500 ? charging 1 ma adapter quiescent current i dcin + i cssp + i cssn v adapter = 8v, v battery = 4v not charging 500 ? MAX8731A smbus level 2 battery charger with remote sense _______________________________________________________________________________________ 7 electrical characteristics (continued) (v dcin = v lx = v cssp = v cssn = 19v, v bst - v lx = 4.5v, v fbsa = v fbsb = v csip = v csin = 16.8v, batsel = gnd = pgnd = 0, c ldo = 1?, v cc = ldo, c ref = 1?, c dac = 0.1? , v dd = 3.3v, acin = 2.5v; pins cci, ccv, and ccs are compensated per figure 1; t a = -40? to +85? , unless otherwise noted.) (note 2) parameter conditions min typ max units input-current regulation cssp-to-cssn full-scale current-sense voltage v fbs_ = 19v 103.3 116.6 mv rs1, figure 1 = 10m ; inputcurrent() = 11004ma or 3584ma -6 +6 input current accuracy rs1, figure 1 = 10m ; inputcurrent() = 2048ma -5 +5 % input current-limit gain error based on inputcurrent() = 1024ma and 11004ma -5 +5 % input current-limit offset based on inputcurrent() = 1024ma and 11004ma -1 +1 mv cssp/cssn input voltage range 8 26 v iinp transconductance v cssp - cssn = 110mv 2.7 3.3 ma/v iinp offset based on v cssp - cssn = 110mv and 20mv -1.5 +1.5 mv v cssp - cssn = 110mv -5 +5 v cssp - cssn = 55mv or 35mv -4 +4 iinp accuracy v cssp - cssn = 20mv -10 +10 % iinp output voltage range 0 3.5 v supply and linear regulator dcin, input voltage range 8.0 26.0 v dcin falling 7 dcin undervoltage-lockout trip point dcin rising 7.85 v cssp - v csin falling 9 21 power_fail threshold v cssp - v csin rising 160 271 mv ldo output voltage 8.0v < v dcin < 28v, no load 5.25 5.55 v ldo load regulation 0 < i ldo < 30ma 100 mv ldo undervoltage-lockout threshold v dcin = 8.0v, v ldo falling 3.20 5.15 v v dd range 2.7 5.5 v v dd uvlo rising 2.7 v v dd quiescent current dcin < 6v, v dd = 5.5v, scl = sda = 5.5v 27 ? reference ref output voltage 0 < i ref < 500? 4.053 4.139 v ref undervoltage-lockout trip point ref falling 3.9 v acok acok sink current v acok = 0.4v, acin = 1.5v 1 ma MAX8731A smbus level 2 battery charger with remote sense 8 _______________________________________________________________________________________ electrical characteristics (continued) (v dcin = v lx = v cssp = v cssn = 19v, v bst - v lx = 4.5v, v fbsa = v fbsb = v csip = v csin = 16.8v, batsel = gnd = pgnd = 0, c ldo = 1?, v cc = ldo, c ref = 1?, c dac = 0.1? , v dd = 3.3v, acin = 2.5v; pins cci, ccv, and ccs are compensated per figure 1; t a = -40? to +85? , unless otherwise noted.) (note 2) parameter conditions min typ max units acin acin threshold 2.007 2.089 v acin threshold hysteresis 10 30 mv remote-sense inputs fbs_ range v csin - v fbs 0 200 mv fbs_ gain v csin / (v csin - v fbs_ ) 0.9 1.1 v/v csin-fbs_ clamp voltage 220 280 mv fbs_ bias current charger switching, fbs_ selected 14 ? switching regulator v csin = 16.0v, v cssp = 19v 360 440 off-time v csin = 16.0v, v cssp = 17v 260 350 ns bst supply current dhi high 800 ? dhi on-resistance low i dhi = -10ma 3 dhi on-resistance high i dhi = 10ma 5 dlo on-resistance high i dlo = 10ma 5 dlo on-resistance low i dlo = -10ma 3 error amplifiers gmv amplifier transconductance c har g i ng v ol tag e( ) = 16.8v , v fbs_ = 16.8v 0.0625 0.2500 ma/v gmi amplifier transconductance chargingcurrent() = 3968ma, v csip - v csin = 39.68mv 0.5 2.0 ma/v gms amplifier transconductance inputcurrent() = 3968ma, v cssp - v cssn = 79.36mv 0.5 2.0 ma/v cci/ccs/ccv clamp voltage 0.25v < v cci/s/v < 2.0v 150 600 mv logic levels sda/scl input low voltage v dd = 2.7v to 5.5v 0.8 v sda/scl input high voltage v dd = 2.7v to 5.5v 2.3 v batsel input low voltage 0.8 v batsel input high voltage 2.3 v sda, output sink current v (sda) = 0.4v 6 ma MAX8731A smbus level 2 battery charger with remote sense _______________________________________________________________________________________ 9 electrical characteristics (continued) (v dcin = v lx = v cssp = v cssn = 19v, v bst - v lx = 4.5v, v fbsa = v fbsb = v csip = v csin = 16.8v, batsel = gnd = pgnd = 0, c ldo = 1?, v cc = ldo, c ref = 1?, c dac = 0.1? , v dd = 3.3v, acin = 2.5v; pins cci, ccv, and ccs are compensated per figure 1; t a = -40? to +85? , unless otherwise noted.) (note 2) smb timing specification (v dd = 2.7v to 5.5v) (see figures 4 and 5) parameters symbol conditions min typ max units smbus frequency f smb 10 100 khz bus free time t buf 4.7 ? start condition hold time from scl t hd:sta 4 ? start condition setup time from scl t su:sta 4.7 ? stop condition setup time from scl t su:sto 4 ? sda hold time from scl t hd:dat 300 ns sda setup time from scl t su:dat 250 ns scl low timeout t timeout (note 1) 25 35 ms scl low period t low 4.7 ? scl high period t high 4 ? maximum charging period without a chargevoltage() or chargecurrent() command 140 210 s note 1: devices participating in a transfer time out when any clock low exceeds the 25ms minimum timeout period. devices that have detected a timeout condition must reset the communication no later than the 35ms maximum timeout period. both a master and a slave must adhere to the maximum value specified as it incorporates the cumulative stretch limit for both a master (10ms) and a slave (25ms). note 2: specifications to -40 c are guaranteed by design, not production tested. MAX8731A smbus level 2 battery charger with remote sense 10 ______________________________________________________________________________________ typical operating characteristics (circuit of figure 1, adapter = 19.5v, chargevoltage() = 16.8v, chargecurrent() = 3.854a, inputcurrent() = 3.584a, t a = +25?, unless otherwise noted.) input current-limit error vs. input current-limit setting input current-limit setting (a) input current-limit error (%) MAX8731A toc01 0246810 -6 -2 -4 0 2 4 6 maximum minimum typical input current-limit error vs. system current system current (a) input current-limit error (%) MAX8731A toc02 01234 -0.4 -0.2 0 0.2 0.4 input current limit = 2.048a input current limit = 3.584a input current limit = 4.096a input current-limit error vs. system current system current (a) input current-limit error (%) MAX8731A toc03 01234 -1.0 -0.8 -0.6 -0.4 -0.2 0 0.2 0.4 0.6 0.8 1.0 v batt = 8.4v v batt = 16.8v v batt = 12.6v input current limit = 3.584a iinp error vs. system current system current (a) iinp error (%) MAX8731A toc04 01.0 0.5 2.0 1.5 2.5 3.0 3.5 4.0 -1.0 -0.8 -0.6 -0.4 -0.2 0 0.2 0.4 0.6 0.8 1.0 input current limit = 2.048a input current limit = 3.584a input current limit = 4.096a operating at input current limit iinp error vs. system current system current (a) iinp error (%) MAX8731A toc05 01234 0 0.5 1.0 1.5 2.0 2.5 v batt = 8.4v v batt = 12.6v v batt = 16.8v input current limit = 3.584a iinp error vs. input current input current (a) iinp error (%) MAX8731A toc06 0123456 -10 -6 -8 -2 2 6 -4 0 4 8 10 maximum minimum typical not switching charge-current error vs. charge current-limit setting charge-current setting (a) charge-current limit error (%) MAX8731A toc07 024 8 6 -10 -6 -8 -2 2 6 -4 0 4 8 10 maximum minimum typical charge-current error vs. battery voltage battery voltage (v) charge-current error (%) MAX8731A toc08 3 6 9 12 15 18 -4 -2 0 2 4 3.072a 3.968a 8.064a trickle-charge current error vs. battery voltage battery voltage (v) trickle-charge current error (%) MAX8731A toc09 0 3 6 9 12 15 18 -30 -25 -15 -20 -10 -5 0 5 chargecurrent( ) = 128ma charge-voltage error vs. charge-voltage setting charge-voltage setting (v) charge-voltage error (%) MAX8731A toc10 4 8 12 16 20 -0.6 -0.4 -0.2 0.0 0.2 0.4 0.6 battery-voltage error vs. charge current charge current (a) battery-voltage error (%) MAX8731A toc11 0123456 -0.3 -0.2 -0.1 0 0.1 0.2 0.3 3 cells 2 cells 4 cells battery removal 20 s/div MAX8731A toc12 13.5v 13.0v 12.5v v out output capacitor = 22 f chargevoltage( ) = 12.6v v out output capacitor = 10 f system load transient 200 s/div MAX8731A toc13 load current adapter current inductor current ccs voltage 500mv/div cci voltage 500mv/div 5a 0a 0a 5a 5a 0a 500mv/div 500mv/div cci ccs cci ccs efficiency vs. charge current charge current (a) efficiency (%) MAX8731A toc14 02468 60 65 70 75 80 85 90 95 100 2 cells 3 cells 4 cells ldo load regulation i ldo (ma) ldo error (mv) MAX8731A toc15 0 20406080100 -40 -35 -30 -25 -20 -15 -10 -5 0 charger off MAX8731A smbus level 2 battery charger with remote sense ______________________________________________________________________________________ 11 typical operating characteristics (continued) (circuit of figure 1, adapter = 19.5v, chargevoltage() = 16.8v, chargecurrent() = 3.854a, inputcurrent() = 3.584a, t a = +25?, unless otherwise noted.) typical operating characteristics (continued) (circuit of figure 1, adapter = 19.5v, chargevoltage() = 16.8v, chargecurrent() = 3.854a, inputcurrent() = 3.584a, t a = +25?, unless otherwise noted.) MAX8731A smbus level 2 battery charger with remote sense 12 ______________________________________________________________________________________ switching frequency v adapter - v battery (v) frequency (khz) MAX8731A toc19 0 5 10 15 20 150 200 250 300 350 400 450 battery-charge curve time (h) charge current (a) MAX8731A toc20 battery voltage (v) 10.0 10.5 11.0 11.5 12.0 12.5 13.0 0123456 0 1 2 3 4 5 battery voltage charge current 2.8ah x 3s3p battery adapter current vs. adapter voltage adapter voltage (v) adapter current (ma) MAX8731A toc21 0 5 10 15 20 25 30 0 0.5 1.0 1.5 2.0 2.5 3.0 not switching switching, no load chargevoltage( ) = 4.192v battery-leakage current vs. battery voltage battery voltage (v) battery current ( a) MAX8731A toc22 0 5 10 15 20 0 0.5 1.0 1.5 2.0 2.5 adapter present or absent ldo line regulation v dcin (v) ldo error (mv) MAX8731A toc16 8 131823 -6 -5 -4 -3 -2 -1 0 not switching ref load regulation i ref (ma) ref error (%) MAX8731A toc17 0 0.2 0.4 0.6 0.8 1.0 -0.20 -0.15 -0.10 -0.05 0 0.05 0.10 0.15 0.20 not switching ref error vs. temperature temperature ( c) ref error (%) MAX8731A toc18 -40 -20 0 20 40 60 80 -0.3 -0.2 -0.1 0 0.1 0.2 0.3 MAX8731A smbus level 2 battery charger with remote sense ______________________________________________________________________________________ 13 pin description pin name function 1, 12 gnd analog ground. connect directly to the paddle. 2 acin ac adapter detect input. acin is the input to an uncommitted comparator. 3 ref 4.096v voltage reference. bypass ref with a 1? capacitor to gnd. 4 ccs input current regulation loop-compensation point. connect 0.01? from ccs to gnd. 5 cci output current regulation loop-compensation point. connect 0.01? from cci to gnd. 6 ccv voltage regulation loop-compensation point. connect 10k in series with 0.01? to gnd. 7 dac dac voltage output. bypass with 0.1? from dac to gnd. 8 iinp input current monitor output. iinp sources the current proportional to the current sensed across cssp and cssn. the transconductance from (cssp - cssn) to iinp is 3ma/v. 9 sda s m bus d ata i/o. op en- d r ai n outp ut. c onnect an exter nal p ul l up r esi stor accor d i ng to s m bus sp eci fi cati ons. 10 scl smbus clock input. connect an external pullup resistor according to smbus specifications. 11 v dd logic circuitry supply-voltage input. bypass with a 0.1? capacitor to gnd. 13 acok ac d etect outp ut. thi s op en- d r ai n outp ut i s hi g h i m p ed ance w hen ac in i s g r eater than re f/2. the ac o k outp ut r em ai ns l ow w hen the m ax 8731a i s p ow er ed d ow n. c onnect a 10k p ul l up r esi stor fr om v c c to ac o k. 14 batsel batter y v ol tag e s el ect inp ut. d r i ve bats e l hi g h to sel ect b atter y b, or d r i ve bats e l l ow to sel ect b atter y a. any chang e of bats e l i m m ed i atel y stop s char g i ng . c har g i ng b eg i ns ag ai n i n ap p r oxi m atel y 10m s. 15 fbsa remote-sense input for the output voltage of battery a. connect a 100 resistor from fbsa to the battery connector, and a 10nf capacitor from fbsa to pgnd. 16 fbsb remote-sense input for the output voltage of battery b. connect a 100 resistor from fbsb to the battery connector, and a 10nf capacitor from fbsb to pgnd. 17 csin charge current-sense negative input 18 csip c har g e c ur r ent- s ense p osi ti ve inp ut. c onnect a 10m cur r ent- sense r esi stor b etw een c s ip and c s in . 19 pgnd power ground 20 dlo low-side power mosfet driver output. connect to low-side n-channel mosfet. dlo drives between ldo and pgnd. 21 ldo linear-regulator output. ldo is the output of the 5.4v linear regulator supplied from dcin. ldo also directly supplies the dlo driver and the bst charge pump. bypass with a 1? ceramic capacitor from ldo to pgnd. 22 dcin charger bias supply input. bypass dcin with a 0.1? capacitor to pgnd. 23 lx h i g h- s i d e p ow er m os fe t d r i ver s our ce c onnecti on. c onnect to the sour ce of the hi g h- si d e n- channel m os fe t. 24 dhi high-side power mosfet driver output. connect to the high-side n-channel mosfet gate. 25 bst h i g h- s i d e p ow er m os fe t d r i ver p ow er - s up p l y c onnecti on. c onnect a 0.1 f cap aci tor fr om bs t to lx . 26 v cc d evi ce p ow er - s up p l y inp ut. c onnect to ld o thr oug h an rc fi l ter as show n i n fi g ur e 1. 27 cssn input current-sense negative input 28 cssp inp ut c ur r ent- s ense p osi ti ve inp ut. c onnect a 10m cur r ent- sense r esi stor b etw een c s s p and c s s n . bp backside paddle. connect the backside paddle to analog ground. MAX8731A smbus level 2 battery charger with remote sense 14 ______________________________________________________________________________________ system load battery b battery a dcin ccv cci ref acin rs1 10m n1, n2,: si4800bdy n3: si4810bdy l1: sumida cep125-4r3mc-u rs2 10m r2 100k r1 150k r13 100k r3 49.9k r5 10k r6 10k r7 10k r8 10k r9 100 r10 100 r4 10k r12 33 r11 1 batsel selector scl sda v dd ccs acok v cc lx fbsb fbsa bst pgnd csin csip dlo ldo ldo ldo dhi c in1 10 f c out1 10 f v out c out2 10 f c12 1 f c11 1 f c1 1 f c2 0.1 f c3 0.1 f c4 0.01 f c6 0.01 f c7 1 f c8 0.1 f c5 0.01 f c10 0.1 f c9 220pf iinp dac cssp cssn gnd kbc scl input sda vdd c in2 10 f MAX8731A d1 d2 adapter input n n1 l1 4.3 h n3 n2 dhi bp figure 1. typical dual-battery application circuit detailed description the typical application circuit is shown in figure 1. the MAX8731A includes all the functions necessary to charge li+, nimh, and nicd smart batteries. a high- efficiency, synchronous-rectified, step-down dc-dc converter is used to implement a precision constant- current, constant-voltage charger. the dc-dc convert- er drives a high-side n-channel mosfet and provides synchronous rectification with a low-side n-channel mosfet. the charge current and input current-sense amplifiers have low input-offset error ( 64? typ), allowing the use of small-valued sense resistors. the MAX8731A features a voltage-regulation loop (ccv) and two current-regulation loops (cci and ccs). the loops operate independently of each other. the ccv voltage-regulation loop monitors either fbsa or fbsb to ensure that its voltage never exceeds the volt- age set by the chargevoltage() command. the cci battery current-regulation loop monitors the current delivered to the selected battery to ensure that it never exceeds the current limit set by the chargecurrent() MAX8731A smbus level 2 battery charger with remote sense ______________________________________________________________________________________ 15 acin cssp vcc ref/2 lvc 100mv imin enable ccmp ovp 150mv (750ma for rs2 = 10m ) 2v (10a for rs2 = 10m ) imax csin acok gnd ccv cci csa: current-sense amplifier ccs lowest voltage clamp 4.096v reference 5.4v linear regulator charge voltage ( ) charge current ( ) input current ( ) smbus logic dc-dc converter 11-bit dac 6-bit dac 6-bit dac gm csa a = 20v/v a = 20v/v a = 1v/v csa css csi gms iinp cssn cssp csip csin batsel fbsb fbsa dac gmi gmv MAX8731A level shift bst dhi lx ldo dlo pgnd dcin ref scl sda v dd v cc high- side driver low- side driver power-fail zcmp + 200mv - figure 2. functional diagram command. the charge current-regulation loop is in con- trol as long as the selected battery voltage is below the charge voltage set point. when the selected battery voltage reaches its set point, the voltage-regulation loop takes control and maintains the battery voltage at the set point. a third loop (ccs) takes control and reduces the charge current when the adapter current exceeds the input current limit set by the inputcurrent() command. a functional diagram is shown in figure 2. MAX8731A smbus level 2 battery charger with remote sense 16 ______________________________________________________________________________________ bit bit name description 0 not used. normally a 1mv weight. 1 not used. normally a 2mv weight. 2 not used. normally a 4mv weight. 3 not used. normally a 8mv weight. 4 charge voltage, dacv 0 0 = adds 0mv of charger voltage compliance, 1024mv min. 1 = adds 16mv of charger voltage compliance. 5 charge voltage, dacv 1 0 = adds 0mv of charger voltage compliance, 1024mv min. 1 = adds 32mv of charger voltage compliance. 6 charge voltage, dacv 2 0 = adds 0mv of charger voltage compliance, 1024mv min. 1 = adds 64mv of charger voltage compliance. 7 charge voltage, dacv 3 0 = adds 0mv of charger voltage compliance, 1024mv min. 1 = adds 128mv of charger voltage compliance. 8 charge voltage, dacv 4 0 = adds 0mv of charger voltage compliance, 1024mv min. 1 = adds 256mv of charger voltage compliance. 9 charge voltage, dacv 5 0 = adds 0mv of charger voltage compliance, 1024mv min. 1 = adds 512mv of charger voltage compliance. 10 charge voltage, dacv 6 0 = adds 0ma of charger voltage compliance. 1 = adds 1024mv of charger voltage compliance. 11 charge voltage, dacv 7 0 = adds 0mv of charger voltage compliance. 1 = adds 2048mv of charger voltage compliance. 12 charge voltage, dacv 8 0 = adds 0mv of charger voltage compliance. 1 = adds 4096mv of charger voltage compliance. 13 charge voltage, dacv 9 0 = adds 0mv of charger voltage compliance. 1 = adds 8192mv of charger voltage compliance. 14 charge voltage, dacv 10 0 = adds 0mv of charger voltage compliance. 1 = adds 16,384mv of charger voltage compliance, 19,200mv max. 15 not used. normally a 32,768mv weight. table 1. chargevoltage () (0x15) setting charge voltage to set the output voltage, use the smbus to write a 16-bit chargevoltage() command using the data format listed in table 1 . the chargevoltage() command uses the write- word protocol (see figure 3 ). the command code for chargevoltage() is 0x15 (0b00010101). the MAX8731A provides a 1.024v to 19.200v charge voltage range, with 16mv resolution. set chargevoltage() below 1.024v to terminate charging. upon reset, the chargevoltage() and chargecurrent() values are cleared and the charger remains off until both the chargevoltage() and the chargecurrent() command are sent. both dhi and dlo remain low until the charger is restarted. MAX8731A smbus level 2 battery charger with remote sense ______________________________________________________________________________________ 17 bit bit name description 0 not used. normally a 1ma weight. 1 not used. normally a 2ma weight. 2 not used. normally a 4ma weight. 3 not used. normally an 8ma weight. 4 not used. normally a 16ma weight. 5 not used. normally a 32ma weight. 6 not used. normally a 64ma weight. 7 charge current, daci 0 0 = adds 0ma of charger current compliance. 1 = adds 128ma of charger current compliance. 8 charge current, daci 1 0 = adds 0ma of charger current compliance. 1 = adds 256ma of charger current compliance. 9 charge current, daci 2 0 = adds 0ma of charger current compliance. 1 = adds 512ma of charger current compliance. 10 charge current, daci 3 0 = adds 0ma of charger current compliance. 1 = adds 1024ma of charger current compliance. 11 charge current, daci 4 0 = adds 0ma of charger current compliance. 1 = adds 2048ma of charger current compliance. 12 charge current, daci 5 0 = adds 0ma of charger current compliance. 1 = adds 4096ma of charger current compliance, 8064ma max. 13 not used. normally a 8192ma weight. 14 not used. normally a 16,386ma weight. 15 not used. normally a 32,772ma weight. table 2 . chargecurrent() (0x14) (10m sense resistor, rs2) setting charge current to set the charge current, use the smbus to write a 16- bit chargecurrent() command using the data format listed in table 2 . the chargecurrent() command uses the write-word protocol (see figure 3). the command code for chargecurrent() is 0x14 (0b00010100). when rs2 =10m , the MAX8731A provides a charge current range of 128ma to 8.064a, with 128ma resolution. set chargecurrent() to 0 to terminate charging. upon reset, the chargevoltage() and chargecurrent() values are cleared and the charger remains off until both the chargevoltage() and the chargecurrent() commands are sent. both dhi and dlo remain low until the charger is restarted. the MAX8731A includes a foldback current limit when the battery voltage is low. if the battery voltage is less than 2.5v, the charge current is temporarily set to 128ma. the chargecurrent() register is preserved and becomes active again when the battery voltage is high- er than 2.5v. this function effectively provides a fold- back current limit, which protects the charger during short circuit and overload. setting input-current limit system current normally fluctuates as portions of the system are powered up or put to sleep. by using the input-current-limit circuit, the output-current require- ment of the ac wall adapter can be lowered, reducing system cost. the total input current, from a wall cube or other dc source, is the sum of the system supply current and the current required by the charger. when the input current exceeds the set input current limit, the MAX8731A decreases the charge current to provide priority to sys- tem load current. as the system supply rises, the avail- able charge current drops linearly to zero. thereafter, the total input current can increase without limit. the internal amplifier compares the differential voltage between cssp and cssn to a scaled voltage set by the inputcurrent() command (see table 3). the total input current is the sum of the device supply current, the charger input current, and the system load current. the total input current can be estimated as follows: MAX8731A smbus level 2 battery charger with remote sense 18 ______________________________________________________________________________________ bit bit name description 0 not used. normally a 2ma weight. 1 not used. normally a 4ma weight. 2 not used. normally an 8ma weight. 3 not used. normally a 16ma weight. 4 not used. normally a 32ma weight. 5 not used. normally a 64ma weight. 6 not used. normally a 128ma weight. 7 input current, dacs 0 0 = adds 0ma of input current compliance. 1 = adds 256ma of input current compliance. 8 input current, dacs 1 0 = adds 0ma of input current compliance. 1 = adds 512ma of input current compliance. 9 input current, dacs 2 0 = adds 0ma of input current compliance. 1 = adds 1024ma of input current compliance. 10 input current, dacs 3 0 = adds 0ma of input current compliance. 1 = adds 2048ma of input current compliance. 11 input current, dacs 4 0 = adds 0ma of input current compliance. 1 = adds 4096ma of input current compliance. 12 input current, dacs 5 0 = adds 0ma of input current compliance. 1 = adds 8192ma of input current compliance, 11,004ma max. 13 not used. normally a 16,384ma weight. 14 not used. normally a 32,768ma weight. 15 not used. normally a 65,536ma weight. table 3 . inputcurrent() (0x3f) (10m sense resistor, rs1) where is the efficiency of the dc-dc converter (typi- cally 85% to 95%). to set the input current limit, use the smbus to write a 16-bit inputcurrent() command using the data format listed in table 3 . the inputcurrent() command uses the write-word protocol (see figure 3 ). the command code for inputcurrent() is 0x3f (0b00111111). when rs1 = 10m , the MAX8731A provides an input-current- limit range of 256ma to 11.004a, with 256ma resolu- tion. inputcurrent() settings from 1ma to 256ma result in a current limit of 256ma. upon reset the input current limit is 256ma. charger timeout the MAX8731A includes a timer to terminate charging if the charger does not receive a chargevoltage() or chargecurrent() command within 175s. if a timeout occurs, both chargevoltage() and chargecurrent() commands must be resent to reenable charging. remote sense the MAX8731A features dual remote sense, which allows the rejection of board resistance and selector resistance when used in either single- or dual-battery systems. to fully utilize remote sensing, connect fbs_ directly to the battery interface through an unshared battery sense trace in series with a 100 resistor, and 10nf capacitor (see figure 1). in single-battery systems, connect batsel directly to gnd and use only fbsa. remote sensing cancels the effect of impedance in series with the battery. this impedance normally caus- es the battery charger to prematurely enter constant- voltage mode with reducing charge current. the result is that the last 20% of charging takes longer than nec- essary. when in constant-voltage mode, the remaining charge time is proportional to the total resistance in series with the battery. remote sensing reduces charge time according to the following equation: tt r rr cvrs cv pack pack board = + 0 ii iv v i input load charge battery in bias =+ () () ? ? ? ? ? ? ? ? + MAX8731A smbus level 2 battery charger with remote sense ______________________________________________________________________________________ 19 where r pack is the total resistance in the battery pack, r board is the board resistance in series with the battery charge path, t cv0 is the constant-voltage charge time without remote sense, and t cvrs is the constant-volt- age charge time with remote sense. the MAX8731A includes a safety feature, which limits the charge voltage when fbs_ or the selector is dis- connected. the MAX8731A guarantees that csin does not regulate more than 250mv above the selected charging voltage. this also limits the extent to which remote sense can cancel charge-path impedance. input current measurement use iinp to monitor the system-input current sensed across cssp and cssn. the voltage at iinp is propor- tional to the input current by the equation: v iinp = i input x rs1 x g iinp x r8 where i input is the dc current supplied by the ac adapter, g iinp is the transconductance of iinp (3ma/v typ), and r8 is the resistor connected between iinp and ground. typically, iinp has a 0 to 3.5v output volt- age range. leave iinp open if not used. ldo regulator an integrated low-dropout (ldo) linear regulator pro- vides a 5.4v supply derived from dcin, and delivers over 30ma of load current. the ldo powers the gate drivers of the n-channel mosfets. see the mosfet drivers section. ldo has a minimum current limit of 35ma. this allows the MAX8731A to work with 87nc of total gate charge (both high-side and low-side mosfets). bypass ldo to pgnd with a 1? or greater ceramic capacitor. ac adapter detection the MAX8731A includes a hysteretic comparator that detects the presence of an ac power adapter. when acin is greater than 2.048v, the open-drain acok out- put becomes high impedance. connect 10k pullup resistance between ldo and acok. use a resistive voltage-divider from the adapter? output to the acin pin to set the appropriate detection threshold. select the resistive voltage-divider not to exceed the 6v absolute maximum rating of acin. v dd supply the v dd input provides power to the smbus interface. connect v dd to ldo, or apply an external supply to v dd to keep the smbus interface active while the sup- ply to dcin is removed. when v dd is biased the inter- nal registers are maintained. bypass v dd to gnd with a 0.1? or greater ceramic capacitor. operating conditions the MAX8731A has the following operating states: adapter present: when dcin is greater than 7.5v, the adapter is considered to be present. in this con- dition, both the ldo and ref function properly and battery charging is allowed: a) charging: the total MAX8731A quiescent current when charging is 1ma (max) plus the current required to drive the mosfets. b) not charging: to disable charging, set either chargecurrent() or chargevoltage() to zero. when the adapter is present and charging is disabled, the total adapter quiescent current is less than 1ma and the total battery quiescent current is less than 5 a. adapter absent (power fail): when v cssp is less than v csin + 10mv, the MAX8731A is in the power- fail state, since the dc-dc converter is in dropout. the charger does not attempt to charge in the power-fail state. typically, this occurs when the adapter is absent. when the adapter is absent, the total MAX8731A quiescent battery current is less than 1? (max). ? dd undervoltage (por): when v dd is less than 2.5v, the v dd supply is in an undervoltage state and the internal registers are in their por state. the smbus interface does not respond to commands. when v dd rises above 2.5v, the MAX8731A is in a power-on reset state. charging does not occur until the chargevoltage() and chargecurrent() com- mands are sent. when v dd is greater than 2.5v, smbus registers are preserved. the MAX8731A allows charging under the following conditions: 1) dcin > 7.5v, ldo > 4v, ref > 3.1v 2) v cssp > v csin + 210mv (15mv falling threshold) 3) v dd > 2.5v MAX8731A smbus level 2 battery charger with remote sense 20 ______________________________________________________________________________________ s a) write-word format w ack ack ack p command byte low data byte high data byte slave address ack 7 bits 8 bits 1b msb lsb msb lsb 8 bits msb lsb 8 bits msb lsb 0 1b 0 1b 0 1b 0 1b 0 preset to 0b0001001 chargermode() = 0x12 chargecurrent() = 0x14 chargevoltage() = 0x15 alarmwarning() = 0x16 inputcurrent() = 0x3f d7 d0 d15 d8 s b) read-word format w ack ack nack p command byte low data byte high data byte slave address s ack 7 bits 8 bits 1b msb lsb slave address 7 bits msb lsb msb lsb 8 bits msb lsb 8 bits msb lsb 0 1b 0 r ack 1b 1 1b 0 1b 0 1b 0 1b 1 preset to 0b0001001 preset to 0b0001001 chargerspecinfo() = 0x11 chargerstatus() = 0x13 d7 d0 d15 d8 legend: s = start condition or repeated start condition ack = acknowledge (logic-low) w = write bit (logic-low) p = stop condition nack = not acknowledge (logic-high) r = read bit (logic-high) master to slave slave to master figure 3 . smbus write-word and read-word protocols smbus interface the MAX8731A receives control inputs from the smbus interface. the MAX8731A uses a simplified subset of the commands documented in system management bus specification v1.1, which can be downloaded from www.smbus.org. the MAX8731A uses the smbus read-word and write-word protocols (figure 3) to communicate with the smart battery. the MAX8731A performs only as an smbus slave device with address 0b0001001_ (0x12) and does not initiate communica- tion on the bus. in addition, the MAX8731A has two identification (id) registers (0xfe): a 16-bit device id register and a 16-bit manufacturer id register (0xff). the data (sda) and clock (scl) pins have schmitt-trig- ger inputs that can accommodate slow edges. choose pullup resistors (10k ) for sda and scl to achieve rise times according to the smbus specifications. communication starts when the master signals a start condition, which is a high-to-low transition on sda, while scl is high. when the master has finished communicating, the master issues a stop condition, which is a low-to-high transition on sda, while scl is high. the bus is then free for another transmission. figures 4 and 5 show the timing diagram for signals on the smbus interface. the address byte, command byte, and data bytes are transmitted between the start and stop conditions. the sda state changes only while scl is low, except for the start and stop conditions. data is transmitted in 8-bit bytes and is sampled on the rising edge of scl. nine clock cycles are required to transfer each byte in or out of the MAX8731A because either the master or the slave acknowledges the receipt of the correct byte during the ninth clock cycle. the MAX8731A supports the charger commands as described in table 4 . MAX8731A smbus level 2 battery charger with remote sense ______________________________________________________________________________________ 21 smbclk ab cd e fg h i j k smbdata t su:sta t hd:sta t low t high t su:dat t hd:dat t hd:dat t su:sto t buf a = start condition b = msb of address clocked into slave c = lsb of address clocked into slave d = r/w bit clocked into slave e = slave pulls smbdata line low l m f = acknowledge bit clocked into master g = msb of data clocked into slave h = lsb of data clocked into slave i = slave pulls smbdata line low j = acknowledge clocked into master k = acknowledge clock pulse l = stop condition, data executed by slave m = new start condition smbclk a = start condition b = msb of address clocked into slave c = lsb of address clocked into slave d = r/w bit clocked into slave ab cd e fg h i j smbdata t su:sta t hd:sta t low t high t su:dat t hd:dat t su:dat t su:sto t buf k e = slave pulls smbdata line low f = acknowledge bit clocked into master g = msb of data clocked into master h = lsb of data clocked into master i = acknowledge clock pulse j = stop condition k = new start condition figure 4 . smbus write timing figure 5 . smbus read timing MAX8731A smbus level 2 battery charger with remote sense 22 ______________________________________________________________________________________ battery-charger commands the MAX8731A supports four battery-charger com- mands that use either write-word or read-word proto- cols, as summarized in table 4 . manufacturerid() and deviceid() can be used to identify the MAX8731A. on the MAX8731A, the manufacturerid() command always returns 0x004d and the deviceid() command always returns 0x0008. dc-dc converter the MAX8731A employs a synchronous step-down dc- dc converter with an n-channel high-side mosfet switch and an n-channel low-side synchronous rectifier. the MAX8731A features a pseudo-fixed-frequency, cur- rent-mode control scheme with cycle-by-cycle current limit. the controller? constant off-time (t off ) is calculat- ed based on v cssp , v csin , and a time constant with a minimum value of 300ns. the MAX8731A can also oper- ate in discontinuous-conduction mode for improved light-load efficiency. the operation of the dc-dc con- troller is determined by the following four comparators as shown in the functional diagrams in figures 2 and 6 : the imin comparator triggers a pulse in discontinuous mode when the accumulated error is too high. imin compares the control signal (lvc) against 100mv (typ). when lvc is less than 100mv, dhi and dlo are both forced low. indirectly, imin sets the peak inductor cur- rent in discontinuous mode. the ccmp comparator is used for current-mode regu- lation in continuous-conduction mode. ccmp com- pares lvc against the inductor current. the high-side mosfet on-time is terminated when the csi voltage is higher than lvc. the imax comparator provides a secondary cycle-by- cycle current limit. imax compares csi to 2v (corre- sponding to 10a when rs2 = 10m ). the high-side mosfet on-time is terminated when the current-sense signal exceeds 10a. a new cycle cannot start until the imax comparator? output goes low. the zcmp comparator provides zero-crossing detec- tion during discontinuous conduction. zcmp compares the current-sense feedback signal to 750ma (rs2 = 10m ). when the inductor current is lower than the 750ma threshold, the comparator output is high and dlo is turned off. the ovp comparator is used to prevent overvoltage at the output due to battery removal. ovp compares fbs_ against the set voltage (chargevoltage()). when fbs_ is 200mv above the set value, the ovp comparator out- put goes high and the high-side mosfet on-time is ter- minated. dhi and dlo remain off until the ovp condition is removed. ccv, cci, ccs, and lvc control blocks the MAX8731A controls input current (ccs control loop), charge current (cci control loop), or charge volt- age (ccv control loop), depending on the operating condition. the three control loops?cv, cci, and ccs?re brought together internally at the lowest volt- age-clamp (lvc) amplifier. the output of the lvc amplifier is the feedback control signal for the dc-dc controller. the minimum voltage at the ccv, cci, or ccs appears at the output of the lvc amplifier and clamps the other control loops to within 0.3v above the command command name read/write description por state 0x14 chargecurrent() write only 6-bit charge-current setting 0x0000 0x15 chargevoltage() write only 11-bit charge-voltage setting 0x0000 0x3f inputcurrent() write only 6-bit charge-current setting 0x0080 0xfe manufacturerid() read only manufacturer id 0x004d 0xff deviceid() read only device id 0x0008 table 4 . battery-charger command summary imax ccmp imin zcmp ovp csi 2v 100mv 150mv chargevoltage ( ) +200mv fbs_ dcin csin lvc r s q q off-time one-shot off-time compute dh driver dl driver figure 6 . dc-dc converter functional diagram MAX8731A smbus level 2 battery charger with remote sense ______________________________________________________________________________________ 23 control point. clamping the other two control loops close to the lowest control loop ensures fast transition with minimal overshoot when switching between differ- ent control loops (see the compensation section). continuous-conduction mode with sufficient charge current, the MAX8731A? induc- tor current never crosses zero, which is defined as con- tinuous-conduction mode. the regulator switches at 400khz (nominal) if v csin < 0.88 x v cssp . the con- troller starts a new cycle by turning on the high-side mosfet and turning off the low-side mosfet. when the charge-current feedback signal (csi) is greater than the control point (lvc), the ccmp comparator out- put goes high and the controller initiates the off-time by turning off the high-side mosfet and turning on the low-side mosfet. the operating frequency is gov- erned by the off-time and is dependent upon v csin and v cssp . the off-time is set by the following equation: the on-time can be determined using the following equation: where: the switching frequency can then be calculated: these equations describe the controller? pseudo- fixed-frequency performance over the most common operating conditions. at the end of the fixed off-time, the controller initiates a new cycle if the control point (lvc) is greater than 100mv and the peak charge current is less than the cycle-by-cycle current limit. restated another way, imin must be high, imax must be low, and ovp must be low for the controller to initiate a new cycle. if the peak inductor current exceeds the imax comparator threshold or the output voltage exceeds the ovp threshold, then the on-time is terminated. the cycle-by- cycle current limit effectively protects against overcur- rent and short-circuit faults. if during the off-time the inductor current goes to zero, the zcmp comparator output pulls high, turning off the low-side mosfet. both the high- and low-side mosfets are turned off until another cycle is ready to begin. zcomp causes the MAX8731A to enter into dis- continuous-conduction mode (see the discontinuous conduction section). there is a 0.3? minimum off-time when the (v cssp - v csin ) differential becomes too small. if v csin 0.88 x v cssp , the threshold for the 0.3? minimum off-time is reached. the switching frequency in this mode varies according to the equation: discontinuous conduction the MAX8731A can also operate in discontinuous-con- duction mode to ensure that the inductor current is always positive. the MAX8731A enters discontinuous- conduction mode when the output of the lvc control point falls below 100mv. this corresponds to peak inductor current = 500ma: charge current for rs2 = 10m . in discontinuous mode, a new cycle is not started until the lvc voltage rises above 100mv. discontinuous- mode operation can occur during conditioning charge of overdischarged battery packs, when the charge cur- rent has been reduced sufficiently by the ccs control loop, or when the charger is in constant-voltage mode with a nearly full battery pack. i mv rs ma chg = = 1 2 100 20 2 250 f li vv s ripple cssn batt = + ? 1 03 . f tt sw on off = + 1 i vt l ripple batt off = t li vv on ripple cssn batt = ? ts vv v off cssp csin cssp = ? 25 . MAX8731A smbus level 2 battery charger with remote sense 24 ______________________________________________________________________________________ compensation the charge-voltage and charge-current regulation loops are independent and compensated separately at the ccv, cci, and ccs. ccv loop compensation the simplified schematic in figure 7 is sufficient to describe the operation of the MAX8731A when the volt- age loop (ccv) is in control. the required compensa- tion network is a pole-zero pair formed with c cv and r cv . the zero is necessary to compensate the pole formed by the output capacitor and the load. r esr is the equivalent series resistance (esr) of the charger output capacitor (c out ). r l is the equivalent charger output load, where r l = v batt / i chg . the equiva- lent output impedance of the gmv amplifier, r ogmv , is greater than 10m . the voltage amplifier transconduc- tance, gmv = 0.125?/mv. the dc-dc converter transconductance is dependent upon the charge-cur- rent sense resistor rs2: gm out = where a csi = 20v/v, and rs2 = 10m in the typical application circuits, so gm out = 5a/v. the loop-trans- fer function is given by: the poles and zeros of the voltage loop-transfer function are listed from lowest frequency to highest frequency in table 5 . near crossover c cv is much lower impedance than r ogmv . since c cv is in parallel with r ogmv , c cv dom- inates the parallel impedance near crossover. additionally, r cv is much higher impedance than c cv and dominates the series combination of r cv and c cv , so near crossover: rscr sc r r ogmv cv cv cv ogmv cv + + ? () () 1 1 ltf gm r gmv r sc r sc r sc r sc r out l ogmv out esr cv cv cv ogmv out l = + + + + ()() ()() 11 11 1 2 ars csi c cv c out r cv r l r esr r ogmv ccv fbs_ gmv chargevoltage( ) gm out figure 7 . ccv loop diagram name equation description ccv pole lowest frequency pole created by c cv and gmv? finite output resistance. ccv zero voltage-loop compensation zero. if this zero is at the same frequency or lower than the output pole f p_out , then the loop-transfer function approximates a single-pole response near the crossover frequency. choose c cv to place this zero at least 1 decade below crossover to ensure adequate phase margin. output pole output pole formed with the effective load resistance r l and the output capacitance c out . r l influences the dc gain but does not affect the stability of the system or the crossover frequency. output zero output esr zero. this zero can keep the loop from crossing unity gain if f z_out is less than the desired crossover frequency; therefore, choose a capacitor with an esr zero greater than the crossover frequency. table 5 . ccv loop poles and zeros f rc pcv ogmv cv _ = 1 2 = 1 2 = 1 2 = 1 2 MAX8731A smbus level 2 battery charger with remote sense ______________________________________________________________________________________ 25 c out is also much lower impedance than r l near crossover so the parallel impedance is mostly capaci- tive and: if r esr is small enough, its associated output zero has a negligible effect near crossover and the loop-transfer function can be simplified as follows: setting ltf = 1 to solve for the unity-gain frequency yields: for stability, choose a crossover frequency lower than 1/10 the switching frequency. for example, choose a crossover frequency of 50khz and solve for r vc using the component values listed in figure 1 to yield r cv = 10k : gmv = 0.125?/mv gm out = 5a/v c out = 2 x 10? f osc = 400khz r l = 0.2 f co_cv = 50khz to ensure that the compensation zero adequately can- cels the output pole, select f z_cv f p_out : c cv (r l / r cv ) c out c cv 400pf (assuming 2 cells and 2a maximum charge current.) figure 8 shows the bode plot of the voltage-loop fre- quency response using the values calculated above. cci loop compensation the simplified schematic in figure 9 is sufficient to describe the operation of the MAX8731A when the bat- tery current loop (cci) is in control. since the output capacitor? impedance has little effect on the response of the current loop, only a simple single pole is required to compensate this loop. a csi is the internal gain of the current-sense amplifier. rs2 is the charge current- sense resistor (10m ). r ogmi is the equivalent output impedance of the gmi amplifier, which is greater than 10m . gmi is the charge-current amplifier transcon- ductance = 1?/mv. gm out is the dc-dc converter transconductance = 5a/v. r cf gmv gm k cv out co cv out = ? 2 10 _ fgmg r c co cv out mv cv out _ = 2 ltf gm r sc g out cv out mv = r sc r sc l out l out ? + ? () 1 1 frequency (hz) magnitude (db) phase (degrees) 100k 10k 1k 100 10 1 -20 0 20 40 60 80 -40 -90 -45 0 -135 0.1 1m mag phase c ci r ogmi cci gmi csi chargecurrent( ) gm out csip rs2 csin figure 8 . ccv loop response figure 9 . cci loop diagram MAX8731A smbus level 2 battery charger with remote sense 26 ______________________________________________________________________________________ frequency (hz) magnitude (db) 100k 1k 10 -20 0 20 40 60 100 80 -40 -45 0 -90 0.1 mag phase c cs r ogms gms css inputcurrent( ) ccs cssp rs1 cssi gm in system load adapter input figure 10 . cci loop response figure 11 . ccs loop diagram the loop-transfer function is given by: this describes a single-pole system. since: the loop-transfer function simplifies to: the crossover frequency is given by: for stability, choose a crossover frequency lower than 1/10 the switching frequency: c ci > 10 gmi / (2 f osc ) = 4nf, for a 400khz switch- ing frequency. values for c ci greater than 10 times the minimum value can slow down the current-loop response. choosing c ci = 10nf yields a crossover frequency of 15.9khz. figure 10 shows the bode plot of the current-loop frequency response using the values calculated above. ccs loop compensation the simplified schematic in figure 11 is sufficient to describe the operation of the MAX8731A when the input current-limit loop (ccs) is in control. since the output capacitor? impedance has little effect on the response of the input current-limit loop, only a single pole is required to compensate this loop. a css is the internal gain of the current-sense resistor; rs1 = 10m in the typical application circuits. r ogms is the equiva- lent output impedance of the gms amplifier, which is greater than 10m . gms is the charge-current amplifier transconductance = 1?/mv. gm in is the dc-dc con- verter? input-referred transconductance = (1/d) x gm out = (1 / d) x 5a/v. the loop-transfer function is given by: since: the loop-transfer function simplifies to: ltf gms r sr c ogms ogms cs = + 1 gm ars in css = 1 2 ltf gm a rsi gms r sr c in css ogms ogms cs = + 1 f gmi c co ci ci _ = 2 ltf gmi r sr c ogmi ogmi ci = + 1 gm ars out csi = 1 2 ltf gm a rs gmi r sr c out csi ogmi ogmi ci = + 2 1 MAX8731A smbus level 2 battery charger with remote sense ______________________________________________________________________________________ 27 the crossover frequency is given by: for stability, choose a crossover frequency lower than 1/10 the switching frequency: choosing a crossover frequency of 30khz and using the component values listed in figure 1 yields c cs > 5.4nf. values for ccs greater than 10 times the mini- mum value may slow down the current-loop response excessively. figure 12 shows the bode plot of the input current-limit-loop frequency response using the values calculated above. mosfet drivers the dhi and dlo outputs are optimized for driving moderate-sized power mosfets. the mosfet drive capability is the same for both the low-side and high- sides switches. this is consistent with the variable duty factor that occurs in the notebook computer environ- ment where the battery voltage changes over a wide range. there must be a low-resistance, low-inductance path from the dlo driver to the mosfet gate to pre- vent shoot-through. otherwise, the sense circuitry in the MAX8731A interprets the mosfet gate as ?ff?while there is still charge left on the gate. use very short, wide traces measuring 10 to 20 squares or less (1.25mm to 2.5mm wide if the mosfet is 25mm from the device). unlike the dlo output, the dhi output uses a 50ns (typ) delay time to prevent the low-side mosfet from turning on until dhi is fully off. the same consider- ations should be used for routing the dhi signal to the high-side mosfet. the high-side driver (dhi) swings from lx to 5v above lx (bst) and has a typical impedance of 3 sourcing and 1 sinking. the low-side driver (dlo) swings from dlov to ground and has a typical impedance of 1 sinking and 3 sourcing. this helps prevent dlo from being pulled up when the high-side switch turns on, due to capacitive coupling from the drain to the gate of the low-side mosfet. this places some restrictions on the mosfets that can be used. using a low-side mosfet with smaller gate-to-drain capacitance can prevent these problems. design procedure mosfet selection choose the n-channel mosfets according to the maxi- mum required charge current. the mosfets must be able to dissipate the resistive losses plus the switching losses at both v dcin(min) and v dcin(max) . for the high-side mosfet, the worst-case resistive power losses occur at the maximum battery voltage and minimum supply voltage: generally a low-gate charge high-side mosfet is pre- ferred to minimize switching losses. however, the r ds(on) required to stay within package power-dissi- pation limits often limits how small the mosfet can be. the optimum occurs when the switching (ac) losses equal the conduction (r ds(on) ) losses. calculating the power dissipation in n1 due to switching losses is diffi- cult since it must allow for difficult quantifying factors that influence the turn-on and turn-off times. these fac- tors include the internal gate resistance, gate charge, threshold voltage, source inductance, and pcb layout characteristics. the following switching-loss calculation provides a rough estimate and is no substitute for breadboard evaluation, preferably including a verifica- tion using a thermocouple mounted on n1: pd high side t v i f switching trans dcin chg sw () = 1 2 pd highside v v ir conduction fbs cssp chg ds on () _ () = 2 c gms f cs osc = 52 /( ) f gms c co cs cs _ = 2 frequency (hz) magnitude (db) 100k 10m 1k 10 -20 0 20 40 60 100 80 -40 -45 0 -90 0.1 mag phase phase (degrees) figure 12 . ccs loop response MAX8731A smbus level 2 battery charger with remote sense 28 ______________________________________________________________________________________ where t trans is the driver? transition time and can be calculated as follows: i gate is the peak gate-drive current. the following is the power dissipated due to the high- side n-channel mosfet? output capacitance (c rss ): the following high-side mosfet? loss is due to the reverse-recovery charge of the low-side mosfet? body diode: pd qrr (highside) = q rr2 x v dcin x f sw x 0.5 ignore pd qrr (highside) if a schottky diode is used parallel to the low-side mosfet. the total high-side mosfet power dissipation is: +pd qrr (highside) switching losses in the high-side mosfet can become an insidious heat problem when maximum ac adapter voltages are applied. if the high-side mosfet chosen for adequate r ds(on) at low-battery voltages becomes hot when biased from v in(max) , consider choosing another mosfet with lower parasitic capacitance. for the low-side mosfet (n2), the worst-case power dissi- pation always occurs at maximum input voltage: the following additional loss occurs in the low-side mosfet due to the body diode conduction losses: the total power low-side mosfet dissipation is: these calculations provide an estimate and are not a sub- stitute for breadboard evaluation, preferably including a verification using a thermocouple mounted on the mosfet. inductor selection the charge current, ripple, and operating frequency (off-time) determine the inductor characteristics. for optimum efficiency, choose the inductance according to the following equation: this sets the ripple current to 1/3 the charge current and results in a good balance between inductor size and efficiency. higher inductor values decrease the rip- ple current. smaller inductor values save cost but require higher saturation current capabilities and degrade efficiency. inductor l1 must have a saturation current rating of at least the maximum charge current plus 1/2 the ripple current ( il): i sat = i chg + (1/2) il the ripple current is determined by: il = v batt t off / l where: t off = 2.5? (v dcin - v batt ) / v dcin for v batt < 0.88 v dcin or during dropout: t off = 0.3? for v batt > 0.88 v dcin l vt i batt off chg = 03 . pd low side pd low side pd low side total conduction bdy () () () + pd low side i v bdy peak (). . = 005 04 pd low side v v ir conduction fbs cssp chg ds on () _ () =? ? ? ? ? ? ? 1 2 pd highside pd highside pd highside pd highside total conduction switching coss () () () () ++ pd highside vcf coss dcin rss sw () 2 2 t ii q i and f khz trans gsrc gsnk g gate sw =+ ? ? ? ? ? ? 112 400 , MAX8731A smbus level 2 battery charger with remote sense ______________________________________________________________________________________ 29 input-capacitor selection the input capacitor must meet the ripple current requirement (i rms ) imposed by the switching currents. nontantalum chemistries (ceramic, aluminum, or os-con) are preferred due to their resilience to power- up surge currents: the input capacitors should be sized so that the temper- ature rise due to ripple current in continuous conduction does not exceed approximately +10?. the maximum ripple current occurs at 50% duty factor or v dcin = 2 x v batt , which equates to 0.5 x i chg . if the application of interest does not achieve the maximum value, size the input capacitors according to the worst-case conditions. output-capacitor selection the output capacitor absorbs the inductor ripple current and must tolerate the surge current delivered from the battery when it is initially plugged into the charger. as such, both capacitance and esr are important parame- ters in specifying the output capacitor as a filter and to ensure stability of the dc-dc converter (see the compensation section). beyond the stability require- ments, it is often sufficient to make sure that the output capacitor? esr is much lower than the battery? esr. either tantalum or ceramic capacitors can be used on the output. ceramic devices are preferable because of their good voltage ratings and resilience to surge currents. applications information smart-battery system background information smart-battery systems have evolved since the concep- tion of the smart-battery system (sbs) specifications. originally, such systems consisted of a smart battery and smart-battery charger that were compatible with the sbs specifications and communicated directly with one another using smbus protocols. modern systems still employ the original commands and protocols, but often use a keyboard controller or similar digital intelligence to mediate the communication between the battery and the charger ( figure 13 ). this arrangement permits consider- able freedom in the implementation of charging algo- rithms at the expense of standardization. algorithms can vary from the simple detection of the battery with a fixed set of instructions for charging the battery to highly com- plex programs that can accommodate multiple battery configurations and chemistries. microcontroller pro- grams can perform frequent tests on the battery? state of charge and dynamically change the voltage and cur- rent applied to enhance safety. multiple batteries can also be utilized with a selector that is programmable over the smbus. setting input-current limit the input-current limit should be set based on the cur- rent capability of the ac adapter and the tolerance of the input-current limit. the upper limit of the input cur- rent threshold should never exceed the adapter? mini- mum available output current. for example, if the adapter? output current rating is 5a ?0%, the input current limit should be selected so that its upper limit is less than 5a 0.9 = 4.5a. since the input current-limit accuracy of the MAX8731A is ?%, the typical value of the input-current limit should be set at 4.5a / 1.03 4.36a. the lower limit for input current must also be considered. for chargers at the low end of the spec, the input-current limit for this example could be 4.36a 0.95, or approximately 4.14a. layout and bypassing bypass dcin with a 1? ceramic to ground ( figure 1 ). d1 protects the MAX8731A when the dc power source input is reversed. bypass v dd , dcin, ldo, vcc, dac, and ref as shown in figure 1 . ii vv v v rms chg batt dcin batt dcin = ? () ? ? ? ? ? ? ? ? system host (keyboard controller) smbus control signals for battery smbus control signals for battery system power supplies ac-to-dc converter (adapter) smart battery MAX8731A smart-battery charger/ power-source selector batt+ batt- figure 13 . typical smart-battery system MAX8731A smbus level 2 battery charger with remote sense 30 ______________________________________________________________________________________ good pcb layout is required to achieve specified noise immunity, efficiency, and stable performance. the pcb layout artist must be given explicit instructions?refer- ably, a sketch showing the placement of the power- switching components and high-current routing. refer to the pcb layout in the MAX8731A evaluation kit for exam- ples. a ground plane is essential for optimum perfor- mance. in most applications, the circuit will be located on a multilayer board, and full use of the four or more copper layers is recommended. use the top layer for high-current connections, the bottom layer for quiet con- nections, and the inner layers for uninterrupted ground planes. use the following step-by-step guide: 1) place the high-power connections first, with their grounds adjacent: a) minimize the current-sense resistor trace lengths, and ensure accurate current sensing with kelvin connections. b) minimize ground trace lengths in the high-cur- rent paths. c) minimize other trace lengths in the high-current paths. use > 5mm wide traces in the high-current paths. d) connect c1 and c2 to high-side mosfet (10mm max length). place the input capacitor between the input current-sense resistor and drain of the high-side mosfet. e) minimize the lx node (mosfets, rectifier cath- ode, inductor (15mm max length)). keep lx on one side of the pcb to reduce emi radiation. f) since the return path of dhi is lx, route dhi near lx. optimally, lx and dhi should overlap. the same principle is applied to dlo and pgnd. g) ideally, surface-mount power components are flush against one another with their ground termi- nals almost touching. these high-current grounds are then connected to each other with a wide, filled zone of top-layer copper, so they do not go through vias. the resulting top-layer sub- ground plane is connected to the normal inner- layer ground plane at the paddle. other high-current paths should also be minimized, but focusing primarily on short ground and current- sense connections eliminates approximately 90% of all pcb layout problems. 2) place the ic and signal components. keep the main switching node (lx node) away from sensitive analog components (current-sense traces and ref capacitor). important: the ic must be no further than 10mm from the current-sense resistors. quiet connections to ref, ccs, dac, ccv, cci, acin, and vcc should be returned to a separate ground (gnd) island. the analog ground is separately worked from power ground in figure 1. there is very little current flowing in these traces, so the ground island need not be very large. when placed on an inner layer, a sizable ground island can help simplify the layout because the low-current connections can be made through vias. the ground pad on the back- side of the package should also be connected to this quiet ground island. 3) keep the gate-drive traces (dhi and dlo) as short as possible (l < 20mm), and route them away from the current-sense lines and ref. these traces should also be relatively wide (w > 1.25mm). 4) place ceramic bypass capacitors close to the ic. the bulk capacitors can be placed further away. place the current-sense input filter capacitors under the part, connected directly to the gnd pin. 5) use a single-point star ground placed directly below the part at the pgnd pin. connect the power ground (ground plane) and the quiet ground island at this location. chip information transistor count: 10,234 process: bicmos MAX8731A smbus level 2 battery charger with remote sense ______________________________________________________________________________________ 31 package information (the package drawing(s) in this data sheet may not reflect the most current specifications. for the latest package outline info rmation go to www.maxim-ic.com/packages .) qfn thin.eps package outline, 21-0140 2 1 k 16, 20, 28, 32, 40l thin qfn, 5x5x0.8mm MAX8731A smbus level 2 battery charger with remote sense maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a maxim product. no circu it patent licenses are implied. maxim reserves the right to change the circuitry and specifications without notice at any time. 32 ____________________maxim integrated products, 120 san gabriel drive, sunnyvale, ca 94086 408-737-7600 2007 maxim integrated products is a registered trademark of maxim integrated products. inc. package outline, 21-0140 2 2 k 16, 20, 28, 32, 40l thin qfn, 5x5x0.8mm package information (continued) (the package drawing(s) in this data sheet may not reflect the most current specifications. for the latest package outline info rmation go to www.maxim-ic.com/packages .) |
Price & Availability of MAX8731A |