Part Number Hot Search : 
FR105 LC821 2SA1980U MAX3232E AAT3194 2SA1980U D120D MM1662H
Product Description
Full Text Search
 

To Download MAX6408BS31T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  general description the max6406?ax6411 is a family of ultra-low power circuits used for monitoring battery, power-supply, and regulated system voltages. each detector contains a precision bandgap reference comparator and is trimmed to specified trip threshold voltages. these devices provide excellent circuit reliability and low cost by eliminating external components and adjustments when monitoring system voltages from 2.5v to 5.0v. a manual reset input is also included. the max6406?ax6411 assert a signal whenever the v cc supply voltage falls below a preset threshold. these devices are differentiated by their output logic configurations and preset threshold voltages. the max6406/max6409 (push-pull) and the max6408/ max6411 (open-drain) have an active-low output ( out is logic low when v cc is below v th ). the max6407/ max6410 have an active-high push-pull output (out is logic high when v cc is below v th ). all parts are guaranteed to be in the correct output logic state for v cc down to 1v. the detector is designed to ignore fast transients on v cc . the max6406/max6407/ max6408 have voltage thresholds between 2.20v and 3.08v in approximately 100mv increments. the max6409/max6410/max6411 have voltage thresholds between 3.30v and 4.63v in approximately 100mv increments. ultra-low supply current of 500na (max6406/max6407/ max6408) makes these parts ideal for use in portable equipment. these devices are available in 4-bump chip-scale packages (ucsp ? ). applications portable/battery-powered equipment cell phones pdas mp3 players pagers features tiny 4-bump (2 x 2) chip-scale package, (package pending full qualification?xpected completion date 6/30/01. see ucsp reliability section for more details.) 70% smaller than sc70 packages ultra-low 500na supply current (max6406/max6407/max6408) factory-trimmed reset thresholds from 2.20v to 4.63v in approximately 100mv increments ?.5% threshold accuracy (-40? to +85?) manual reset input guaranteed out valid to v cc = 1.0v three reset output logic options: active-low push-pull, active-high push-pull, and active-low open-drain immune to short v cc transients no external components max6406?ax6411 voltage detectors in 4-bump (2 x 2) chip-scale package ________________________________________________________________ maxim integrated products 1 19-2041; rev 1; 8/01 for pricing, delivery, and ordering information, please contact maxim/dallas direct! at 1-888-629-4642, or visit maxim? website at www.maxim-ic.com. the max6406?ax6411 are available in factory-set v cc detector thresholds from 2.20v to 4.63v, in approximately 0.1v increments. choose the desired threshold suffix from table 1 and insert it in the blank space following ?? there are 21 standard versions with a required order increment of 2500 pieces. sample stock is generally held on the standard ver- sions only (table1). required order increment is 10,000 pieces for nonstandard versions (table 2). contact factory for avail- ability. all devices available in tape-and-reel only. ucsp reliability is integrally linked to the user? assembly methods, circuit board material, and environment. refer to the ucsp reliability notice in the ucsp reliability section of this data sheet for more information. pin configuration appears at end of data sheet. ucsp is a trademark of maxim integrated products, inc. ordering information part temp. range pin-package max6406 bs_ _-t -40 c to +85 c ucsp-4 max6407 bs_ _-t -40 c to +85 c ucsp-4 max6408 bs_ _-t -40 c to +85 c ucsp-4 max6409 bs_ _-t -40 c to +85 c ucsp-4 max6410 bs_ _-t -40 c to +85 c ucsp-4 max6411 bs_ _-t -40 c to +85 c ucsp-4 selector guide part nominal v th (v) out/ out output type max6406 2.20 to 3.08 push-pull, active-low max6407 2.20 to 3.08 push-pull, active-high max6408 2.20 to 3.08 open-drain, active-low max6409 3.30 to 4.63 push-pull, active-low max6410 3.30 to 4.63 push-pull, active-high max6411 3.30 to 4.63 open-drain, active-low
max6406?ax6411 voltage detectors in 4-bump (2 x 2) chip-scale package 2 _______________________________________________________________________________________ absolute maximum ratings stresses beyond those listed under ?bsolute maximum ratings?may cause permanent damage to the device. these are stress rating s only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specificatio ns is not implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability. all voltages measured to gnd unless otherwise noted. vcc ..........................................................................-0.3v to +6v out/ out ...................................................-0.3v to (v cc + 0.3v) out (open-drain) .....................................................-0.3v to +6v mr ..............................................................-0.3v to (v cc + 0.3v) input/output current into any pin .......................................20ma continuous power dissipation (t a = +70 c) 4-pin/bump ucsp (derate 3.8mw/ c above +70 c)....303mw operating temperature range ..........................-40 c to +85 c junction temperature ......................................................+150 c storage temperature range ............................-65 c to +160 c bump reflow temperature .............................................+235 c electrical characteristics (v cc = 1.0v to 5.5v, t a = -40 c to +85 c, unless otherwise noted. typical values are at v cc = 3v and t a = +25 c.) (note1) parameter symbol conditions min typ max units t a = 0 c to +70 c 1.0 5.5 supply voltage range v cc t a = -40 c to +85 c 1.2 5.5 v max6406/max6407/max6408 v cc = 3.0v for v th 2.93v, v cc = 3.2v for v th > 2.93v, no load 0.5 1.0 supply current i cc v cc = 5.5v, no load 1.0 1.75 a t a = +25 cv th - 1.5% v th v th + 1.5% detector threshold v th table 1 t a = -40 c to +85 cv th - 2.5% v th v th + 2.5% v max6406/max6407/max6408 6.3 voltage threshold hysteresis max6409/max6410/max6411 9.5 mv detector threshold tempco ? v th / c 40 ppm/ c v il 0.8 v ih v th > 4.0v 2.0 v il 0.2 x v cc mr input v ih v th 4.0v 0.7 x v cc v mr minimum input pulse width t md 1s mr glitch rejection 100 ns mr to out/ out delay 200 ns mr pullup resistance 25 50 75 k ? v cc = (v th + 100mv) to (v th - 100mv) 20 propagation delay v cc = (v th - 100mv) to (v th + 100mv) 42 s startup time v cc = 0 to v th (min) 88 s i sink = 1.6ma, v cc 2.1v, out asserted 0.3 out output voltage low (max6406/max6408/max6409/ max6411) v ol i sink = 100a, v cc 1.2v, out asserted 0.4 v i source = 500a, v cc = 3.2v, max6406, out not asserted 0.8 x v cc i source = 800a, v cc = 4.5v, v th 4.38v, out not asserted 0.8 x v cc out output voltage high (max6406/max6409) v oh i source = 800a, v cc = v th (max), v th 4.5v, out not asserted 0.8 x v cc v
max6406?ax6411 voltage detectors in 4-bump (2 x 2) chip-scale package _______________________________________________________________________________________ 3 note 1: production testing done at +25 c only. overtemperature limits are guaranteed by design and not production tested. note 2: guaranteed by design. electrical characteristics (continued) (v cc = 1.0v to 5.5v, t a = -40 c to +85 c, unless otherwise noted. typical values are at v cc = 3v and t a = +25 c.) (note1) parameter symbol conditions min typ max units i source = 500a, v cc 2.1v, out asserted 0.8 x v cc v oh i source = 50a, v cc 1.2v, out asserted 0.8 x v cc i sink = 1.2ma, v cc 3.2v, out not asserted, max6407 only 0.3 i sink = 3.2ma, v cc 4.5v, out not asserted, v th 4.38v 0.4 out output voltage (max6407/max6410) v ol i sink = 3.2ma, v cc = v th (max), v th 4.5v, out not asserted 0.4 v open-drain out output leakage current (note 2) out not asserted 0.1 a typical operating characteristics (t a = +25 c, unless otherwise noted.) 0 0.3 0.2 0.1 0.5 0.4 0.9 0.8 0.7 0.6 1.0 -40 -20 0 20 40 60 80 supply current vs. temperature max6406-11 toc01 temperature ( c) supply current ( a) v cc = 3.3v v cc = 5v v cc = 1.2v 0 50 100 200 150 250 -40 -20 0 20 40 60 80 propagation delay (v cc falling) vs. temperature max6406-11 toc02 temperature ( c) propagation delay ( s) v od = 10mv v od = 20mv v od = 100mv v od = 200mv v od = overdrive voltage
max6406?ax6411 voltage detectors in 4-bump (2 x 2) chip-scale package 4 _______________________________________________________________________________________ pin max6406/max6408 max6409/max6411 max6407/max6410 name function a1 a1 gnd ground b1 out active-low output. out remains low while v cc is below the threshold. out is open-drain on the max6408/max6411 and push-pull on the max6406/max6409. b1 out active-high output. out remains high while v cc is below the threshold. b2 b2 mr active-low manual reset. internal 50k ? pullup to v cc . pull low to assert the output. out remains asserted as long as mr is low. leave unconnected or connect to v cc if unused. a2 a2 v cc supply voltage and input for the voltage detector. pin description typical operating characteristics (continued) (t a = +25 c, unless otherwise noted.) 0 40 20 60 120 100 80 140 -40 -20 0 20 40 60 80 propagation delay (v cc rising) vs. temperature max6406-11 toc03 temperature ( c) propagation delay ( s) v od = 20mv v od = 100mv v od = 10mv v od = 200mv v od = overdrive voltage 0 1 1000 100 10 maximum transient duration vs. threshold overdrive 500 200 100 400 300 max6406-11 toc04 threshold overdrive v th - v cc (mv) maximum transient duration ( s) out/out is asserted above line
max6406?ax6411 voltage detectors in 4-bump (2 x 2) chip-scale package _______________________________________________________________________________________ 5 factory-trimmed voltage thresholds are available in approximately 100mv increments with a 1.5% room temperature variance. note: parts marked with an asterisk (*) are standard versions. threshold voltage, v th (v) t a = +25 ct a = -40 c to +85 c part suffix min typ max min max 22* 2.167 2.200 2.233 2.145 2.250 23* 2.285 2.320 2.355 2.262 2.375 24 2.364 2.400 2.436 2.340 2.460 25 2.462 2.500 2.537 2.437 2.562 26* 2.591 2.630 2.669 2.564 2.692 27 2.660 2.700 2.741 2.633 2.768 28 2.758 2.800 2.842 2.730 2.870 29* 2.886 2.930 2.974 2.857 3.000 30 2.955 3.000 3.045 2.925 3.075 max6406bs max6407bs max6408bs 31* 3.034 3.080 3.126 3.003 3.150 33 3.250 3.300 3.350 3.217 3.383 34 3.349 3.400 3.451 3.315 3.485 35 3.447 3.500 3.552 3.412 3.587 36 3.546 3.600 3.654 3.510 3.690 37 3.644 3.700 3.755 3.607 3.792 38 3.743 3.800 3.857 3.705 3.895 39 3.841 3.900 3.958 3.802 3.997 40 3.940 4.000 4.060 3.900 4.100 41 4.038 4.100 4.161 3.997 4.202 42 4.137 4.200 4.263 4.095 4.305 43 4.235 4.300 4.364 4.192 4.407 44* 4.314 4.380 4.446 4.270 4.489 45 4.432 4.500 4.567 4.387 4.612 max6409bs max6410bs max6411bs 46* 4.560 4.630 4.699 4.514 4.746 table 1. factory-trimmed thresholds
max6406?ax6411 detailed description manual reset input many p-based products require manual reset capabil- ity, allowing the operator, a test technician, or external logic circuit to initiate a reset. a logic low on mr asserts out/ out . out/ out remains asserted while mr is low. this input has an internal 50k ? pullup resistor, so it can be left open if it is not used. mr can be driven with ttl or cmos logic levels, or with open-drain/collector out- puts. connect a normally open momentary switch from mr to gnd to create a manual reset function. if mr is driven from long cables or if the device is used in a noisy environment, connect a 0.1f capacitor from mr to ground to provide additional noise immunity. applications information interfacing to different logic voltage components the max6408/max6411 have an active-low, open- drain output. this output structure will sink current when out is asserted. connect a pullup resistor from out to any supply voltage up to 5.5v (figure 1). select a resistor value large enough to allow a valid logic low (see electrical characteristics ), and small enough to register a logic high while supplying all input currents and leakage paths connected to the out line. voltage detectors in 4-bump (2 x 2) chip-scale package 6 _______________________________________________________________________________________ part top mark part top mark part top mark max6406 bs31-t aef max6407 bs31-t aep max6408 bs31-t aez max6406bs30-t aee max6407bs30-t aeo max6408bs30-t aey max6406bs29-t aed max6407bs29-t aen max6408bs29-t aex max6406bs28-t aec max6407bs28-t aem max6408bs28-t aew max6406bs27-t aeb max6407bs27-t ael max6408bs27-t aev max6406bs26-t aea max6407bs26-t aek max6408bs26-t aeu max6406bs25-t adz max6407bs25-t aej max6408bs25-t aet max6406bs24-t ady max6407bs24-t aei max6408bs24-t aes max6406bs23-t adx max6407bs23-t aeh max6408bs23-t aer max6406bs22-t adw max6407bs22-t aeg max6408bs22-t aeq table 2. device marking codes part top mark part top mark part top mark max6409 bs46-t afn max6410 bs46-t aax max6411 bs46-t abl max6409bs45-t afm max6410bs45-t aaw max6411bs45-t abk max6409bs44-t afl max6410bs44-t aav max6411bs44-t abj max6409bs43-t afk max6410bs43-t aau max6411bs43-t abi max6409bs42-t afj max6410bs42-t aat max6411bs42-t abh max6409bs41-t afi max6410bs41-t aas max6411bs41-t abg max6409bs40-t afh max6410bs40-t aar max6411bs40-t abf max6409bs39-t afg max6410bs39-t aaq max6411bs39-t abe max6409bs38-t aff max6410bs38-t aap max6411bs38-t abd max6409bs37-t afe max6410bs37-t aao max6411bs37-t abc max6409bs36-t afd max6410bs36-t aan max6411bs36-t abb max6409bs35-t afc max6410bs35-t aam max6411bs35-t aba max6409bs34-t afb max6410bs34-t aal max6411bs34-t aaz max6409bs33-t afa max6410bs33-t aak max6411bs33-t aay
negative-going v cc transients these devices are relatively immune to short-duration, negative-going v cc transients (glitches). the typical operating characteristics show the maximum transient duration vs. threshold overdrive graph, for which output pulses are not generated. the graph shows the maximum pulse width that a negative- going v cc transient may typically have before the devices issue output signals. as the amplitude of the transient increases, the maximum allowable pulse width decreases. ucsp reliability the chip-scale package (ucsp) represents a unique packaging form factor that may not perform equally to a packaged product through traditional mechanical reliabil- ity tests. csp reliability is integrally linked to the user s assembly methods, circuit board material, and usage environment. the user should closely review these areas when considering use of a csp package. performance through operating life test and moisture resistance remains uncompromised as it is primarily determined by the wafer-fabrication process. mechanical stress performance is a greater considera- tion for a csp package. csps are attached through direct solder contact to the user s pc board, foregoing the inherent stress relief of a packaged product lead frame. solder joint contact integrity must be considered. information on maxim s qualification plan, test data, and usage recommendations are detailed in the ucsp appli- cation note, which can be found on maxim s website at www.maxim-ic.com. chip information transistor count: 512 process: bicmos max6406?ax6411 voltage detectors in 4-bump (2 x 2) chip-scale package _______________________________________________________________________________________ 7 figure 1. interfacing to different logic voltage components out suspend v cc v in v out v cc p regulated 3.0v (open-drain) dc/dc converter gnd max6408/ max6411 3.6v li+ mr v cc ucsp top view after assembled on pc board (bumps at the bottom) ( ) are for max6407/max6410 a1 a2 b1 b2 gnd mr out (out) max6406- max6411 45 mil 45 mil pin configuration
max6406?ax6411 voltage detectors in 4-bump (2 x 2) chip-scale package maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a maxim product. no circu it patent licenses are implied. maxim reserves the right to change the circuitry and specifications without notice at any time. 8 _____________________maxim integrated products, 120 san gabriel drive, sunnyvale, ca 94086 408-737-7600 ? 2001 maxim integrated products printed usa is a registered trademark of maxim integrated products. package information 4l, ucsp 2x2.eps maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a maxim product. no circu it patent licenses are implied. maxim reserves the right to change the circuitry and specifications without notice at any time. 8 _____________________maxim integrated products, 120 san gabriel drive, sunnyvale, ca 94086 408-737-7600 ? 2001 maxim integrated products printed usa is a registered trademark of maxim integrated products. maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a maxim product. no circu it patent licenses are implied. maxim reserves the right to change the circuitry and specifications without notice at any time. 8 _____________________maxim integrated products, 120 san gabriel drive, sunnyvale, ca 94086 408-737-7600 ? 2001 maxim integrated products printed usa is a registered trademark of maxim integrated products.
e nglish ? ???? ? ??? ? ??? what's ne w p roducts solutions de sign ap p note s sup p ort buy comp any me mbe rs m axim > p roduc ts > supervis ors , v oltage m onitors , sequenc ers max6406, max6407, max6408, max6409, max6410, max6411 voltage detectors in 4-bump (2 x 2) c hip-scale package low-power voltage detectors in 4-bump chip scale package quickview technical documents ordering info more information all ordering information notes: other options and links for purchasing parts are listed at: http://www.maxim-ic.com/sales . 1. didn't find what you need? ask our applications engineers. expert assistance in finding parts, usually within one business day. 2. part number suffixes: t or t&r = tape and reel; + = rohs/lead-free; # = rohs/lead-exempt. more: see full data sheet or part naming c onventions . 3. * some packages have variations, listed on the drawing. "pkgc ode/variation" tells which variation the product uses. 4. devices: 1-288 of 288 m ax6406 fre e sam ple buy pack age : type pins footprint drawing code/var * te m p rohs/le ad-fre e ? m ate rials analys is max6406bs34+t 0c to +70c rohs/lead-free: see data sheet max6406bs30+ 0c to +70c rohs/lead-free: see data sheet max6406bs33+ 0c to +70c rohs/lead-free: see data sheet max6406bs33+t 0c to +70c rohs/lead-free: see data sheet max6406bs34+ 0c to +70c rohs/lead-free: see data sheet max6406bs30 0c to +70c rohs/lead-free: see data sheet max6406bs33 0c to +70c rohs/lead-free: see data sheet max6406bs34 0c to +70c rohs/lead-free: see data sheet max6406bs34-t 0c to +70c rohs/lead-free: see data sheet max6406bs33-t 0c to +70c rohs/lead-free: see data sheet max6406bs27+ uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4+3 * 0c to +70c rohs/lead-free: see data sheet materials analysis
max6406bs30+t 0c to +70c rohs/lead-free: see data sheet max6406bs28+t uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4+3 * 0c to +70c rohs/lead-free: see data sheet materials analysis max6406bs28+ uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4+3 * 0c to +70c rohs/lead-free: see data sheet materials analysis max6406bs25+ uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4+3 * 0c to +70c rohs/lead-free: see data sheet materials analysis max6406bs25+t uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4+3 * 0c to +70c rohs/lead-free: see data sheet materials analysis max6406bs24+ uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4+3 * 0c to +70c rohs/lead-free: see data sheet materials analysis max6406bs27+t uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4+3 * 0c to +70c rohs/lead-free: see data sheet materials analysis max6406bs24+t uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4+3 * 0c to +70c rohs/lead-free: see data sheet materials analysis max6406bs31 uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4-3 * 0c to +70c rohs/lead-free: no materials analysis max6406bs29 uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4-3 * 0c to +70c rohs/lead-free: no materials analysis max6406bs28 uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4-3 * 0c to +70c rohs/lead-free: no materials analysis max6406bs23 uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4-3 * 0c to +70c rohs/lead-free: no materials analysis max6406bs22 uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4-3 * 0c to +70c rohs/lead-free: no materials analysis max6406bs22+ uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4+3 * 0c to +70c rohs/lead-free: lead free materials analysis max6406bs23+ uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4+3 * 0c to +70c rohs/lead-free: lead free materials analysis max6406bs26+ uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4+3 * 0c to +70c rohs/lead-free: lead free materials analysis max6406bs24 uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4-3 * 0c to +70c rohs/lead-free: see data sheet materials analysis max6406bs29+ uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4+3 * 0c to +70c rohs/lead-free: lead free materials analysis max6406bs27 uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4-3 * 0c to +70c rohs/lead-free: see data sheet materials analysis max6406bs26 uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4-3 * 0c to +70c rohs/lead-free: no materials analysis max6406bs25 uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4-3 * 0c to +70c rohs/lead-free: see data sheet materials analysis max6406bs31+ uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4+3 * 0c to +70c rohs/lead-free: lead free materials analysis max6406bs23+t uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4+3 * 0c to +70c rohs/lead-free: lead free materials analysis
max6406bs22+t uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4+3 * 0c to +70c rohs/lead-free: lead free materials analysis max6406bs26+t uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4+3 * 0c to +70c rohs/lead-free: lead free materials analysis max6406bs31+t uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4+3 * 0c to +70c rohs/lead-free: lead free materials analysis max6406bs29+t uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4+3 * 0c to +70c rohs/lead-free: lead free materials analysis max6406bs31-t uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4-3 * 0c to +70c rohs/lead-free: no materials analysis max6406bs22-t uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4-3 * 0c to +70c rohs/lead-free: no materials analysis max6406bs30-t 0c to +70c rohs/lead-free: see data sheet max6406bs29-t uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4-3 * 0c to +70c rohs/lead-free: no materials analysis max6406bs28-t uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4-3 * 0c to +70c rohs/lead-free: no materials analysis max6406bs27-t uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4-3 * 0c to +70c rohs/lead-free: see data sheet materials analysis max6406bs26-t uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4-3 * 0c to +70c rohs/lead-free: no materials analysis max6406bs25-t uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4-3 * 0c to +70c rohs/lead-free: see data sheet materials analysis max6406bs24-t uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4-3 * 0c to +70c rohs/lead-free: see data sheet materials analysis max6406bs23-t uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4-3 * 0c to +70c rohs/lead-free: no materials analysis m ax6407 fre e sam ple buy pack age : type pins footprint drawing code/var * te m p rohs/le ad-fre e ? m ate rials analys is max6407bs34+ 0c to +70c rohs/lead-free: see data sheet max6407bs34+t 0c to +70c rohs/lead-free: see data sheet max6407bs33+t 0c to +70c rohs/lead-free: see data sheet max6407bs33+ 0c to +70c rohs/lead-free: see data sheet max6407bs34 0c to +70c rohs/lead-free: see data sheet max6407bs33 0c to +70c rohs/lead-free: see data sheet max6407bs34-t 0c to +70c rohs/lead-free: see data sheet max6407bs33-t 0c to +70c rohs/lead-free: see data sheet
max6407bs24+ uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4+3 * 0c to +70c rohs/lead-free: see data sheet materials analysis max6407bs24+t uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4+3 * 0c to +70c rohs/lead-free: see data sheet materials analysis max6407bs30+t uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4+3 * 0c to +70c rohs/lead-free: see data sheet materials analysis max6407bs25+ uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4+3 * 0c to +70c rohs/lead-free: see data sheet materials analysis max6407bs25+t uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4+3 * 0c to +70c rohs/lead-free: see data sheet materials analysis max6407bs27+ uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4+3 * 0c to +70c rohs/lead-free: see data sheet materials analysis max6407bs27+t uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4+3 * 0c to +70c rohs/lead-free: see data sheet materials analysis max6407bs28+ uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4+3 * 0c to +70c rohs/lead-free: see data sheet materials analysis max6407bs28+t uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4+3 * 0c to +70c rohs/lead-free: see data sheet materials analysis max6407bs30+ uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4+3 * 0c to +70c rohs/lead-free: see data sheet materials analysis max6407bs26 uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4-3 * 0c to +70c rohs/lead-free: no materials analysis max6407bs23 uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4-3 * 0c to +70c rohs/lead-free: no materials analysis max6407bs22 uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4-3 * 0c to +70c rohs/lead-free: no materials analysis max6407bs24 uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4-3 * 0c to +70c rohs/lead-free: see data sheet materials analysis max6407bs31 uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4-3 * 0c to +70c rohs/lead-free: no materials analysis max6407bs30 uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4-3 * 0c to +70c rohs/lead-free: see data sheet materials analysis max6407bs29 uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4-3 * 0c to +70c rohs/lead-free: no materials analysis max6407bs28 uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4-3 * 0c to +70c rohs/lead-free: see data sheet materials analysis max6407bs27 uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4-3 * 0c to +70c rohs/lead-free: see data sheet materials analysis max6407bs25 uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4-3 * 0c to +70c rohs/lead-free: see data sheet materials analysis max6407bs29+ uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4+3 * 0c to +70c rohs/lead-free: lead free materials analysis max6407bs22+ uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4+3 * 0c to +70c rohs/lead-free: lead free materials analysis max6407bs23+ uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4+3 * 0c to +70c rohs/lead-free: lead free materials analysis
max6407bs26+ uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4+3 * 0c to +70c rohs/lead-free: lead free materials analysis max6407bs31+ uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4+3 * 0c to +70c rohs/lead-free: lead free materials analysis max6407bs28-t uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4-3 * 0c to +70c rohs/lead-free: see data sheet materials analysis max6407bs27-t uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4-3 * 0c to +70c rohs/lead-free: see data sheet materials analysis max6407bs26-t uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4-3 * 0c to +70c rohs/lead-free: no materials analysis max6407bs22+t uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4+3 * 0c to +70c rohs/lead-free: lead free materials analysis max6407bs25-t uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4-3 * 0c to +70c rohs/lead-free: see data sheet materials analysis max6407bs24-t uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4-3 * 0c to +70c rohs/lead-free: see data sheet materials analysis max6407bs23-t uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4-3 * 0c to +70c rohs/lead-free: no materials analysis max6407bs29-t uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4-3 * 0c to +70c rohs/lead-free: no materials analysis max6407bs30-t uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4-3 * 0c to +70c rohs/lead-free: see data sheet materials analysis max6407bs31-t uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4-3 * 0c to +70c rohs/lead-free: no materials analysis max6407bs23+t uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4+3 * 0c to +70c rohs/lead-free: lead free materials analysis max6407bs26+t uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4+3 * 0c to +70c rohs/lead-free: lead free materials analysis max6407bs29+t uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4+3 * 0c to +70c rohs/lead-free: lead free materials analysis max6407bs31+t uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4+3 * 0c to +70c rohs/lead-free: lead free materials analysis max6407bs22-t uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4-3 * 0c to +70c rohs/lead-free: no materials analysis m ax6408 fre e sam ple buy pack age : type pins footprint drawing code/var * te m p rohs/le ad-fre e ? m ate rials analys is max6408bs25+ 0c to +70c rohs/lead-free: see data sheet max6408bs33+ 0c to +70c rohs/lead-free: see data sheet max6408bs33+t 0c to +70c rohs/lead-free: see data sheet max6408bs34+ 0c to +70c rohs/lead-free: see data sheet max6408bs34+t 0c to +70c rohs/lead-free: see data sheet
max6408bs34 0c to +70c rohs/lead-free: see data sheet max6408bs33 0c to +70c rohs/lead-free: see data sheet max6408bs25 0c to +70c rohs/lead-free: see data sheet max6408bs34-t 0c to +70c rohs/lead-free: see data sheet max6408bs33-t 0c to +70c rohs/lead-free: see data sheet max6408bs28+t uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4+3 * 0c to +70c rohs/lead-free: see data sheet materials analysis max6408bs27+t uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4+3 * 0c to +70c rohs/lead-free: see data sheet materials analysis max6408bs27+ uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4+3 * 0c to +70c rohs/lead-free: see data sheet materials analysis max6408bs30+ uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4+3 * 0c to +70c rohs/lead-free: see data sheet materials analysis max6408bs24+t uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4+3 * 0c to +70c rohs/lead-free: see data sheet materials analysis max6408bs25+t 0c to +70c rohs/lead-free: see data sheet max6408bs30+t uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4+3 * 0c to +70c rohs/lead-free: see data sheet materials analysis max6408bs24+ uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4+3 * 0c to +70c rohs/lead-free: see data sheet materials analysis max6408bs28+ uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4+3 * 0c to +70c rohs/lead-free: see data sheet materials analysis max6408bs26 uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4-3 * 0c to +70c rohs/lead-free: no materials analysis max6408bs31+ uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4+3 * 0c to +70c rohs/lead-free: lead free materials analysis max6408bs29+ uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4+3 * 0c to +70c rohs/lead-free: lead free materials analysis max6408bs22+ uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4+3 * 0c to +70c rohs/lead-free: lead free materials analysis max6408bs23+ uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4+3 * 0c to +70c rohs/lead-free: lead free materials analysis max6408bs24 uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4-3 * 0c to +70c rohs/lead-free: see data sheet materials analysis max6408bs23 uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4-3 * 0c to +70c rohs/lead-free: no materials analysis max6408bs22 uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4-3 * 0c to +70c rohs/lead-free: no materials analysis max6408bs28 uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4-3 * 0c to +70c rohs/lead-free: see data sheet materials analysis
max6408bs27 uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4-3 * 0c to +70c rohs/lead-free: see data sheet materials analysis max6408bs31 uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4-3 * 0c to +70c rohs/lead-free: no materials analysis max6408bs30 uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4-3 * 0c to +70c rohs/lead-free: see data sheet materials analysis max6408bs26+ uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4+3 * 0c to +70c rohs/lead-free: lead free materials analysis max6408bs29 uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4-3 * 0c to +70c rohs/lead-free: no materials analysis max6408bs23-t uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4-3 * 0c to +70c rohs/lead-free: no materials analysis max6408bs22-t uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4-3 * 0c to +70c rohs/lead-free: no materials analysis max6408bs22+t uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4+3 * 0c to +70c rohs/lead-free: lead free materials analysis max6408bs25-t 0c to +70c rohs/lead-free: see data sheet max6408bs23+t uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4+3 * 0c to +70c rohs/lead-free: lead free materials analysis max6408bs26-t uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4-3 * 0c to +70c rohs/lead-free: no materials analysis max6408bs31-t uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4-3 * 0c to +70c rohs/lead-free: no materials analysis max6408bs30-t uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4-3 * 0c to +70c rohs/lead-free: see data sheet materials analysis max6408bs29-t uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4-3 * 0c to +70c rohs/lead-free: no materials analysis max6408bs28-t uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4-3 * 0c to +70c rohs/lead-free: see data sheet materials analysis max6408bs31+t uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4+3 * 0c to +70c rohs/lead-free: lead free materials analysis max6408bs27-t uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4-3 * 0c to +70c rohs/lead-free: see data sheet materials analysis max6408bs29+t uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4+3 * 0c to +70c rohs/lead-free: lead free materials analysis max6408bs26+t uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4+3 * 0c to +70c rohs/lead-free: lead free materials analysis max6408bs24-t uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4-3 * 0c to +70c rohs/lead-free: see data sheet materials analysis m ax6409 fre e sam ple buy pack age : type pins footprint drawing code/var * te m p rohs/le ad-fre e ? m ate rials analys is max6409bs42+ uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4+3 * 0c to +70c rohs/lead-free: see data sheet materials analysis max6409bs40+ uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4+3 * 0c to +70c rohs/lead-free: see data sheet materials analysis
max6409bs36+t uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4+3 * 0c to +70c rohs/lead-free: see data sheet materials analysis max6409bs37+ uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4+3 * 0c to +70c rohs/lead-free: see data sheet materials analysis max6409bs37+t uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4+3 * 0c to +70c rohs/lead-free: see data sheet materials analysis max6409bs38+ uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4+3 * 0c to +70c rohs/lead-free: see data sheet materials analysis max6409bs38+t uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4+3 * 0c to +70c rohs/lead-free: see data sheet materials analysis max6409bs39+ uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4+3 * 0c to +70c rohs/lead-free: see data sheet materials analysis max6409bs39+t uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4+3 * 0c to +70c rohs/lead-free: see data sheet materials analysis max6409bs40+t uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4+3 * 0c to +70c rohs/lead-free: see data sheet materials analysis max6409bs41+ uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4+3 * 0c to +70c rohs/lead-free: see data sheet materials analysis max6409bs41+t uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4+3 * 0c to +70c rohs/lead-free: see data sheet materials analysis max6409bs36+ uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4+3 * 0c to +70c rohs/lead-free: see data sheet materials analysis max6409bs42+t uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4+3 * 0c to +70c rohs/lead-free: see data sheet materials analysis max6409bs35+t uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4+3 * 0c to +70c rohs/lead-free: see data sheet materials analysis max6409bs43+ uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4+3 * 0c to +70c rohs/lead-free: see data sheet materials analysis max6409bs43+t uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4+3 * 0c to +70c rohs/lead-free: see data sheet materials analysis max6409bs35+ uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4+3 * 0c to +70c rohs/lead-free: see data sheet materials analysis max6409bs45+ uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4+3 * 0c to +70c rohs/lead-free: see data sheet materials analysis max6409bs45+t uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4+3 * 0c to +70c rohs/lead-free: see data sheet materials analysis max6409bs39 uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4-3 * 0c to +70c rohs/lead-free: see data sheet materials analysis max6409bs38 uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4-3 * 0c to +70c rohs/lead-free: see data sheet materials analysis max6409bs40 uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4-3 * 0c to +70c rohs/lead-free: see data sheet materials analysis max6409bs46+ uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4+3 * 0c to +70c rohs/lead-free: lead free materials analysis max6409bs41 uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4-3 * 0c to +70c rohs/lead-free: see data sheet materials analysis
max6409bs43 uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4-3 * 0c to +70c rohs/lead-free: see data sheet materials analysis max6409bs37 uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4-3 * 0c to +70c rohs/lead-free: see data sheet materials analysis max6409bs44 uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4-3 * 0c to +70c rohs/lead-free: no materials analysis max6409bs44+ uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4+3 * 0c to +70c rohs/lead-free: lead free materials analysis max6409bs46 uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4-3 * 0c to +70c rohs/lead-free: no materials analysis max6409bs45 uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4-3 * 0c to +70c rohs/lead-free: see data sheet materials analysis max6409bs35 uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4-3 * 0c to +70c rohs/lead-free: see data sheet materials analysis max6409bs36 uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4-3 * 0c to +70c rohs/lead-free: see data sheet materials analysis max6409bs42 uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4-3 * 0c to +70c rohs/lead-free: see data sheet materials analysis max6409bs45-t uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4-3 * 0c to +70c rohs/lead-free: see data sheet materials analysis max6409bs43-t uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4-3 * 0c to +70c rohs/lead-free: see data sheet materials analysis max6409bs44-t uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4-3 * 0c to +70c rohs/lead-free: no materials analysis max6409bs37-t uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4-3 * 0c to +70c rohs/lead-free: see data sheet materials analysis max6409bs42-t uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4-3 * 0c to +70c rohs/lead-free: see data sheet materials analysis max6409bs41-t uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4-3 * 0c to +70c rohs/lead-free: see data sheet materials analysis max6409bs39-t uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4-3 * 0c to +70c rohs/lead-free: see data sheet materials analysis max6409bs38-t uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4-3 * 0c to +70c rohs/lead-free: see data sheet materials analysis max6409bs36-t uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4-3 * 0c to +70c rohs/lead-free: see data sheet materials analysis max6409bs35-t uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4-3 * 0c to +70c rohs/lead-free: see data sheet materials analysis max6409bs46-t uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4-3 * 0c to +70c rohs/lead-free: no materials analysis max6409bs44+t uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4+3 * 0c to +70c rohs/lead-free: lead free materials analysis max6409bs46+t uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4+3 * 0c to +70c rohs/lead-free: lead free materials analysis max6409bs40-t uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4-3 * 0c to +70c rohs/lead-free: see data sheet materials analysis
m ax6410 fre e sam ple buy pack age : type pins footprint drawing code/var * te m p rohs/le ad-fre e ? m ate rials analys is max6410bs45+ 0c to +70c rohs/lead-free: see data sheet max6410bs42+ 0c to +70c rohs/lead-free: see data sheet max6410bs43+ 0c to +70c rohs/lead-free: see data sheet max6410bs42 0c to +70c rohs/lead-free: see data sheet max6410bs43 0c to +70c rohs/lead-free: see data sheet max6410bs45 0c to +70c rohs/lead-free: see data sheet max6410bs42+t 0c to +70c rohs/lead-free: see data sheet max6410bs39+ uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4+3 * 0c to +70c rohs/lead-free: see data sheet materials analysis max6410bs38+ uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4+3 * 0c to +70c rohs/lead-free: see data sheet materials analysis max6410bs37+t uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4+3 * 0c to +70c rohs/lead-free: see data sheet materials analysis max6410bs37+ uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4+3 * 0c to +70c rohs/lead-free: see data sheet materials analysis max6410bs36+ uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4+3 * 0c to +70c rohs/lead-free: see data sheet materials analysis max6410bs35+t uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4+3 * 0c to +70c rohs/lead-free: see data sheet materials analysis max6410bs39+t uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4+3 * 0c to +70c rohs/lead-free: see data sheet materials analysis max6410bs35+ uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4+3 * 0c to +70c rohs/lead-free: see data sheet materials analysis max6410bs40+ uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4+3 * 0c to +70c rohs/lead-free: see data sheet materials analysis max6410bs40+t uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4+3 * 0c to +70c rohs/lead-free: see data sheet materials analysis max6410bs41+ uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4+3 * 0c to +70c rohs/lead-free: see data sheet materials analysis max6410bs45+t 0c to +70c rohs/lead-free: see data sheet max6410bs43+t 0c to +70c rohs/lead-free: see data sheet max6410bs38+t uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4+3 * 0c to +70c rohs/lead-free: see data sheet materials analysis max6410bs41+t uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4+3 * 0c to +70c rohs/lead-free: see data sheet materials analysis
max6410bs36+t uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4+3 * 0c to +70c rohs/lead-free: see data sheet materials analysis max6410bs44 uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4-3 * 0c to +70c rohs/lead-free: no materials analysis max6410bs46 uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4-3 * 0c to +70c rohs/lead-free: no materials analysis max6410bs39 uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4-3 * 0c to +70c rohs/lead-free: see data sheet materials analysis max6410bs38 uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4-3 * 0c to +70c rohs/lead-free: see data sheet materials analysis max6410bs36 uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4-3 * 0c to +70c rohs/lead-free: see data sheet materials analysis max6410bs37 uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4-3 * 0c to +70c rohs/lead-free: see data sheet materials analysis max6410bs35 uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4-3 * 0c to +70c rohs/lead-free: see data sheet materials analysis max6410bs40 uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4-3 * 0c to +70c rohs/lead-free: see data sheet materials analysis max6410bs44+ uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4+3 * 0c to +70c rohs/lead-free: lead free materials analysis max6410bs46+ uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4+3 * 0c to +70c rohs/lead-free: lead free materials analysis max6410bs41 uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4-3 * 0c to +70c rohs/lead-free: see data sheet materials analysis max6410bs45-t 0c to +70c rohs/lead-free: see data sheet max6410bs46-t uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4-3 * 0c to +70c rohs/lead-free: no materials analysis max6410bs44-t uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4-3 * 0c to +70c rohs/lead-free: no materials analysis max6410bs40-t uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4-3 * 0c to +70c rohs/lead-free: see data sheet materials analysis max6410bs43-t 0c to +70c rohs/lead-free: see data sheet max6410bs35-t uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4-3 * 0c to +70c rohs/lead-free: see data sheet materials analysis max6410bs36-t uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4-3 * 0c to +70c rohs/lead-free: see data sheet materials analysis max6410bs37-t uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4-3 * 0c to +70c rohs/lead-free: see data sheet materials analysis max6410bs42-t 0c to +70c rohs/lead-free: see data sheet max6410bs39-t uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4-3 * 0c to +70c rohs/lead-free: see data sheet materials analysis max6410bs38-t uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4-3 * 0c to +70c rohs/lead-free: see data sheet materials analysis
max6410bs41-t uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4-3 * 0c to +70c rohs/lead-free: see data sheet materials analysis max6410bs44+t uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4+3 * 0c to +70c rohs/lead-free: lead free materials analysis max6410bs46+t uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4+3 * 0c to +70c rohs/lead-free: lead free materials analysis m ax6411 fre e sam ple buy pack age : type pins footprint drawing code/var * te m p rohs/le ad-fre e ? m ate rials analys is max6411bs41+ 0c to +70c rohs/lead-free: see data sheet max6411bs41+t 0c to +70c rohs/lead-free: see data sheet max6411bs42+t 0c to +70c rohs/lead-free: see data sheet max6411bs42+ 0c to +70c rohs/lead-free: see data sheet max6411bs43+ 0c to +70c rohs/lead-free: see data sheet max6411bs43+t 0c to +70c rohs/lead-free: see data sheet max6411bs40+t 0c to +70c rohs/lead-free: see data sheet max6411bs39+t 0c to +70c rohs/lead-free: see data sheet max6411bs39+ 0c to +70c rohs/lead-free: see data sheet max6411bs36+t 0c to +70c rohs/lead-free: see data sheet max6411bs37+ 0c to +70c rohs/lead-free: see data sheet max6411bs38+ 0c to +70c rohs/lead-free: see data sheet max6411bs37+t 0c to +70c rohs/lead-free: see data sheet max6411bs38+t 0c to +70c rohs/lead-free: see data sheet max6411bs36+ 0c to +70c rohs/lead-free: see data sheet max6411bs45+t 0c to +70c rohs/lead-free: see data sheet max6411bs35+ 0c to +70c rohs/lead-free: see data sheet max6411bs45+ 0c to +70c rohs/lead-free: see data sheet max6411bs40+ 0c to +70c rohs/lead-free: see data sheet
max6411bs37 0c to +70c rohs/lead-free: see data sheet max6411bs43 0c to +70c rohs/lead-free: see data sheet max6411bs35 0c to +70c rohs/lead-free: see data sheet max6411bs42 0c to +70c rohs/lead-free: see data sheet max6411bs36 0c to +70c rohs/lead-free: see data sheet max6411bs38 0c to +70c rohs/lead-free: see data sheet max6411bs39 0c to +70c rohs/lead-free: see data sheet max6411bs40 0c to +70c rohs/lead-free: see data sheet max6411bs45 0c to +70c rohs/lead-free: see data sheet max6411bs41 0c to +70c rohs/lead-free: see data sheet max6411bs36-t 0c to +70c rohs/lead-free: see data sheet max6411bs37-t 0c to +70c rohs/lead-free: see data sheet max6411bs38-t 0c to +70c rohs/lead-free: see data sheet max6411bs39-t 0c to +70c rohs/lead-free: see data sheet max6411bs40-t 0c to +70c rohs/lead-free: see data sheet max6411bs41-t 0c to +70c rohs/lead-free: see data sheet max6411bs42-t 0c to +70c rohs/lead-free: see data sheet max6411bs45-t 0c to +70c rohs/lead-free: see data sheet max6411bs43-t 0c to +70c rohs/lead-free: see data sheet max6411bs35+t 0c to +70c rohs/lead-free: see data sheet max6411bs46+ uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4+3 * 0c to +70c rohs/lead-free: lead free materials analysis max6411bs44 uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4-3 * 0c to +70c rohs/lead-free: no materials analysis max6411bs46 uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4-3 * 0c to +70c rohs/lead-free: no materials analysis
max6411bs44+ uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4+3 * 0c to +70c rohs/lead-free: lead free materials analysis max6411bs46+t uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4+3 * 0c to +70c rohs/lead-free: lead free materials analysis max6411bs44+t uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4+3 * 0c to +70c rohs/lead-free: lead free materials analysis max6411bs44-t uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4-3 * 0c to +70c rohs/lead-free: no materials analysis max6411bs46-t uc sp;4 pin;1 mm dwg: 21-0117g (pdf) use pkgcode/variation: b4-3 * 0c to +70c rohs/lead-free: no materials analysis max6411bs35-t 0c to +70c rohs/lead-free: see data sheet didn't find what you need? next day product selection assistance from applications engineers parametric search applications help quickview technical documents ordering info more information des c ription key features a pplic ations /u s es key spec ific ations diagram data sheet a pplic ation n otes des ign guides e ngineering journals reliability reports software/m odels e valuation kits p ric e and a vailability samples buy o nline p ac kage i nformation lead-free i nformation related p roduc ts n otes and c omments e valuation kits doc ument ref.: 1 9 -2 0 4 1 ; rev 1 ; 2 0 0 1 -0 8 -0 1 t his page las t modified: 2 0 0 7 -0 6 -1 5 c ontac t us: send us an email c opyright 2 0 0 7 by m axim i ntegrated p roduc ts , dallas semic onduc tor ? legal n otic es ? p rivac y p olic y


▲Up To Search▲   

 
Price & Availability of MAX6408BS31T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X