metal core wire-wound chip power inductors mcoil tm MAMK2520T4R7M size : 2.5 x 2.0 x 1.2mm ( 0.098 x 0.079 x 0.047 inch ) inductance : 4.7 uh ( test freq at 2.0mhz ) saturation current : 1,700 / 1,500 ma ( typ. / max. ) temp. rise current : 1,500 / 1,300 ma ( typ. / max. ) dc resistance : 0.200 / 0.260 ohm ( typ. / max. ) saturation current typical : 30% reduction from ini tial l value. temp. rise current typical : temperature will rise by 40 deg c may-2012 -electrical characteristics data- halogen-free rohs MAMK2520T4R7M dc bias vs inductance 0.0 2.0 4.0 6.0 8.0 10.0 0 500 1,000 1,500 2,000 dc bias [ma] inductance [uh] MAMK2520T4R7M dc bias vs self temp. rise 0 10 20 30 40 50 60 0 500 1,000 1,500 2,000 dc bias [ma] self temp. rise [deg.] MAMK2520T4R7M dc bias vs frequency 0.1 1 10 100 0 1 10 100 frequency [mhz] inductance [uh]
|