Part Number Hot Search : 
BCP56 03470 2N5339 ES22MABE 4HC404 CEG8205A CEG8205A TA0882A
Product Description
Full Text Search
 

To Download MA27V20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 publication date: august 2004 skd00091aed variable capacitance diodes MA27V20 silicon epitaxial planar type for vco features ? good linearity and large capacitance-ratio in c d ? v r relation ? small series resistance r d absolute maximum ratings t a = 25 c parameter symbol rating unit reverse voltage v r 6v junction temperature t j 125 c storage temperature t stg ? 55 to + 125 c unit: mm 5? 5? 0.27 2 1 1.40 0.05 0.52 0.03 1.00 0.05 0.60 0.05 0.15 min. 0 to 0.01 0.15 min. 0.15 max. +0.05 ?.02 0.10 +0.05 ?.02 electrical characteristics t a = 25 c 3c parameter symbol conditions min typ max unit reverse current i r v r = 5 v 10 na diode capacitance c d(1v) v r = 1 v, f = 1 mhz 18.0 19.5 pf c d(3v) v r = 3 v, f = 1 mhz 9.20 9.90 capacitance ratio c d(1v) /c d(3v) 1.89 2.04 ? series resistance * r d v r = 3 v, f = 470 mhz 0.35 ? note) 1. measuring methods are based on j apanese industrial standard jis c 7031 measuring methods for diodes. 2. absolute frequency of input and output is 470 mhz 3. * : measuring instrument; yhp model 4191a rf impedance analyzer 1: anode 2: cathode sssmini2-f1 package marking symbol: t
MA27V20 2 skd00091aed i r ? t a i f ? v f c d ? v r c d ? t a ? 25 ? 5 75 55 35 15 0.969 0.977 0.985 0.993 1.001 1.009 1.017 1.025 1.033 1.041 ambient temperature t a ( c) c d (t a ) c d (t a = 25 c) v r = 1 v 3 v f = 1 mhz ? 25 ? 515355575 ambient temperature t a ( c) reverse current i r (na) 1 10 ? 2 10 ? 1 10 ? 3 v r = 5 v 0 0.4 0.2 1.0 1.2 1.4 0.8 0.6 0 10 20 30 40 50 60 70 80 90 100 forward voltage v f (v) forward current i f (ma) t a = 85 c 25 c ? 25 c 01 3456 2 1 100 10 reverse voltage v r (v) diode capacitance c d (pf) f = 1 mhz t a = 25 c
request for your special attention and precautions in using the technical information and semiconductors described in this material (1) an export permit needs to be obtained from the competent authorities of the japanese government if any of the products or technical information described in this material and controlled under the "foreign exchange and foreign trade law" is to be exported or taken out of japan. (2) the technical information described in this material is limited to showing representative characteristics and applied circuits examples of the products. it neither warrants non-infringement of intellectual property right or any other rights owned by our company or a third party, nor grants any license. (3) we are not liable for the infringement of rights owned by a third party arising out of the use of the technical information as described in this material. (4) the products described in this material are intended to be used for standard applications or general elec- tronic equipment (such as office equipment, communications equipment, measuring instruments and house- hold appliances). consult our sales staff in advance for information on the following applications: ? special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combus- tion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. ? any applications other than the standard applications intended. (5) the products and product specifications described in this material are subject to change without notice for modification and/or improvement. at the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date product standards in advance to make sure that the latest specifica- tions satisfy your requirements. (6) when designing your equipment, comply with the guaranteed values, in particular those of maximum rat- ing, the range of operating power supply voltage, and heat radiation characteristics. otherwise, we will not be liable for any defect which may arise later in your equipment. even when the products are used within the guaranteed values, take into the consideration of incidence of break down and failure mode, possible to occur to semiconductor products. measures on the systems such as redundant design, arresting the spread of fire or preventing glitch are recommended in order to prevent physical injury, fire, social damages, for example, by using the products. (7) when using products for which damp-proof packing is required, observe the conditions (including shelf life and amount of time let standing of unsealed items) agreed upon when specification sheets are individually exchanged. (8) this material may be not reprinted or reproduced whether wholly or partially, without the prior written permission of matsushita electric industrial co., ltd. 2003 sep


▲Up To Search▲   

 
Price & Availability of MA27V20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X