Part Number Hot Search : 
05351 N5400 PA01S W25X20CL FBH10 39200 SIS402 CD4025AF
Product Description
Full Text Search
 

To Download LLDB310 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  lldb3-lldb3tg 150mw bi-directional trigger diode small signal diode ? hermetically sealed glass. ? all external surfaces are corrosion resistant and terminals are readily solderable. min max min max ? case :mini-melf package 3.30 3.70 0.130 0.146 1.40 1.60 0.055 0.063 0.20 0.50 0.008 0.020 suggested pad layout ordering information package mini-melf mini-melf maximum ratings and electrical characteristics maximum ratings notes:1. valid provided that electrodes are kept at ambient temperature 2a mini-melf (ll34) mw c b c/w rja c t j , t stg units p d power dissipation symbol 150 type number value a 2.5k / 7" reel 2.5k / 7" reel ? weight : 29 2.5 mg ? high temperature soldering guaranteed: 260 c/10s rating at 25 c ambient temperature unless otherwise specified. -40 to + 125 i frm part no. lldb3 l1 lldb3tg l1 400 thermal resistance (junction to ambient) (note 1) 20sec repetitive peak forward current ? terminal: pure tin plated, lead free., solderable per mil-std-202, method 208 guaranteed packing junction and storage temperature range pulse width= hermetically sealed glass features unit (mm) unit (inch) ? surface device type mounting. dimensions mechanical data ? matte tin (sn) terminal finish ? pb free version and rohs compliant 2.00 0.079 2.50 0.098 1.25 0.049 0.197 5.00 c b a version : c10
lldb3-lldb3tg 150mw bi-directional trigger diode small signal diode electrical characteristics min. typ. max. break-over voltage symmetry c= 22nf + / -v bo max. break-over current c= 22nf i bo max. dynamic breakover voltage i bo to i f =10ma v min. v b = i b max. output voltage v o min. tape & reel specification 36 34 type number lldb3tg lldb3 + / - 3 break-over voltage c= 22nf v bo 32 32 embossment center p1 2.00 0.05 overall tape thickness t 0.230.005 punch hole position f 3.50 0.05 p0 4.00 0.10 sprocke hole pitch feed hole width d2 13.0 0.20 sprocke hole position e 1.75 0.10 reel outside diameter d 178 1 reel inner diameter d1 55 min 1.80 0.10 sprocket hole d 1.50 0.10 1.83 0.10 carrier length b 3.73 0.10 dimension a 10 v 15 a 100 symbol v units + / - 2 28 30 v 8.00 0.30 reel width w1 14.4max leakage current 0.5v bo (max) tape width w item symbol carrier width a carrier depth c *see diagram 1 5 v 59 top cover tape carieer a n y additional label ( if required ) tsc label direction of feed w1 d1 d2 d t c d p1 p0 a b f w e version : c10
lldb3-lldb3tg 150mw bi-directional trigger diode small signal diode rating and characteristic curves v bo :break-over voltage i bo : break-over current v : dynamic breakover voltage i b : leakage current at v b =0.5*v bo v f : voltage at current i f =10ma 0.1 1 10 100 1 10 100 tp (s) repetitive peak pulse current (a) fig 3 repetitive peak pulse current versus pulse duration (maximum values) 1.00 1.01 1.02 1.03 1.04 1.05 1.06 1.07 1.08 25 50 75 100 125 v bo [tj] / v bo [tj=25c] fig 2 relative variation of vbo versus junction temperature (typical values) tj(c) diagram 1: test circuit v v bo v b =0.5*v bo v f i f =10m i bo i b ambient tempeatature ( o c) fig 1 admissible power dissipation curve 0 40 80 120 160 0 102030405060708090100110120130 power dissipation (mw) v i version : c10


▲Up To Search▲   

 
Price & Availability of LLDB310

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X