Part Number Hot Search : 
GRM1555C 1N4744B DM0565 43650 5372T 18P1600 GP30G G2221
Product Description
Full Text Search
 

To Download LA6358NMM08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  92706 / 41206 ms ot 20060410-s00019 no.a0388-1/6 la6358nmm overview the la6358nmm is a high-perform ance dual operational amplifier that can op erate from a single voltage power supply. it features a built-in phase correction circuit. it can also operate from a dual power supply with both positive and negative levels and features low power consumption. the la6358nmm can be used in a wide range of industrial applications as a transducer amplifier for all types of transducers, as a dc amplifier circu it, and for other purposes as well. functions ? high-performance dual operational amplifier specifications maximum ratings at ta = 25 c parameter symbol conditions ratings unit maximum supply voltage v cc max 32 v differential input voltage v id 32 v maximum input voltage v in max -0.3 to +32 v allowable power dissipation pd max ta 25 c 300 mw operating temperature topr -30 to +85 c storage temperature tstg -55 to +125 c recommended operating conditions at ta = -30 to +85 c ratings parameter symbol conditions min typ max unit supply voltage v cc 3 24v ordering number : ena0388 monolithic linear ic high-performance dual operational amplifier any and all sanyo semiconductor products described or contained herein do not have specifications that can handle applications that require extremely high levels of reliability, such as life-support systems, aircraft's control systems, or other applications whose failure can be reasonably expected to result in serious physical and/or material damage. consult with your sanyo semiconductor representative nearest you before using any sanyo semiconductor products described or contained herein in such applications. sanyo semiconductor assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all sanyo semiconductor products described or contained herein.
la6358nmm no.a0388-2/6 electrical characteristics at ta = 25 c, v cc = 5v ratings parameter symbol conditions test circuit min typ max unit input offset voltage v io 1 1 3 mv input offset current i io i in (+)/i in (-) 2 5 50 na input bias current i b i in (+)/i in (-) 3,4 45 250 na common-mode input voltage range vicm 5 0 v cc -1.5 v common-mode rejection ratio cmr v cc = 30v 5 65 80 db large-amplitude voltage gain vg v cc = 15v, r l 2k ? 6 25 100 v/mv output voltage range v out 0 v cc -1.5 v supply voltage rejection ratio svr 11 65 100 db channel separation cs f = 1k to 20khz 7 120 db current drain i cc 8 0.5 1.2 ma output current (source) i o source v in + = 1v, v in - = 0v 9 20 40 ma output current (sink) i o sink v in + = 0v, v in - = 1v 10 10 20 ma package dimensions unit : mm 3032d pin assignment 14 85 5.0 0.63 6.4 0.15 0.35 1.27 (0.65) 4.4 (1.5) 1.7max 0.1 sanyo : mfp8(225mil)
la6358nmm no.a0388-3/6 equivalent circuit test circuits 1. input offset voltage v io 2. input offset current i io 3. input bias current i b ( ? ) 4. input bias current i b ( + )
la6358nmm no.a0388-4/6 5. common-mode rejection ratio cmr common-mode input voltage range vicn 6. voltage gain vg 7. channel separation ch sep 8. current drain i cc 9. output current i o source 10. output current i o sink
la6358nmm no.a0388-5/6 11. supply voltage rejection ratio svr ( + ) 12. supply voltage rejection ratio svr ( ? )
la6358nmm ps no. a0388-6/6 application circuit examples noninverting dc amplifier inverting ac amplifier square wave generator specifications of any and all sanyo semiconductor products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer's products or equipment. to verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer's products or equipment. sanyo semiconductor co., ltd. strives to supply high-quality high-reliability products. however, any and all semiconductor products fail with some probability. it is possible that these probabilistic failures could give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire, or that could cause damage to other property. when designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. in the event that any or all sanyo semiconductor products (including technical data,services) described or contained herein are controlled under any of applicable local export control laws and regulations, such products must not be exported without obtaining the export license from the authorities concerned in accordance with the above law. no part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written permission of sanyo semiconductor co., ltd. any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. when designing equipment, refer to the "delivery specification" for the sanyo semiconductor product that you intend to use. information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed for volume production. sanyo semiconductor believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties. this catalog provides information as of april, 2006. specifications and information herein are subject to change without notice.


▲Up To Search▲   

 
Price & Availability of LA6358NMM08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X