Part Number Hot Search : 
ML62262 04023 BCM8155 LM341 LA4629 FR153 61WV128 2450BP15
Product Description
Full Text Search
 

To Download HT11G1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dimensions in inches and (millimeters) version: a06 ht11g - ht18g 1.0 amp. glass passivated high efficient rectifiers ts-1 features  glass passivated chip junction.  high efficiency, low vf  high current capability  high reliability  high surge current capability  for use in low voltage, high frequency inventor, free wheeling, and polarity protection application. mechanical data  case: molded plastic ts-1  epoxy: ul 94v0 rate flame retardant  lead: pure tin plated, lead free, solderable per mil-std-202, method 208 guaranteed  polarity: color band denotes cathode  high temperature soldering guaranteed: 260 o c/10 seconds/.375,(9.5mm) lead lengths at 5 lbs., (2.3kg) tension  mounting position: any  weight: 0.20 gram maximum ratings and electrical characteristics rating at 25 o c ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% type number symbol ht 11g ht 12g ht 13g ht 14g ht 15g ht 16g ht 17g ht 18g units maximum recurrent peak reverse voltage v rrm 50 100 200 300 400 600 800 1000 v maximum rms voltage v rms 35 70 140 210 280 420 560 700 v maximum dc blocking voltage v dc 50 100 200 300 400 600 800 1000 v maximum average forward rectified current .375 (9.5mm) lead length @t a = 55 o c i (av) 1.0 a peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method ) i fsm 30 a maximum instantaneous forward voltage @ 1.0a v f 1.0 1.3 1.7 v maximum dc reverse current @t a =25 o c at rated dc blocking voltage @ t a =125 o c i r 5.0 150 ua ua maximum reverse recovery time ( note 1 ) trr 50 75 ns typical junction capacitance ( note 2 ) cj 15 10 pf typical thermal resistance r ja 95 o c/w operating temperature range t j -65 to +150 o c storage temperature range t stg -65 to +150 o c notes: 1. reverse recovery test conditions: i f =0.5a, i r =1.0a, i rr =0.25a 2. measured at 1 mhz and applied reverse voltage of 4.0 v d.c. 3. mount on cu-pad size 5mm x 5mm on pcb.
0.2 0.4 0.6 0.8 1.0 1.2 1.4 100 10 1 0.1 0.01 0 tj=25 c 0 tj=125 c 0 tj=75 c 0 fig.6 - revers e recove r y tim e characteristi c an d tes t circui t diagram 50 noninductive non inductive oscilloscope (not e 1) pulse gener a t or (not e 2) dut (+) 50vdc (approx) (-) notes : 1 . ris e t ime=7n s max . inpu t impedance= 1 megoh m 22pf 2 . ris e t ime=10n s max . sours e impedance= 5 0 ohms (-) (+) 10 noninductive -1.0a -0.25a 0 +0.5a trr 1cm set time base for 5/ 10ns/ cm ratings and characteristic curves (ht11g thru ht18g) fig.3- maximum non-repetitive forward surge current peak for ward surge current . (a) 1 2 5 10 20 100 50 10 0 15 20 30 25 35 40 number of cycles at 60hz 8.3ms single half sine wave jedec method fig.4- typical junction capacitance junction cap acitance.(pf) 0.1 0.5 1 5 2 10 20 50 100 200 800 10 0 20 30 40 50 60 70 reverse voltage. (v) tj=25 c 0 ht1 1g~ht15g h t 16g ~ h t 18g fig.2- typical reverse characteristics 0 20 40 60 80 100 120 0.1 1 10 100 1000 percent of rated peak reverse voltage. (%) instantaneous reverse current .( a) 140 version: a06 fig.1- maximum forward current derating curve average for ward current .(a) 0 25 50 100 150 175 125 75 0 1.0 2.0 ambient temperature. ( c) o single phase half wave 60hz resistive or inductive load 0.375" (9.5mm) lead length fig.5- typical instantaneous forward characteristics instantaneous for ward current . (a) forward voltage. (v) ht15g h t16g -h t18g h t1 1g -h t14g


▲Up To Search▲   

 
Price & Availability of HT11G1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X