Part Number Hot Search : 
2V181HJ PE6804 SK85C BAV16W06 06010 CMT164C KD40F40 TSM6866
Product Description
Full Text Search
 

To Download H3AM-NS-A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  http://www.ia.omron.com/ 1 (c)copyright omron corporation 2007 all rights reserved. mechatronic analog timer h3am please read and understand this catalog before purchasing the products. please consult your omron representative if you have any questions or comments. refer to safety precautions on page 7. large setting dial and moving pointers ideal for easy operation and monitoring ? incorporating an easy-to-see large setting dial with moving pointers. ? wide time-setting range of 0.2 s to 60 h (available through three time-range model types) ? wide ac power supply range (100 to 240 vac) ? ip65 watertight and dust-tight front panel. ? approved by ul and csa. ? conforms to en61812-1 and iec60664-1 4 kv for low voltage, and emc directives. ? conforms to emc standards. ? six-language instruction manual provided. ? programmable contact enables the building of a self-holding relay circuit as well as built-in instantaneous contact. (-ns) ? memory retention (-nsr) ? finger protection terminal block ? enables easy sequence checks through instantaneous outputs for a zero set value at any time range. model number legend ordering information list of models note: the operation of the instantaneous contacts differs for the self-resetting and electric resetting systems. refer to timing charts on page 5 for details. h3am - ns 12 - 3 - 1. resetting system none: self-resetting r: electric resetting 3. accessory none: without accessory 300: waterproof packing (y92s-35) provided 2. time range a: 0.5 s to 30 h b: 1 s to 60 h c: 0.2 s to 12 h rated supply voltage resetting system (see note.) control output time range 0.5 s to 30 h (30 s, 3 min, 30 min, 3 h, 30 h) 1 s to 60 h (60 s, 6 min, 60 min, 6 h, 60 h) 0.2 s to 12 h (12 s, 120 s, 12 min, 120 min, 12 h) 100 to 240 vac self-resetting dpdt contact output (time-limit output spdt and switchable spdt (time-limit ? instantaneous)) H3AM-NS-A h3am-ns-b h3am-ns-c electric resetting dpdt contact output (time-limit output spdt and instantaneous output spdt) h3am-nsr-a h3am-nsr-b h3am-nsr-c
http://www.ia.omron.com/ 2 (c)copyright omron corporation 2007 all rights reserved. h3am accessory (order separately) note: supplied with h3am-ns @ - @ -300 models. specifications general time ranges note: instantaneous output is obtained by turning the time setting knob below "0" until the time setting knob stops. ratings note: the minimum applicable load: h3am-ns: 10 ma at 5 vdc (failure level: p, reference value) h3am-nsr: 100 ma at 5 vdc (failure level: p, reference value) item model waterproof packing y92s-35 (see note.) operating mode on-delay screw tightening torque 0.98 nm (10 kgf) max. input type voltage input output type relay: dpdt mounting method flush/panel mounting, no restriction on mounting angle. approved standards ul 508, csa c22.2 no. 14 conforms to en61812-1, iec60664-1 4 kv/2, vde0106/p100 output category according to iec60947-5-1 model full scale on dial set time unit s 10 s min 10 min h (hour) 10 h (hour) h3am- @@@ -a 3 --- 0.5 to 30 s 0.05 to 3 min 0.5 to 30 min 0.05 to 3 h 0.5 to 30 h h3am- @@@ -b 6 --- 1 to 60 s 0.1 to 6 min 1 to 60 min 0.1 to 6 h 1 to 60 h h3am- @@@ -c 12 0.2 to12 s 2 to 120 s 0.2 to 12 min 2 to 120 min 0.2 to 12 h --- rated supply voltage 100 to 240 vac (50/60 hz) operating voltage range 85% to 110% of rated supply voltage power reset (-ns) minimum power-opening time: 0.5 s reset input time (-nsr) minimum input time: 0.5 s reset voltage range (-nsr) h level: 85 to 264 vac l level: 0 to 10 vac power consumption approx. 9 va (approx. 5 w) control output contact output: 5 a at 250 vac, resistive load (cos = 1) ambient temperature operating: C10 c to 55 c (with no icing) storage: C25 c to 65 c (with no icing) ambient humidity operating: 35% to 85%
http://www.ia.omron.com/ 3 (c)copyright omron corporation 2007 all rights reserved. h3am characteristics note: a separately sold waterproof packing (y92s-35) is necessary to ensure ip65 waterproofing between the timer and installation pan el. the h3am-ns @ - @ -300 model with waterproof packing is available. accuracy of operating time 0.7% fs max. setting error 2% fs max. reset time power reset: 0.5 s max. reset input time: 0.5 s max. influence of voltage 1% fs max. influence of temperature 2% fs max. insulation resistance 100 m max. (at 500 vdc) dielectric strength 2,000 vac (50/60 hz) for 1 min between exposed non-current-carrying metal parts and current-carrying metal parts 2,000 vac (50/60 hz) for 1 min between the operating circuit and control output terminals 1,000 vac (50/60 hz) for 1 min between the operating power supply circuit and reset input circuit (h3am-nsr only) 1,000 vac (50/60 hz) for 1 min between contacts not located next to each other 2,000 vac (50/60 hz) for 1 min between contacts of opposite poles impulse withstand voltage 3 kv between power terminals 4.5 kv between exposed non-current-carrying metal parts and current-carrying metal parts noise immunity 1.5 kv (between power terminals) square-wave noise by a noise simulator (pulse width: 100 ns/1 s, 1-ns rise) static immunity malfunction: 8 kv destruction: 15 kv vibration resistance destruction: 10 to 55 hz, 0.75-mm single amplitude for 2 cycles each in 3 directions (8 min per cycle) malfunction: 10 to 55 hz, 0.5-mm single amplitude for 2 cycles each in 3 directions (8 min per cycle) shock resistance destruction: 300 m/s 2 3 times each in 6 directions malfunction: 150 m/s 2 (100 m/s 2 in the front/back direction) 3 times each in 6 directions life expectancy mechanical: 5,000,000 times min. (under no load at 1,800 times/h) electrical: 100,000 times min. (5-a at 250 vac, resistive load at 1,800 times/h) motor life expectancy 20,000 h emc (emi): en61812-1 emission enclosure: en55011 class a emission ac mains: en55011 class a (ems): en61812-1 immunity esd: iec61000-4-2: 6 kv contact discharge 8 kv air discharge immunity rf-interference: iec61000-4-3: 10 v/m (amplitude-modulated, 80 mhz to 1 ghz) 10 v/m (pulse-modulated, 900 mhz 5 mhz) immunity power frequency magnetic fields: iec61000-4-8: 30 a/m (50 hz) immunity conducted disturbance: iec61000-4-6: 10 v (0.15 to 80 mhz) immunity burst: iec61000-4-4: 2 kv power-line 2 kv i/o signal-line immunity surge: iec61000-4-5: 1 kv line to line 2 kv line to ground enclosure rating ip65 (front panel only) (see note.) ip20 (terminal section) weight approx. 350 g
http://www.ia.omron.com/ 4 (c)copyright omron corporation 2007 all rights reserved. h3am nomenclature moving pointer (green): displays remaining time. power indicator (green) setting pointer (orange) displays set value. time setting knob (set time) output indicator (orange) time unit indicator instantaneous or time-limit output selector for r2 relay: (only for h3am-ns- @ models) default setting is time-limit output. time unit selector (illustrated model: h3am- @@@-c) note: the scale goes up to "3" with the h3am-@-a and up to "6" with the h3am-@ -b. model applicable time unit full scale on dial s 10 s min 10 min h 10 h h3am-@@@-a h3am-@@@-b h3am-@@@ -c 3 6 12 no no ye s ye s ye s ye s ye s ye s ye s ye s ye s ye s ye s ye s ye s ye s ye s no applicable time unit
http://www.ia.omron.com/ 5 (c)copyright omron corporation 2007 all rights reserved. h3am operations timing charts power supply (1-2) time-limit contact nc (3-4, 7-8) (see note 1.) time-limit contact no (3-5, 6-8) (see note 1.) power indicator (power) output indicator (up) instantaneous contact nc (7-8) (see note 1.) instantaneous contact no (6-8) (see note 1.) tt rt power supply (1-2) time-limit contact nc (3-4) time-limit contact no (3-5) instantaneous contact nc (7-8) instantaneous contact no (6-8) power indicator (power) output indicator (up) reset (9-10) t t' t+t' rt' rt' note: 1. the r2 contacts (7-8 and 6-8) are programmable and can be set to either instantaneous or time-limit contacts using the switch located on the bottom of the timer. 2. rt is the reset time and t is the set time. note: t is the set time, rt is the reset application time, and t is the power interruption time. h3am-ns h3am-nsr power supply (1-2) time-limit contact nc (3-4) time-limit contact no (3-5) instantaneous contact nc (7-8) instantaneous contact no (6-8) power indicator (power) output indicator (up) reset (9-10) t t' t+t' rt' rt'
http://www.ia.omron.com/ 6 (c)copyright omron corporation 2007 all rights reserved. h3am dimensions note: all units are in millimeters unless otherwise indicated. h3am (flush mounting) accessories (order separately) waterproof packing (provided with h3am-ns @ -@ -300 models.) installation internal connections and terminal arrangement note: the r2 relay can be switched between instantaneous and time-limit contacts and thus the contact symbol is shown as follows: 96 33 85 four, m4x17.5 screw boss 20.1 46 70 77.5 dia. 70 70 0.4 17.7 17.5 27.5 dia. four, 5-dia. holes mounting holes 70 0.4 96 81-dia. hole note: tightening torque for panel mounting is as follows: 300 m nm 50 m nm y92s-35 note: use waterproof packing to provide a level of water protection that complies with ip65 standards. depending on the operating environment, the waterproof packing may deteriorate, contract, or harden and so regular replacement is recommended. 1 2 3 4 5 6 7 8 9 10 r1 r2 power supply (see note) 1 2 3 4 5 6 7 8 9 10 r1 r2 reset power supply use the same power source for the power supply and reset input and wire the circuit so that the terminals (1) and (10) terminals (2) and (9) become the same phase respectively. h3am-ns h3am-nsr
http://www.ia.omron.com/ 7 (c)copyright omron corporation 2007 all rights reserved. h3am safety precautions precautions for safe use observe the following items to ensure the safe use of this product. environmental precautions ? store the h3am within the specified ratings. if the h3am has been stored at temperatures C10 c or lower, let it stand for 3 hours or longer at room temperature before turning on the power supply. ? use the h3am within the specified ratings for operating temperature and humidity. ? do not operate the h3am in locations subject to sudden or extreme changes in temperature, or locations where high humidity may result in condensation. ? do not use the h3am in locations subject to vibrations or shock. extended use in such locations may result in damage due to stress. ? do not use the h3am in locations subject to excessive dust, corrosive gas, or direct sunlight. ? install the h3am well away from any sources of static electricity, such as pipes transporting molding materials, powders, or liquids. ? do not use organic solvents (such as paint thinner or benzine), strong alkaline, or strong acids because they will damage the external finish. usage precautions ? install a switch or circuit breaker that allows the operator to immediately turn off the power, and label it to clearly indicate its function. ? be sure to wire the terminals correctly. ? do not install input lines in the same duct or conduit as power supply or other high-voltage lines. doing so may result in malfunction due to noise. separate the input lines from high- voltage lines. ? internal elements may be destroyed if a voltage outside the rated voltage is applied. ? maintain voltage fluctuations in the power supply within the specified range. ? use a switch, relay, or other contact so that the rated power supply voltage will be reached within 0.1 s. if the power supply voltage is not reached quickly enough, the h3am may malfunction or outputs may be unstable. precautions for correct use changing switch settings be sure to adjust the time unit selector and instantaneous or time- limit output selector for r2 relay only before the timer is turned on, otherwise the timer may be damaged or malfunction. be sure to set the time only when timer has stopped, otherwise the timer may malfunction. setting the operating time do not turn the time setting knob beyond the permissible range. if a precise time setting is required, check the operation of the timer in trial operation before the timer is put in actual operation. before using the h3am-nsr, apply voltage between terminals 9 and 10 to reset the operation. when changing the setting time of the h3am-nsr to a longer time value, be sure to apply voltage between terminals 9 and 10 during the change. others when mounting the timer on a panel, evenly tighten the timer to a specified torque. if the timer using waterproof packing is tightened to a torque other than the specified value, required waterproof properties will not be achieved. if the timer is mounted on a control panel, dismount the timer from the control panel or short-circuit the circuitry before carrying out a voltage withstand test between the electric circuitry and non current- carrying metal part of the machine, in order to prevent the internal circuitry of the timer from damage. the internal elements may be damaged if a voltage other than the rated supply voltage is applied. precautions for en61812-1 conformance the h3am as a built-in timer conforms to en61812-1 provided that the following conditions are satisfied: the output section of the h3am is provided only with basic isolation. the h3am itself is designed according to the following: ? overvoltage category iii ? pollution degree 2 on the above basis: operation parts on the front and bottom: reinforced isolation with clearance of 5.5 mm and creepage distance of 5.5 mm at 240 vac output: basic isolation with clearance of 3.0 mm and creepage distance of 3.0 mm at 240 vac in the interest of product improvement, specifications are subject to change without notice. all dimensions shown are in millimeters. to convert millimeters into inches, multiply by 0.03937. to convert grams into ounces, multiply by 0.03527.
2007. 3 omron corporation industrial automation company http://www.ia.omron.com/ (c)copyright omron corporation 2007 all rights reserved. in the interest of product improvement, specifications are subject to change without notice. read and understand this catalog please read and understand this catalog before purchasing the products. please consult your omron representative if you have an y questions or comments. warranty and limitations of liability warranty omron's exclusive warranty is that the products are free from defects in materials and workmanship for a period of one year (or other period if speci ed) from date of sale by omron. omron makes no warranty or representation, express or implied, regarding non-infringement, merchantability, or fitness for particular purpose of the products. any buyer or user acknowledges that the buyer or user alone has determined that the products will suitably meet the requirements of their intended use. omron disclaims all other warranties, express or implied. limitations of liability omron shall not be responsible for special, indirect, or consequential damages, loss of profits, or commercial loss in any way connected with the products, whether such claim is based on contract, warranty, negligence, or strict liability. in no event shall responsibility of omron for any act exceed the individual price of the product on which liability is asserted . in no event shall omron be responsible for warranty, repair, or other claims regarding the products unless omron's analysis confirms that the products were properly handled, stored, installed, and maintained and not subject to contamination, abuse, misuse, or inappropriate modification or repair. application considerations suitability for use omron shall not be responsible for conformity with any standards, codes, or regulations that apply to the combination of products in the customer's application or use of the product. at the customer's request, omron will provide applicable third party certi cation documents identifying ratings and limitation s of use that apply to the products. this information by itself is not suf cient for a complete determination of the suitability of the products in combi nation with the end product, machine, system, or other application or use. the following are some examples of applications for which particular attention must be given. this is not intended to be an exh austive list of all possible uses of the products, nor is it intended to imply that the uses listed may be suitable for the products: ?outdoor use, uses involving potential chemical contamination or electrical interference, or conditions or uses not described in this catalog. ?nuclear energy control systems, combustion systems, railroad systems, aviation systems, medical equipment, amusement machines , vehicles, safety equipment, and installations subject to separate industry or government regulations. ?systems, machines, and equipment that could present a risk to life or property. please know and observe all prohibitions of use applicable to the products. never use the products for an application involving serious risk to life or property without ensuring that the system as a whole has been designed to address the risks, and that the omron product is properly rated and installed for the intended use within the overall equipment or system. disclaimers change in specifications product speci cations and accessories may be changed at any time based on improvements and other reasons. it is our practice to change model numbers when published ratings or features are changed, or when signi cant construction cha nges are made. however, some speci cations of the product may be changed without any notice. when in doubt, special model numbers may be assigned to x or establish key speci cations for your application on your request. please consult with your omron representative at any time to con rm actual speci cations of purchased product. dimensions and weights dimensions and weights are nominal and are not to be used for manufacturing purposes, even when tolerances are shown. errors and omissions the information in this catalog has been carefully checked and is believed to be accurate; however, no responsibility is assumed for clerical, typographical, or proofreading errors, or omissions. performance data performance data given in this catalog is provided as a guide for the user in determining suitability and does not constitute a warranty. it may represent the result of omrons test conditions, and the users must correlate it to actual application requirements. actual performance is subject to the omron warranty and limitations of liability. programmable products omron shall not be responsible for the user's programming of a programmable product, or any consequence thereof. copyright and copy permission this catalog shall not be copied for sales or promotions without permission. this catalog is protected by copyright and is intended solely for use in conjunction with the product. please notify us before copying or reproducing this catalog in any manner, for any other purpose. if copying or transmitting this catalog to another, please copy or transmit it in its entirety.


▲Up To Search▲   

 
Price & Availability of H3AM-NS-A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X