Part Number Hot Search : 
Z2010U QB5E13Y LA9230 22V10 1100P ADG70 1008G 471KD14
Product Description
Full Text Search
 

To Download GBU406 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dimensions in inches and (millimeters) gbu features  ideal for printed circuit board  reliable low cost construction  plastic material has underwriters laboratory flammability classification 94v-0  high case dielectric strength of 1500vrms  surge overload rating to 150 amperes peak  high temperature soldering guaranteed: 260 o c / 10 seconds / .375?, (9.5mm) lead lengths at 5 lbs., (2.3kg) tension mechanical data  case: molded plastic body  weight: 0. 3 ounce, 8.0 grams  mounting torque: 5 in. lbs. max. maximum ratings and electrical characteristics rating at 25 o c ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% type number symbol gbu 401 gbu 402 gbu 403 gbu 404 gbu 405 gbu 406 gbu 407 units maximum recurrent peak reverse voltage v rrm 50 100 200 400 600 800 1000 v maximum rms voltage v rms 35 70 140 280 420 560 700 v maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 v maximum average forward rectified current @t c = 100 o c i (av) 4.0 a peak forward surge current, 8.3 ms single half sne-wave superimposed on rated load (jedec method ) i fsm 150 a maximum instantaneous forward voltage @ 2.0a @ 4.0a v f 1.0 1.1 v maximum dc reverse current @ t a =25 o c at rated dc blocking voltage @ t a =125 o c i r 5.0 500 ua ua typical junction capacitance (note 3) cj 100 45 pf typical thermal resistance (note 1) (note 2) r ja r jc 20 4.0 o c/w operating temperature range t j -55 to +150 o c storage temperature range t stg -55 to + 150 o c notes: 1. mounted on p.c.b. with 0.5? x 0.5? (12mm x 12mm) copper pads and 0.375? 9.5mm) lead length. 2. mounted on al. plate of 2? x 3? x 0.25? al-plate heatsink. 3. measured at 1.0mhz and applied reverse voltage of 4.0 volts. gbu401-gbu407 single phase 4.0amp.glass passivated bridge rectifiers http://www.luguang.cn mail:lge@luguang.cn
ratings and characteristic curves (gbu401 thru )gbu407 fig.3- maximum non-repetitive forward surge current per bridge element 1 001 5 case temperature. ( c) o fig.1-maximum forward current derating curve number of cycles at 60hz fig.5- typical forward characteristics per bridge element instantaneous forward current. (a) fig.2- typical reverse characteristics per bridge element instantaneous reverse current .( a)  peak forward surge current. (a) average forward current. (a) 50 20 10 2 0 1 2 3 4 5 0 100 50 150 4 20 40 100 10 2 1 0.4 0.2 0 0.01 0.1 10 100 500 1 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 02040 60 80 100 instantaneousforward voltage. (v) percent of rated peak reverse voltage. (%) tj=150 c 8.3ms single half sine wave tj=25 c 0 pulse width=300 s 1% duty cycle  tj=25 c 0 tj=125 c 0 50-400v 600-1000v heat-sink mountg 1.6 x 1.6 x 0.06" thk (4.0 x 4.0 x 0.15 cm)ai. plate 200 175 150 125 100 75 50 25 version: a06 fig.4- typical junction capacitance 1 2 5 10 20 800 100 140 120 100 80 60 40 20 0 reverse voltage. (v) 200 500 junction capacitance.(pf) 50 0.1 0.5 tj=25 c 0 gbu401- gbu404 gbu405- gbu407 gbu401-gbu407 single phase 4.0amp.glass passivated bridge rectifiers http://www.luguang.cn mail:lge@luguang.cn


▲Up To Search▲   

 
Price & Availability of GBU406

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X