Part Number Hot Search : 
IRG4PC 78M24C 20M22X BC727 SD820S05 AR5004 AR5004 S3P9414
Product Description
Full Text Search
 

To Download FQP12N60 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  to-220 parameter symbol value unit drain-source voltage v dss 600 v drain current - continuous i d 10.5 a drain current - pulsed i dm 42 a gate-source voltage v gss 30 v power dissipation p d 180 w max. operating junction temperature t j 150 o c storage temperature t stg -55~150 o c FQP12N60 description parameter symbol test conditions min. typ. max. unit drain-source breakdown voltage bv dss v gs = 0v, i d =250 a 600 v zero gate voltage drain current i dss v ds =600v, v gs =0v 1.0 ua gate-body leakage current, forward i gssf v gs =30v, v ds =0v 100 na gate-body leakage current, reverse i gssr v gs = -30v, v ds =0v -100 na gate threshold voltage v gs(th) v ds = v gs , i d =250 a 2.0 4.0 v static drain-source on-resistance r ds(on) v gs = 10 v, i d = 5.3 a 0.55 0.7 w drain-source diode forward voltage v sd v gs = 0 v, i s = 10.5 a 1.4 v 600v n-channel mosfet product specification these n-channel enhancement mode power field effect transistors are produced using fairchilds proprietary,planar, dmos technology. this advanced technology has been especially tailored to minimize on-state resistance, provide superior switching performance, and withstand high energy pulse in the avalanche and commutation mode. these devices are well suited for high efficiency switch mode power supplies. electrical characteristics absolute maximum ratings( ta = 25 c) o ( ta = 25 c) o tiger electronic co.,ltd


▲Up To Search▲   

 
Price & Availability of FQP12N60

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X