Part Number Hot Search : 
2SA959 AWT6123 TN6603PM LHR64 B3760 HT6513B S7809PI G3002
Product Description
Full Text Search
 

To Download EUP3484 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  EUP3484 ds3484 ver1.2 jul. 2010 1 3a, 30v, 340khz synchronous step-down converter description the EUP3484 is a synchronous current mode buck regulator capable of driving 3a continuous load current with excellent line and load regulation. the EUP3484 can operate with an input range 4.5v to 30v and the output can be externally set from 0.925v to 20v with a resistor divider. fault condition protection includes cycle-by-cycle current limiting and thermal shutdown. in shutdown mode the regulator draws 1 a of supply current. programmable soft-start minimizes the inrush supply current and the output overshoot at initial startup. the EUP3484 require a minimum number of external components. typical application circuit features z 3a output current z 220ns minimum on time z 35v input surge protection z integrated 160m ? /110m ? dmos switches z 4.5v to 30v input operating range z output adjustable from 0.925v to 20v z up to 95% efficiency z 1 a shutdown current z fixed 340khz frequency z programmable soft-start z thermal shutdown and overcurrent protection z input supply overvoltage and undervoltage lockout z available in sop-8 (ep) package z rohs compliant and 100% lead(pb)-free halogen-free applications z distributed power systems z networking systems z pc monitors z portable electronics figure 1. 12v to 3.3v/5v application circuit


▲Up To Search▲   

 
Price & Availability of EUP3484

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X