Part Number Hot Search : 
1212121 1212121 0D511K SHD12 46010 E1307 T5100150 P20N65
Product Description
Full Text Search
 

To Download EMP111-P1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  EMP111-P1 updated: 05/07/2008 7.0 ? 9.0 ghz power amplifier mmic specifications are subjec t to change without notice. excelics semiconductor, inc. 310 de guigne drive, sunnyvale, ca 94085 page 1 of 2 phone: 408-737-1711 fax: 408-737-1868 web: www.excelics.com revised may 2008 excelics optional packaging solutions are available contact the excelics sales team for details. features ? 7.0 ? 9.0 ghz operating frequency range ? 27.0dbm output power at 1db compression ? 17.0 db typical small signal gain ? -40dbc oimd3 @each tone pout 17dbm applications ? point-to-point and point-to-multipoint radio ? military radar systems caution! esd sensitive device. electrical characteristics (t a = 25 c, 50 ohm, vdd= 7 v, idq= 400 ma) symbol parameter/test conditions min typ max units f operating frequency range 7.0 9.0 ghz p1db output power at 1db gain compression 25.5 27.0 dbm gss small signal gain 15.0 17.0 db oimd3 output 3 rd order intermodulation distortion @ ? f=10mhz, each tone pout 17dbm -40 dbc input rl input return loss -12 db output rl output return loss -6 db idss saturate drain current v ds =3v, v gs =0v 496 620 744 ma v dd power supply voltage 7 8 v rth thermal resistance (au-sn eutectic attach) 15 o c/w tb operating base plate temperature - 35 + 85 oc absolute maximum ratings for continuous operation 1,2 symbol characteristic value v ds drain to source voltage 8 v v gs gate to source voltage - 4 v i dd drain current idss i gsf forward gate current 9 ma p in input power @ 3db compression t ch channel temperature 150c t stg storage temperature -65/150c p t total power dissipation 7.6w 1. operating the device beyond any of the above rating may result in permanent damage. 2. bias conditions must also satisfy the following equation v ds *i ds < (t ch ?t hs )/r th ; where t hs = ambient temperature emp111 -p1
EMP111-P1 updated: 05/07/2008 7.0 ? 9.0 ghz power amplifier mmic specifications are subjec t to change without notice. excelics semiconductor, inc. 310 de guigne drive, sunnyvale, ca 94085 page 2 of 2 phone: 408-737-1711 fax: 408-737-1868 web: www.excelics.com revised may 2008 disclaimer excelics semiconductor reserves the right to make changes without further notice to any products herein to improve reliabil ity, function or design. excelics does not assume any liability arising ou t of the application or use of any produc t or circuit described herein. life support policy excelics semiconductor products are not authorized for use as critical components in life support devices or systems with out the express written approval of excelics semiconductor, inc. as here in: 1. life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, or (c) whose failure to perf orm when properly used in accordance with instructions for use provided in the labeling, can be reasonably expect ed to result in significant injury to the user. 2. a critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support dev ice or system, or to affect its safety or effectiveness.


▲Up To Search▲   

 
Price & Availability of EMP111-P1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X