Part Number Hot Search : 
TPS92691 EFM201A 20Q100 12250 TK4A55DA BA6294 ENA0339 MMA1200
Product Description
Full Text Search
 

To Download ELM34810AA-N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 dual n-channel mosfet s 1 d1 s 2 d2 g2 g1 4 - pin configuration circuit pin no. pin name 1 source1 2 gate1 3 source2 4 gate2 5 drain2 6 drain2 7 drain1 8 drain1 4 3 2 1 5 6 7 8 sop-8(top view) ELM34810AA-N general description features maximum absolute ratings thermal characteristics parameter symbol typ. max. unit note maximum junction-to-ambient steady-state rja 62.5 c /w parameter symbol limit unit note drain-source voltage vds 30 v gate-source voltage vgs 20 v continuous drain current ta=25c id 7 a ta=70c 6 pulsed drain current idm 40 a 3 power dissipation ta=25c pd 2.0 w ta=70c 1.3 junction and storage temperature range tj, tstg -55 to 150 c ELM34810AA-N uses advanced trench technology to provide excellent rds(on), low gate charge and low gate resistance. ? vds=30v ? id=7a ? rds(on) < 21m (vgs=10v) ? rds(on) < 35m (vgs=4.5v)
2 note : 1. pulsed width300sec and duty cycle2%. 2. independent of operating temperature. 3. pulsed width limited by maximum junction temperature. 4. duty cycle 1%. ta=25 c dual n-channel mosfet 4 - ELM34810AA-N electrical characteristics parameter symbol condition min. typ. max. unit note static parameters drain-source breakdown voltage bvdss id=250a, vgs=0v 30 v zero gate voltage drain current idss vds=24v, vgs= 0v 1 a vds=20v, vgs= 0v, tj=55c 10 gate-body leakage current igss vds=0v, vgs= 20v 100 na gate threshold voltage vgs(th) vds=vgs, id=250 a 1.0 1.5 3.0 v on state drain current id(on) vgs=10v, vds=5v 25 a 1 static drain-source on-resistance rds(on) vgs=10v, id= 7a 15 21 m 1 vgs =4. 5v, id =6 a 21 35 m forward transconductance gfs vds = 15v, id =5 a 24 s 1 diode forward voltage vsd if = 1a, vgs=0v 1.2 v 1 max.body-diode continuous current is 1.3 a pulsed current ism 2.5 a 3 dynamic parameters input capacitance ciss vgs=0v, vds=15v, f=1mhz 1650 pf output capacitance coss 365 pf reverse transfer capacitance crss 170 pf switching parameters total gate charge qg vgs=5v, vds=15v, id=7a 18.0 25.0 nc 2 gate-source charge qgs 5.5 nc 2 gate-drain charge qgd 6.7 nc 2 turn - on delay time td(on) vgs=10v, vds=15v, id1a rgen=6 11 20 ns 2 turn - on rise time tr 9 18 ns 2 turn - off delay time td(off) 25 40 ns 2 turn - off fall time tf 11 20 ns 2 body diode reverse recovery time trr if = 5a, dl/dt=100a/ s 15.5 ns body diode reverse recovery charge qrr 7.9 nc
3 4 - dual n-channel mosfet typical electrical and thermal characteristics ELM34810AA-N 3 jun-29-2004 dual n-channel enhancement mode field effect transistor p2103hvg sop-8 lead-free niko-sem
4 dual n-channel mosfet 4 - ELM34810AA-N 4 jun-29-2004 dual n-channel enhancement mode field effect transistor p2103hvg sop-8 lead-free niko-sem


▲Up To Search▲   

 
Price & Availability of ELM34810AA-N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X