Part Number Hot Search : 
SDM150 MC14081B 74HCT14D ADA102 250BZX SD526 L7113GT DFLZ18
Product Description
Full Text Search
 

To Download EDS8-46C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  data sheet fxh scope of delivery instrument, fixture note: technical terms are defined by ansis 51.1 and jemis 022-1983. the model fxh optical field indicator displays optical measurement signals from an optical field instrument via an optical star coupler or optical connection terminal. indication: 4 digits on lcd, % display industrial value display setting: station no. of field instrument for indi- cation channel address no. in case of temper- ature multipoint mode industrial value sector power source: built-in lithium battery (expected life: about 4 years) self-diagnosis: abnormal drop of battery charge explosion-proofing: jis i3ng5, intrinsic safety safety barriers are not needed. ambient temperature: ?0 to +60 c storage temperature: ?0 to +70 c ambient humidity: 0 to 95%rh transmission: only for signal reception with one optical fiber (free from effects of noise and surge) transmission distance: 1km max. from field indicators construction and material finish color: epoxy-polyurethane double coating in sil- ver (amplifier case cover blue) enclosure: jis c 0920 water jet-proof (corresponding to iec ip65 or nema 4) external dimensions (h w d) and mass (weight): functional specifications mounting method: mounted on horizontal or vertical 50a (2b) pipe by u bolt cable and connection: optical cable per fuji spec. (separately available) connection; optical connector optical field indicator ffi system specifications code symbols 1 h x f- 10 2 1 345678 9 description a b 0 1 y b a b c d 1 2 1 connecting device for star coupler (fxq) for optical connection terminal (psm2) field instrument other than multi-point temperature converter (frl) multi-point temperature converter (frl) indication % display industrial value display industrial value display (with square root extraction) % display (with square root extraction) explosionproof non-explosionproof intrinsic safety (i3ng5) connecting optical cable 6mm dia. processing none acid/alkali-prood treatment fxh1 fxh2 dimensions [mm] 177 122 184.7 123 122 184.7 2.8 2.8 mass (weight) [approx. kg] date EDS8-46C jul. 31, 1994
fxh master station (eds11-86) optical star coupler (eds8-48) optical connection terminal (eds8-45) hhc (eds8-44) connection assemble tool optical connector cable 1. name of product 2. type of product 3. other optical connector optical fiber battery lcd o/e -com field indicator master station pmh,pnt optical star coupler fxq monitor terminal transmitter 1km max. field indicator electric converter psn optical connection terminal psm2 monitor terminal transmitter 1km max. field indicator (1) star coupler connection (1:8 connection) (2) 2-branch optical relay (with monitor terminal, type psm2) connection (1:1 connection) operating principle diagram system block diagram ordering information related devices
indicating unit u-bolt, m8 56 76 121 4-9 70 104.6 70 104.6 146.7 175.7 mounting pipe jis 50a (2b) 122 outline diagram (unit:mm)
fxh information in this catalog is subject to change without notice. printed in japan head office 6-17, sanbancho, chiyoda-ku, tokyo 102-0075, japan http://www.fesys.co.jp/eng sales div. international sales dept. no.1, fuji-machi, hino-city, tokyo, 191-8502 japan phone: 81-42-585-6201, 6202 fax: 81-42-585-6187 http: //www.fic-net.jp/eng caution on safety *before using this product, be sure to read its instruction manual in advance.


▲Up To Search▲   

 
Price & Availability of EDS8-46C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X