Part Number Hot Search : 
GS8640 164245 37300 1E101 BCM53 TP208G RFU37 BCM53
Product Description
Full Text Search
 

To Download CBTL06GP212EE-G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1. general description the cbtl06gp212 is a six-channel (?hex?) mu ltiplexer for displayp ort and pci express applications at generation 2 (?gen2?) spe eds. it provides four differential channels capable of 1 : 2 switching or 2 : 1 multiplexing (bidirectional and ac-coupled) pci express or displayport signals, using high-bandwidth pass-gate technology. it provides support for high common-mode/bias voltage on the high speed differential channels. additionally, it provides for switching/multiple xing of the hot plug detect signal as well as the aux or ddc (direct display control) signals, for a total of six channels on the display side. the aux and ddc channels provide a f our-position multiplexer such that an additional level of multiplexing can be accomplished when aux and ddc i/os are on separate pins of the display source device. the cbtl06gp212 is designed for gen2 sp eeds, at 5.0 gbit/s for pci express or 5.4 gbit/s for displayport. it consumes 2 ma current (typical) in operational mode and provides a shutdown function to support battery-powered applications. a typical application of cbtl06gp212 is on motherboards where one of two gpu display sources needs to be selected to connect to a display sink device or connector. a controller chip selects which path to use by setting a select signal high or low. due to the non-directional nature of the signal paths (which use high-bandwidth pass gate technology), the cbtl06gp212 can also be used in the reverse topology, e.g., to connect one display source device to one of two display sink devices or connectors. 2. features cbtl06gp212 high performance displayp ort switch with high common-mode voltage support rev. 1 ? 2 may 2012 product brief ? 1 : 2 switching or 2 : 1 multiplexing of displayport (v1.2 - 5.4 gbit/s) or pci express (v2.0 - 5.0 gbit/s) signals ? 4 high-speed differential channels with 2 : 1 muxing/switching for displayport or pci express signals ? 1 channel with 4 : 1 muxing/switching for aux at 1 mbit/s or ddc signals ? 1 channel with 2 : 1 muxing/switching for single-ended hpd signal ? r on on dp high-speed channels: 6 ? low insertion loss: ? ? 0.5 db at 100 mhz ? ? 1.5 db at 1.35 ghz ? ? 2.5 db at 2.7 ghz ? low crosstalk: ? 35 db at 2.7 ghz ? low off-state isolation: ? 30 db at 2.7 ghz ? low return loss: ? 8db at 2.7ghz ? very low intra-pair skew (5 ps typical) ? very low inter-pair skew (< 80 ps) ? high-bandwidth analog pass-gate technology ? 3 db bandwidth at 5 ghz ? supports a wide range of common-mode/bias voltage on high speed differential channels ? switch/multiplexer positi on select cmos input ? shutdown mode cmos input ? supports backdrive protection ? single 3.3 v power supply ? supports high-speed signal switching over a wide common-mode range and differential swing
cbtl06gp212 ? nxp b.v. 2012. all rights reserved. product brief rev. 1 ? 2 may 2012 2 of 2 nxp semiconductors cbtl06gp212 high performance displayport 1.2 switch ? operation current of 2 ma ty pical, shut-down current 10 a maximum ? esd 2 kv hbm, 500 v cdm ? available in 5 mm 5 mm, 0.5 mm ball pitch tfbga48 package 3. applications ? motherboard applications requiring displayport and pci express switching/multiplexing ? docking stations ? notebook computers ? chip sets requiring flexible allocation of pci express or displayport i/o pins to board connectors 4. ordering information [1] total height including solder balls af ter printed circuit board mounting = 1.15 mm. table 1. ordering information type number solder process package name description version cbtl06gp212ee/g pb-free (snagcu solder compound) tfbga48 plastic thin fine-pitc h ball grid array package; 48 balls; body 5 5 0.8 mm [1] sot918-1 fig 1. functional diagram cbtl06gp212 vdd din1_n+ dout_n? aux+ aux? 0 1 aux+ or scl dout_n+ din1_n? din2_n+ din2_n? 4 4 4 daux1+ 00 10 daux1? daux2+ daux2? 01 ddc_clk1 ddc_dat1 11 ddc_clk2 ddc_dat2 0 1 hpd_1 hpd_2 gpu_sel ddc_aux_sel xsd aux? or sda hpdin gnd ?nxp b.v. 2012. all rights reserved. for more information, please visit: http://www.nxp.com for sales office addresses, please s end an email to: salesaddresses@nxp.com date of release: 2 may 2012 document identifier: cbtl06gp212


▲Up To Search▲   

 
Price & Availability of CBTL06GP212EE-G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X