Part Number Hot Search : 
MA4P160 BAS16W AD6485 GD4066 C0201 MX365A 5KP180C MF4751A
Product Description
Full Text Search
 

To Download BU100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  inchange semiconductor product specification silicon npn power transistors BU100 description with to-3 package high voltage capability applications for horizontal deflection output stage of ctv receivers and high voltalge, fast switching and industrial applications pinning (see fig.2) pin description 1 base 2 emitter 3 collector absolute maximum ratings(t c =25 ) symbol parameter conditions value unit v cbo collector-base voltage open emitter 150 v v ceo collector-emitter voltage open base 60 v v ebo emitter-base voltage open collector 7 v i c collector current 10 a i cm collector current-peak 15 a p d total power dissipation t c =75 15 w t j junction temperature 200 t stg storage temperature -55~200 fig.1 simplified outline (to-3) and symbol
inchange semiconductor product specification 2 silicon npn power transistors BU100 characteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit v ceo(sus) collector-emitter sustaining voltage i c =100ma ; i b =0 60 v v (br)cbo collector-base breakdown voltage i c =1ma; i e =0 150 v v (br)ebo emitter-base breakdown voltage i e =1ma; i c =0 7 v v ce (sat) collector-emitter saturation voltage i c =8a ;i b =2.5a 3.3 v v be (sat) base-emitter saturation voltage i c =8a ;i b =2.5a 2.2 v i cbo collector cut-off current v cb =120v; i e =0 10 a i ebo emitter cut-off current v eb =7v; i c =0 10 a h fe dc current gain i c =2a ; v ce =2v 40 90 f t transition frequency i c =0.5a ; v ce =10v;f=1mhz 0.1 mhz
inchange semiconductor product specification 3 silicon npn power transistors BU100 package outline fig.2 outline dimensions


▲Up To Search▲   

 
Price & Availability of BU100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X