Part Number Hot Search : 
5TT10 BU2040 12101 C2530 24012 74VHC1G MHS027 CY7C42
Product Description
Full Text Search
 

To Download BR36 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  16.0 0.4 10.8 0.5 16.0 0.4 10.8 0.5 |? 1.1 0.1 20 min 8.0 0.4 |? 3.84 typ. rating to 1000v prv surge overload rating to 50 amperes peak ideal for printed circuit board reliable low cost construction utilizing molded plastic technique results in inexpensive product maximum ratings and electrical characteristics ratings at 25 ambient temperature unless otherwise specified. single phase,half wave,60 hz,resistive or inductive load. for capacitive load,derate by 20%. br32 br34 BR36 br38 br310 units maximum recurrent peak reverse voltage v rrm 200 400 600 800 1000 v max imum rms v oltage v rms 140 280 420 560 700 v maximum dc blocking voltage v dc 200 400 600 800 1000 v maximum average forw ard output current @t a =25 peak forw ard surge current 8.3ms single half-sine-w ave superimposed on rated load maximum instantaneous forw ard voltage @ 1.5 a v f v maximum reverse current @t a =25 a at rated dc blocking voltage @t a =100 ma operating junction temperature range t j storage temperature range t stg br305 br31 50 100 1.1 1.0 50.0 i fsm a 10.0 lead solderable per mil-std-202 method 208 i f(av) 3.0 a 100 70 voltage range: 50 --- 1000 v current: 3.0 a 35 50 br3 - 55 ---- + 150 - 55 ---- + 125 i r dimensions in millimeters br305-br310 silicon bridge rectifiers features http://www.luguang.cn mail:lge@luguang.cn
single phase half wave 60hz resistive or inductive load 0 25 50 75 100 125 150 175 1 2 4 3 0 .4 .6 .8 1.0 1.2 .01 0.1 1.0 0.2 10 1.4 t j =25 pulse width =300us 10 04060 20 t j =100 100 120 140 80 t j =25 0.1 1.0 .01 0 10 1 100 50 20 30 40 10 8.3ms single half sine wave t j =125 amperes average forward output current , amperes fi g. 3 -- typical forward characteri sti c fi g. 4 -- typi cal reverse characteristi c instantaneous forward voltage, volts number of cycles at 60h z ambient temperature, instantaneous forward current, peak forward surge current, fi g. 2 -- forward derati ng curve amperes micro amperes percent of rated peak reverse voltage fi g. 1 -- peak forward surge current instantaneous reverse current, br305-br310 silicon bridge rectifiers ratings and charactieristic curves http://www.luguang.cn mail:lge@luguang.cn


▲Up To Search▲   

 
Price & Availability of BR36

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X