Part Number Hot Search : 
D2412 COB3015 COB3015 CEP5175 CEP5175 20TC15M L8550M PCM1740E
Product Description
Full Text Search
 

To Download 87911-2011 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/25/2010 please check www.molex.com for latest part information part number: 0879112011 status: active overview: cgrid__sl_products description: 2.54mm (.100") pitch c-grid? header, right angle, through hole, 20 circuits, 0.38m (15") gold (au) selective plating, tube packaging, lead-free documents: 3d model rohs certificate of compliance (pdf) drawing (pdf) agency certification ul e29179 general product family pcb headers series 87911 application board-to-board, wire-to-board overview cgrid__sl_products product name c-grid? physical breakaway yes circuits (loaded) 20 circuits (maximum) 20 color - resin black first mate / last break no flammability 94v-0 glow-wire compliant no guide to mating part no keying to mating part none lock to mating part none material - metal copper alloy material - plating mating gold material - plating termination tin material - resin high temperature thermoplastic number of rows 2 orientation right angle pc tail length (in) 0.125 in pc tail length (mm) 3.18 mm pcb locator no pcb retention none pcb thickness recommended (in) 0.062 in pcb thickness recommended (mm) 1.60 mm packaging type tube pitch - mating interface (in) 0.100 in pitch - mating interface (mm) 2.54 mm pitch - term. interface (in) 0.100 in pitch - term. interface (mm) 2.54 mm plating min: mating (in) 15 plating min: mating (m) 0.38 polarized to mating part no polarized to pcb no shrouded no stackable no surface mount compatible (smc) yes temperature range - operating -55c to +105c series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 87911 series mates with 7859 shunts. c-grid? pcb receptacles like 71850. sl? idt housing like 70450
termination interface: style through hole electrical current - maximum per contact 3a voltage - maximum 250v material info reference - drawing numbers sales drawing sd-87911-027 this document was generated on 05/25/2010 please check www.molex.com for latest part information





▲Up To Search▲   

 
Price & Availability of 87911-2011

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X