Part Number Hot Search : 
HEF45 HA178M06 FJX3015R L1010 HMC43210 D7220D KMOC3051 1N4763AP
Product Description
Full Text Search
 

To Download 7101J1ABE222 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  7000 series miniature toggle switches features/benefits ? multi-pole and multi-position ? w ide variety of actuator and termination options ? epoxy terminal-seal compatible with bottom wash cleaning ? rohs complaint models available typical applications ? t elecommunications ? instrumentation ? medical equipment specifications cont act rating: b contact material: 0.4 va max. @ 20 v ac or dc max. q contact material: 5 amps @ 120 v ac or 28 v dc; 2 amps @ 250 v ac. see page g-16 for additional ratings. electrical life: 7x01 and ux1 models: 100,000 make-and-break cycles at full load. all other models: 40,000 cycles. contact resistance: below 10 m typ. initial @ 2-4 v dc, 100 ma, for both silver and gold plated contacts. insulation resistance: 10 9 min. dielectric strength: 1000 vrms min. @ sea level. operating temperature: C0?oto 85?. solderability: per mil-std-202f method 208d, or eia rs-186e method 9 (1 hour steam aging). for materials see page f-4. note: any models supplied with p , s r, q, b or g contact material are rohs compliant and compatible. note : specifications listed above ar e for switches with standard options. for information on specific and custom switches, consult customer service center. build-a-switch to order, simply select desired option from each category and place in the appropriate box. available options are shown and described on pages fC thru f?C. for additional options not shown in catalog, consult our customer service center . switch function 7101 sp on-none-on 7103 sp on-off-on 7105 sp mom.-off-mom. 7107 sp on-off-mom. 7108 sp on-none-mom. 7109 sp none-on-mom. 7201 dp on-none-on 7203 dp on-off-on 7205 dp mom.-off-mom. 7207 dp on-off-mom. 7208 dp on-none-mom. 7211 dp on-on-on 7213 dp on-on-mom. 7215 dp mom.-on-mom. 7301 3p on-none-on 7303 3p on-off-on 7305 3p mom.-off-mom. 7308 3p on-none-mom. 7401 4p on-none-on 7403 4p on-off-on 7405 4p mom.-off-mom. 7408 4p on-none-mom. 7411 4p on-on-on 7413 4p on-on-mom. 7415 4p mom.-on-mom. note: ul/csa models available, see pages f-4 & f-5. actuator m .200" high p3 flatted, anti-rotation, .450" high s .420" high t .687" high, 15/32 bushing k2 locking lever , .704" high k9 locking lever , .704" high k12 locking lever , .732" high k19 locking lever , .732" high l .840" high l1 .640" high l1p anti-rotation, .640" high l2 .550" high l2p anti-rotation, .550" high l3 plastic .940 inch l40 lever handle without cap l41 .531" high lever handle with cap l42 .838" high lever handle with cap mp anti-rota tion, .200" high p1 fla tted, anti-rota tion, .840" high p4 fla tted, anti-rota tion, .250" high sp anti-rota tion, .420" high t1 .487" high, 15/32 bushing t1p anti-rotation, .487" high, 15/32 bushing t2p flatted, anti-rotation, .610 high, 15/32 bushing, tp anti-rota tion, .687" high, 15/32 bushing terminations a right angle, pc thru-hole av2 vert. right angle, pc thru-hole c pc thru-hole v3 .460 high, v-bracket z solder lug a2 right angle, pc thru-hole a3 right angle, pc thru-hole a4 right angle, pc thru-hole aw1 right angle, extended, pc thru-hole aw4 right angle, extended, pc thru-hole v2 .555" high, v -bracket v4 .630" high, v -bracket v6 .460" high, v-bracket v7 .630" high, v-bracket v8 .953" high, v-bracket v9 1.150" high, v-bracket v21 .555" high, snap-in v-bracket v31 .460" high, sna p-in v -bracket v41 .630" high, sna p-in v -bracket v71 .630" high, sna p-in v-bracket v81 .953" high, snap-in v-bracket bushing d .280 high, keyway h .296 high, flat y .350 high, keyway none no bushing choice required cw splashproof d8 .280" high, flat d9 .280" high, keyway h3 .315" high, keyway h4 8mm high, keyway y1 .378" high, keyway y3 8.9mm high, keyway y4 .378" high, flat y9 .350" high, keyway contact material b gold p gold, matte-tin q silver s silver, matte-tin g gold over silver r gold over silver , matte-tin seal e epoxy i epoxy potted base actuator color/finish none bright chrome 2 black 3 red s sa tin chrome kxx actuator color/finish none natural aluminum 2 black anodized aluminum 3 red anodized aluminum 7 blue anodized aluminum bushing finish none nickel on all bushings (except d8, satin chrome) 2 black w .750" long, wire wrap w1 .964" long, wire wrap w3 .425" long, wire wrap w4 1.062" long, wire wrap w5 1.305" long, wire wrap z3 quick connect models available fC 3 dimensions are shown: inches (mm) specifications and dimensions subject to change www.ck-components.com f toggle
fC 4 dimensions are shown: inches (mm) specifications and dimensions subject to change www.ck-components.com f toggle 7000 series miniature toggle switches 1/4-40 uns-2a keyway dpdt 2-1,5-4 2-1,5-4 2-1,5-4 2-1,5-4 n/a open n/a 2-3,5-4 2-3,5-6 2-3,5-6 2-3,5-6 2-3,5-6 on none on on off on mom. off mom. on off mom. on none mom. on on on on on mom. mom. on mom. u21 u23 u25 u27 u28 u211 * u213 * u215 * 7201 7203 7205 7207 7208 7211 * 7213 * 7215 * dp 1/4-40 uns-2a keyway spdt 2-1 2-1 2-1 2-1 n/a open n/a 2-3 2-3 2-3 2-3 n/a on none on on off on mom. off mom. on off mom. on none mom. none on mom. u11 u13 u15 u17 u18 u19 7101 7103 7105 7107 7108 7109 sp schematic connected terminals pos. 1 pos. 2 pos. 3 switch function pos. 1 pos. 2 pos. 3 ul/csa** model no. model no. no. poles t erminal numbers for reference only terminal numbers for reference only dpdt spdt part number shown: 7101syzbe part number shown: 7201syzqe mom. = momentary * wiring for 3-way switch, see section n. ** u11C415 model nos. with all options when ordered with g, r, q or s contact material. materials case: glass filled nylon 6/6, flame retardant, heat stabilized, or diallyl phthalate (dap) (ul 94v-0). actuator: brass, chrome plated. bushing: brass or zinc, nickel plated. housing: stainless steel. switch support: brass or steel, tin plated. end contacts: b contact material: copper alloy, with gold plate over nickel plate. q contact material: coin silver, silver plated. see page f-15 for additional contact materials. center contacts & all terminals: b contact material: copper alloy, with gold plate over nickel plate. q contact material: copper alloy, silver plated. see above for additional contact materials. terminal seal: epoxy. hardware: nut & locking ring: brass, nickel plated. lockwasher: steel, nickel plated. note: materials listed above ar e for switches with standard options. for information on specific and custom switches, consult customer service center . switch function
7000 series miniature toggle switches switch function 4pdt 2-1,5-4,8-7,11-1 0 2-1,5-4,8-7,11-10 2-1,5-4,8-7,11-1 0 2-1,5-4,8-7,11-1 0 n/a open n/a 2-3,5-4,8-9,11-1 0 2-3,5-6,8-9,11-1 2 2-3,5-6,8-9,11-12 2-3,5-6,8-9,11-1 2 2-3,5-6,8-9,11-1 2 on non e on on of f on mom. off mom. on none mom. on on on on on mom. mom. on mom. u41 u43 u45 u48 u411 * u413 * u415 * 7401 7403 7405 7408 7411 * 7413 * 7415 * 4p 3pdt 2-1,5-4,8-7 2-1,5-4,8-7 2-1,5-4,8-7 n/a open n/a 2-3,5-6,8-9 2-3,5-6,8-9 2-3,5-6,8-9 o n non e on on of f on mom . of f mom. on of f mom. on non e mom. u31 u33 u35 u37 u38 7301 7303 7305 7307 7308 3p schem a tic connected terminals pos. 1 pos. 2 pos. 3 switch function pos. 1 pos. 2 pos. 3 ul/csa** model no. model no. no. poles 4pdt 3pdt part number shown: 7301syzqe part number shown: 7401syzqe mom. = momentar y * w iring for 3-way switch, see section n. ** u11C415 model nos . with all options when or de r ed with g, q, r or s contact material. 1/4-40 uns-2a keyw ay t erminal numbers for reference only 1/4-40 uns-2a keyway terminal numbers for reference only fC 5 dimensions are shown: inches (mm) specifications and dimensions subject to change www.ck-components.com f toggle
fC 6 dimensions are shown: inches (mm) specifications and dimensions subject to change www.ck-components.com f toggle 7000 series miniature toggle switches actuator * dim. a * * * * * 15/32-32 uns-2a .487 (1 2, 37) .448 (1 1 ,38) 15/32-32 uns-2a 15/32-32 uns-2a .687 (1 7, 45) sp antirotation, .420" high 2,3 s .420" high 1 mp antirotation, .200" high 2,3 m .200" high 1 l1p, l2p antirotation, .840", .640", .550" high 2,3 l, l1, l2 .840", .640", .550" high 1 tp antirotation, .687 (17,45) high, 15/32 bushing 1,2,3 t .687 (17,45) high 1,2 t1p antirotation, .487 (12,37) high, 15/32 bushing 1,2,3 t1 .487 (12,37) high 1,2 p1 flatted with antirotation, .840" high 2,3 p3 flatted with antirotation, .450" high 2,3 p4 flatted with antirotation, .250" high 2,3 s actuator standard when ordered with c, w-w5, z & z3 terminations. caps are available separately, see page f-16. m actuator standard when ordered with all terminations except c, w-w5, z & z3. caps are available separately, see page f-16. bushing option code not r equir ed unless cw splashpr oof bushing or der ed. tp & t1p actuators not available with cw splashproof bushing. all txx actuators not available on single pole models with a-a4, a w1-a w4 terminations. bushing option code not r equir ed. t2p actuator not available with cw splashproof bushing or single pole models with a-a4, a w1-a w4 terminations. note: black hardware is supplied when either black actuators or bushings are specified. for additional hardware, see section n. 1 l, l1, l2, m, s & txx actuators not available with y1 bushing. 2 l1p, l2p, mp, p1, p3, p4, sp & txx actuators not available with d8 & h4 bushing. 3 antir otation: pr ovides anti-ush--n?eature on actuator. * add .070 (1,78) for d, d8 & d9 bushings, subtract .020 (0,51) for h3 bushing. caps are available separately, see page f-16. dr ess nut part number 709901201 supplied standar d with thr eaded bushing. (part number 709903201 with metric thr eaded bushings.) t2p flatted, antirotation, .610" high, 15/32 bushing 1,2,3 l .840 (21,34) l1, l1p .640 (16,26) l2, l2p .550 (13,97) dim option code none bright chrome-with nickel plated bushing 2 black s sa tin chrome actuator finish option code actuator finish actuator
fC 7 dimensions are shown: inches (mm) specifications and dimensions subject to change www.ck-components.com f toggle 7000 series miniature toggle switches actuator replaces k1, k18 replaces k, k8 * gloss plastic chrome finish no color choice r equired. locking positions C3 & ?1 models 3 position lock C5, ?C & ?5Cmodels 1 position lock C7 & ?C models 2 position lock C1 models 2 position lock C8 models 1 position lock * add .070 (1,78) for d, d8 & d9 bushings, subtract .020 (0,51) for h3 bushing. finish: matte (l41 & l42). l40 lever handle without cap l41 plastic lever handle with antirot a tion and cap , p/n 4810 l42 plastic lever handle with antirot a tion and cap , p/n 4811 k9 locking lever, .704" high (unthreaded) k2 locking lever, .704" high (threaded) k19 locking lever, .732" high (unthreaded) k12 locking lever, .732" high (threaded) note: t o pr event accidental actuation, toggle must be lifted befor e being actuated. when r eleased, toggle will lock in place. overtightening mounting nut may cause actuator to bind. locking levers supplied with bushing shown. bushing option code not required unless cw splashproof bushing ordered. note: lever handle for l41 & l42 actuators supplied, but not installed. for interchangeability, or der l40 actuator option and lever handles separately , see page f-16. l4x actuators not available with h4, y1, y4 bushings. antirotation: provides anti-ush--n?eature on actuator. none natural aluminumCith nickle plated bushing 2 black anodized aluminum 3 red anodized aluminum 7 blue anodized aluminum actuator cap finish option code none no actuator color (l40 option) 2 black 3 red plastic actua tor colors option code actuator finish/color actuator l3 plastic .940 high
fC 8 dimensions are shown: inches (mm) specifications and dimensions subject to change www.ck-components.com f toggle 7000 series miniature toggle switches bushing p anel mounting 1/4 inch bushing metric bushing 15/32 inch bushing without locking ring. with standard locking ring. with small locking ring. without locking ring. with locking ring. without locking ring. with standard locking ring. 15/32-32 uns-2a 1/4-40 uns-2a for t & t 1 actuators. for actuators other than t & t 1. 1/4-40 uns-2a d8 d, d9 1/4-40 uns-2a 1/4-40 uns-2a 1/4-40 uns-2a 1/4-40 uns-2a 1/4-40 uns-2a y9 .350" high, unthreaded, keyway y .350" high, threaded, keyway none no bushing d8 .280" high, unthreaded, flat 3 d9 .280" high, unthreaded, keyw ay d .280" high, threaded, keyway h .296" high, flat threaded, high torque 1,2 h3 .315" high, keyway threaded, high torque 1,2 h4 8mm high, keyw ay, threaded, metric high torque 1,2,3 y1 .378" high, keyw ay, threaded, high torque 1,2,4 y3 8.9mm high, keyw ay, threaded, metric y4 .378" high, flat, threaded, high torque 1,2,5 cw threaded, splashproof 1,2 y bushing standard with c, w-w5, z or z3 terminations. subtract .020 (0,51) fr om all actuator lengths for h3 bushing. no bushing choice r equired with kxx, txx actuators. (exception: specify cw if splashpr oof bushing desired). d9 bushing standard with all terminations except c, w-w5, z or z3. add .070 (1,78) toall actuators lengths with d, d8 & d9 bushings. ip67 degree of protection, totally protected against dust, full-scale voltage pr otection, temporary immersion. internal actuator seal standard. exter nal bushing seal available separately fr om apm hexseal, part # mfs-60064. ip67 degree of protection, totally protected against dust, full-scale voltage pr otection, temporary immersion. internal actuator seal and external bushing seal washer standard. 1 will withstand 12 in.-lbs. of tor que with no distortion. 2 cw . h, h3, h4, y1 & y4 bushings not available on single pole models with a4 terminations. 3 d8 & h4 bushings available only with l, l1, l2, m & s actuators. 4 y1 bushing available only with lxp, mp, px & sp actuators. 5 y4 bushing not available with l4x actuators. note: two mounting nuts, locking ring and lockwasher supplied standard with thr eaded bushings. black har dwar e is supplied when either black bushings or actuators are specified. optional mounting nut and locking ring styles and finishes available, see section n. none nickel on all bushings except 8?atin chr ome. 2 black bushing finish option code bushing finish bushing
fC 9 dimensions are shown: inches (mm) specifications and dimensions subject to change www.ck-components.com f toggle 7000 series miniature toggle switches terminations switch support with cw, h, h3, h4, y1, y4 bushings and kxx actuators. terminal nos. for reference only actuator shown in pos. 1 section a-a dim '' pc mounting pc mounting dim 'a ' .030 (0,76) thk. .030 (0,76) thk. .030 (0,76) thk. z solder lug c pc thru-hole z3 quick connect a3 right angle, snap-in, pc thru-hole aw1, aw4 right angle, extended, pc thru-hole w, w1, w3, w4, w5 wire wrap spdt thru 4pdt spdt thru 4pdt spdt thru 4pdt not available with p, r or s contact materials. not available with p, r or s contact materials. mating quick connector available, or der part number 530100000, page f-16. not available with i seal option. terminal bend radii and lead-in manufacturing option. spdt thru 4pdt w .750 (19,05) w1 .964 (24,48) w3 .425 (10,80) w4 1.062 (26,97) w5 1.305 (33,15) dim option code a w1 .72 (18,3) aw4 .83 (21,1) dim option code part no. shown: 7101mhabe 7101md9abe horizontal actuation spdt a right angle, pc thru-hole
fC 10 dimensions are shown: inches (mm) specifications and dimensions subject to change www.ck-components.com f toggle 7000 series miniature toggle switches terminations terminals & support actuator shown in pos. 1 section a-a actuator shown in pos. 1 section a-a terminals & support .33 (8,4) dim '' pc mounting .18 (4,6) .33 typ. (8,4) pc mounting 7201md9abe horizontal actuation dpdt 7301md9abe horizontal actuation 3pdt aw1 .40 (10,2) aw4 .50 (12,7) dim option code a right angle, pc thru-hole a3 right angle, snap-in, pc thru-hole a right angle, pc thru-hole aw4 right angle, extended, pc thru-hole aw1, aw4 right angle, extended, pc thru-hole not available with i seal option. terminal bend radii and lead-in manufacturing option. not available with i seal option. t erminal bend radii and lead-in manufacturing option.
pc mounting pc mounting 7000 series miniature toggle switches terminations actuator shown in pos. 1 terminals & support switch support with cw, h, h3, h4, y1, y4 bushings and kxx actuators. pc mounting actuator shown in pos. 1 pc mounting actuator shown in pos. 1 section a-a a2 right angle, pc thru-hole, .156" pitch a4 right angle, pc thru-hole .156" pitch av2 vertical right angle, pc thru-hole, .150" pitch not available with i seal option. t erminal bend radii and lead-in manufacturing option. not available with kxx & txx actuators, cw, h, h3, h4, y1 & y4 bushings, and i seal. t erminal bend radii and lead-in manufacturing option. note: the a4 option is available with any contact material and can be ul recognized and csa certified. the pc patter n must clear switch support legs. not available with txx actuators and i seal. terminal bend radii and lead-in manufacturing option. 7101mha2be horizontal actuation spdt 7101md9av2be horizontal actuation spdt 7101md9a4be horizontal actuation spdt part no. shown: 7101mha2be actuator shown in pos. 1 section a-a av2 vertical right angle, pc thru-hole, .150" pitch not available with i seal option. t erminal bend radii and lead-in manufacturing option. 7201md9a v2be vertical actuation dpdt fC 11 dimensions are shown: inches (mm) specifications and dimensions subject to change www.ck-components.com f toggle
fC 12 dimensions are shown: inches (mm) specifications and dimensions subject to change www.ck-components.com f toggle actuator shown in pos. 1 section a-a pc mo unting dim a actuator shown in pos. 1 snap-in av2 vertical right angle, pc thru-hole, .150" pitch v2, v6, v7, v8 vertical mount, v-bracket v21, v71, v81 vertical mount, v-bracket, snap-in 7401md9a v2be vertical actuation 4pdt 7101md9__be spdt not available with i seal option. terminal bend radii and lead-in manufacturing option. not available with i seal option. v2, v21 .555 (14,10) v6 .460 (11,68) v7, v71 .630 (16,00) v8, v81 .953 (24,21) dim option code actuator shown in pos. 1 section a-a av2 ver tical right angle, pc thru-hole, .150" pitch not available with i seal option. terminal bend radii and lead-in manufacturing option. 7301md9av2be vertical actuation 3pdt 7000 series miniature toggle switches terminations pc mounting pc mounting
fC 13 dimensions are shown: inches (mm) specifications and dimensions subject to change www.ck-components.com f toggle dim a actuator shown in pos. 1 snap-in pc mounting v2, v6, v7, v8 vertical mount, v-bracket v21, v61, v71, v81 vertical mount, v-bracket, snap-in 7201md9__be dpdt not available with i seal option. v2, v21 .555 (14,10) v6, v61 .460 (11,68) v7, v71 .630 (16,00) v8, v81 .953 (24,21) dim option code 7000 series miniature toggle switches terminations pc mo unting dim a actuator shown in pos. 1 snap-in pc mounting dim a actuator shown in pos. 1 snap-in v2, v7, v8 vertical mount, v-bracket v2, v7, v8 ver tical mount , v-bracket v21, v71, v81 vertical mount, v-bracket, snap-in v21, v71, v81 ver tical mount, v-bracket, snap-in 7301md9__be 3pdt 7401md9__be 4pdt not available with i seal option. not available with i seal option. v2, v21 .555 (14,10) v7, v71 .630 (16,00) v8, v81 .953 (24,21) dim option code v2, v21 .555 (14,10) v7, v71 .630 (16,00) v8, v81 .953 (24,21) dim option code
fC 14 dimensions are shown: inches (mm) specifications and dimensions subject to change www.ck-components.com f toggle dim a actuator shown in pos. 1 snap-in pc mo unting dim a actuator shown in pos. 1 snap-in pc mounting v3, v4, v9 ver tical mount, v-bracket v4, v9 vertical mount, v-bracket v41 vertical mount, v-bracket, snap-in v31, v41 vertical mount, v-bracket, snap-in 7201md9__be dpdt 7301md9__be 3pdt not available with i seal option. not available with i seal option. v3, v31 .460 (11,68) v4, v41 .630 (16,00) v9 1.150 (29,21) dim option code v4, v41 .630 (16,00) v9 1.150 (29,21) dim option code 7000 series miniature toggle switches terminations dim a actuator shown in pos. 1 snap-in pc mounting v3, v4, v9 vertical mount, v-bracket v31, v41 ver tical mount, v-bracket, snap-in 7101md9__be spdt not available with i seal option. v3, v31 .460 (11,68) v4, v41 .630 (16,00) v9 1.150 (29,21) dim option code
fC 15 dimensions are shown: inches (mm) specifications and dimensions subject to change www.ck-components.com f toggle 7000 series miniature toggle switches terminations dim '' actuator shown in pos. 1 snap-in pc mounting v4, v9 vertical mount, v-bracket v41 ver tical mount, v-bracket, snap-in 7401md9__be 4pdt not available with i seal option. v4, v41 .630 (16,00) v9 1.150 (29,21) dim option code cont act ma terial * note: see t echnical data section of this catalog for rohs compliant and compatible definitions and specifications. 1 cont acts & terminals: copper alloy, with gold plate over nickel plate. 2 end contacts: coin silver, with gold plate over nickel plate. 3 center contacts & all terminals: copper alloy, with gold plate over nickel plate. 4 end cont acts: coin silver , silver plated. 5 center cont act & all terminals: copper alloy, silver plated. 6 terminals: copper alloy, with matte tin alloy nickel plate. note: any models supplied with p , s, r, q, b or g contact material ar e rohs compliant. u11-u415 model numbers with all options when or der ed with g, s, r, or q contact material. b contact material standard with all terminations except c, z & z3. q contact material standard with c, z & z3 terminations. p , s & r contact materials not available with z & z3 terminations. option code contact ma terial terminal pla ting ra tings sil ver 5 ma tte-tin 6 gold 1 sil ver 4,5 gold over silver 2,3 gold 3 matte-tin 6 gold 1 ma tte-tin 6 low level/ dry circuit power low level/dry circuit or power 0.4 v a max. @ 20 v ac or dc max. 5 amps @ 120 v ac or 28 v dc; 2 amps @ 250 v ac. 0.4 v a max @ 20 v ac or dc max. or 5 amps @ 120 v ac or 28 v dc; 2 amps @ 250 v ac. b p q s g r
fC 16 dimensions are shown: inches (mm) specifications and dimensions subject to change www.ck-components.com f toggle 16 [0.630] ? 2 [ 0. 0 79 ] 15/3 2-3 2, ns- 2a .464 (11 ,79) 1/4-40 u ns- 2 a nut .524 (13,3) .6 5 8 (16 ,7 ) .331 (8,4) 15/3 2-3 2 n s-2a ? .331 (8,4) .9 4 5 ( 24 ,0 ) .6 5 7 ( 16 ,7 ) .477 (12,12) .777 (19,74) l41 lever handle part no. 481001000 white 481002263 black 481003000 red material: nylon finish: matte l42 lever handle part no. 481101000 white 481102263 black 481103000 red material: nylon finish: matte fits z3 t ermination female connector part no. 530100000 a vailable in loose pieces. note: additional nuts, locking rings and lockwashers available separately, see section n. other colors available, consult customer service center. 7000 series miniature toggle switches seal .383 (9,73) .687 (17,45) .312 (7,92) dim. '' available hardware sp .410 (10,41) dp .440 (11,18) 3p .505 (12,83) 4p .505 (12,83) dim no. poles e epoxy seal i epoxy potted base cap p art no. 896801000 white 896802000 black 896803000 red material: polyethylene finish: matte cap p art no. 763701000 white 763702000 black 763703000 red material: vinyl finish: matte cap p art no. 706201000 white 706202000 black 706203000 red material: vinyl finish: matte compatible with ottom--ash?c board cleaning methods. available with c, w-w5, z & z3 terminations only. 759d02000 sealing boot 703d02000 sealing boot 704d02000 sealing boot note: for use with s actuator style when combined with d, h, h3, y, and y4 bushings note: for use with t and tp style actuators. note: for use with t , tp and t2p style actuators. can not be used for switch functions: 7103, 7203, 7303, 7403,7107, 7207, 7307, and 7407.


▲Up To Search▲   

 
Price & Availability of 7101J1ABE222

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X