characteristic typical min/max ta= 25 o c ta = -20 o c to +70 o c frequency 1000 mhz 1000 mhz supply power dc 15 15 ma 120 125 phase locked oscillator model 621509 (1000 mhz) vswr 1.5 2.0 spurious (dbc) -70 -60 variation over temperature (dbm) +/- 0.75 dbm +/- 1 dbm output power (dbm) +13 +12 specifications features ! ! ! ! ! low phase noise: -136 dbc/hz @ 100 khz ! ! ! ! ! low spurious: -70 dbc typical ! ! ! ! ! external reference: 100 mhz ! ! ! ! ! environmental screening available harmonics (dbc) -25 -20 external reference (mhz) 10 10 lock indicator ttl (high=locked) ttl (low=unlocked) storage temperature -55 o c +125 o c spectrum microwave, inc. 2707 black lake place phila, pa. 19154 www .s pectrummicrowave.com ph: 215-464-4000 fax: 215-464-4001 rev. 9/19/08 description spectrum microwave?s series 600 phase locked oscillators use a high ?q? coaxial resonator in the resonant circuit. the circuit is lightly loaded to obtain the lowest phase noise possible. the resonator is soldered to a printed circuit board and well grounded to minimize modulation sidebands during shock and vibration. buffer amplifiers are used to provide isolation from load vswrs; regulators filter noise on the dc input voltage. internal reference models are also available. a lock indicator circuit is provided to signal an out-of-lock condition. phase noise (db) -107 dbc/hz @ 100 hz -130 dbc/hz @ 1 khz -132 dbc/hz @ 10 khz -130 dbc/hz @ 30 khz -136 dbc/hz @ 100 khz -147 dbc/hz @ 1 mhz
phase locked oscillator model 621509 (1000 mhz) spectrum microwave, inc. 2707 black lake place phila, pa. 19154 www .s pectrummicrowave.com ph: 215-464-4000 fax: 215-464-40 01 outline drawing
|