Part Number Hot Search : 
25DF161 M27W201 TL594CNG 2SK2850 P8396 FGA65A3H M2541B QSE256
Product Description
Full Text Search
 

To Download 2SC3837K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2sc5661 / 2sc4725 / 2sc4082 / 2SC3837K transistors 1/1 high-frequency amplifier transistor (18v, 50ma, 1.5ghz) 2sc5661 / 2sc4725 / 2sc4082 / 2SC3837K ! ! ! ! features 1) high transition frequency. (typ. f t = 1.5ghz) 2) small rbb? ? cc and high gain. (typ. 6ps) 3) small nf. ! ! ! ! absolute maximum ratings (ta=25 c) parameter symbol v cbo v ceo v ebo i c p c tj tstg limits 30 18 3 50 0.2 150 ? 55~ + 150 unit v v v ma 0.15 2sc4082, 2SC3837K 2sc5661, 2sc4725 w c c collector-base voltage collector-emitter voltage emitter-base voltage collector current collector power dissipation junction temperature storage temperature ! ! ! ! packaging specifications and h fe type 2sc4725 emt3 np ac ? tl 3000 2sc5661 vmt3 np ac ? t2l 8000 2sc4082 umt3 np 1c ? t106 3000 2SC3837K smt3 np ac ? t146 3000 ? denotes h fe package h fe marking code basic ordering unit (pieces) ! ! ! ! external dimensions (units : mm) (2) base (3) collector (1) emitter (3) collector (1) emitter (2) base (3) collector (1) emitter (2) base each lead has same dimensions each lead has same dimensions 0.7 0.15 0.1min. 0.55 0to0.1 0.2 1.6 1.6 1.0 0.3 0.8 ( 2 ) 0.5 0.5 ( 3 ) 0.2 ( 1 ) 2.0 1.25 2.1 0.3 0.15 0to0.1 0.1to0.4 ( 3 ) 0.9 0.7 0.2 0.65 ( 2 ) 1.3 ( 1 ) 0.65 0.8 0.15 0to0.1 0.3to0.6 1.1 ( 2 ) ( 1 ) 2.8 1.6 0.4 ( 3 ) 2.9 1.9 0.95 0.95 2sc4725 2sc4082 2SC3837K 2sc5661 rohm : vmt3 rohm : emt3 eiaj : sc-75a rohm : umt3 eiaj : sc-70 rohm : smt3 eiaj : sc-59 (1) base (2) emitter (3) collector 0to0.1 (3) 0.32 0.8 1.2 0.13 0.5 0.22 0.4 0.4 1.2 0.8 0.2 0.15max. 0.2 ( 2 ) ( 1 ) ! ! ! ! electrical characteristics (ta=25 c) parameter symbol min. typ. max. unit conditions bv cbo bv ceo bv ebo i cbo i ebo h fe f t cob rbb' cc nf 30 18 3 ? ? 56 600 ? ? ? ? ? ? ? 1500 0.9 ? ? ? 0.5 0.5 180 ? 1.5 v v v a a ? mhz pf i c = 10 a i c = 1ma i e = 10 a v cb = 10v v eb = 2v v ce(sat) ?? 0.5 v i c /i b = 20ma/4ma v ce /i c = 10v/10ma v cb = 10v , i c = 10ma , f = 200mhz v cb = 10v , i e = 0a , f = 1mhz v cb = 10v , i c = 10ma , f = 31.8mhz v ce = 12v , i c = 2ma , f = 200mhz , rg = 50 ? ? 613ps ? 4.5 ? db collector-base breakdown voltage collector-emitter breakdown voltage emitter-base breakdown voltage collector cutoff current emitter cutoff current dc current transfer ratio transition frequency output capacitance collector-emitter saturation voltage collector-base time constant noise factor


▲Up To Search▲   

 
Price & Availability of 2SC3837K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X