Part Number Hot Search : 
ANTX2 XFATM9P8 RCLAMP05 TA48033 E3000 1D30UM EC1SC04 5SMC100A
Product Description
Full Text Search
 

To Download 2SB1455 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  inchange semiconductor product specification silicon pnp power transistors 2SB1455 description ? with to-220f package ? complement to type 2sd2203 ? low collector saturation voltage: ? large current capacity applications ? high current power switching applications pinning pin description 1 emitter 2 collector 3 base absolute maximum ratings (ta=25 ?? ) symbol parameter conditions value unit v cbo collector-base voltage open emitter -90 v v ceo collector-emitter voltage open base -80 v v ebo emitter-base voltage open collector -6 v i c collector current -7 a i cm collector current-peak -12 a t a =25 ?? 2.0 p c collector dissipation t c =25 ?? 30 w t j junction temperature 150 ?? t stg storage temperature -55~150 ?? fig.1 simplified outline (to-220f) and symbol
inchange semiconductor product specification 2 silicon pnp power transistors 2SB1455 characteristics tj=25 ?? unless otherwise specified symbol parameter conditions min typ. max unit v (br)ceo collector-emitter breakdown voltage i c =-1ma ;r be = ?t -80 v v (br)cbo collector-base breakdown voltage i c =-1ma ;i e =0 -90 v v (br)ebo emitter-base breakdown voltage i e =-1ma ;i c =0 -6 v v cesat collector-emitter saturation voltage i c =-4a ;i b =-0.4a -0.5 v i cbo collector cut-off current v cb =-80v; i e =0 -0.1 ma i ebo emitter cut-off current v eb =-4v; i c =0 -0.1 ma h fe-1 dc current gain i c =-1a ; v ce =-2v 70 280 h fe-2 dc current gain i c =-4a ; v ce =-2v 30 f t transition frequency i c =-1a ; v ce =-5v 20 mhz switching times t on turn-on time 0.2 | s t s storage time 0.7 | s t f fall time i c =-2.0a i b1 =-i b2 =-0.2a v cc =-50v ,r l =25 |? 0.2 | s ? h fe-1 classifications q r s 70-140 100-200 140-280
inchange semiconductor product specification 3 silicon pnp power transistors 2SB1455 package outline fig.2 outline dimensions
inchange semiconductor product specification 4 silicon pnp power transistors 2SB1455


▲Up To Search▲   

 
Price & Availability of 2SB1455

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X