Part Number Hot Search : 
2SJ232 MK325B R1C10 CY7C344 CMHD7006 UAA3500 CEK01N6G IRFU48Z
Product Description
Full Text Search
 

To Download 0805YG104ZAT2A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  26 y5v dielectric general specifications y5v formulations are for general-purpose use in a limited temperature range. they have a wide temperature characteristic of +22% C82% capacitance change over the operating temperature range of C30c to +85c. these characteristics make y5v ideal for decoupling applications within limited temperature range. 0805 size (l" x w") 3 voltage 6.3v = 6 10v = z 16v = y 25v = 3 50v = 5 g dielectric y5v = g 104 capacitance code (in pf) 2 sig. digits + number of zeros z capacitance tolerance z = +80 C20% a failure rate a = not applicable t terminations t = plated ni and sn 2 packaging 2 = 7" reel 4 = 13" reel a special code a = std. product part number (see page 2 for complete part number explanation) %  capacitance +20 +10 0 -55 -35 -15 +5 +25 +45 +65 +85 +105 +125 temperature c temperature coefficient -60 -50 -40 -30 -20 -10 -70 -80  c/c (%) +20 +40 0 0 % dc bias voltage capacitance change vs. dc bias voltage -60 -40 -20 -100 -80 20 40 60 80 100 insulation resistance (ohm-farads) 1,000 10,000 100 0 +20 +30 +40 +60 +50 +70 +80 +90 temperature c insulation resistance vs. temperature |z| (ohms) 10,000 1,000 10,000 frequency (hz) 0.1  f - 0603 impedance vs. frequency 1 10 100 0.01 0.1 100,000 1,000,000 10,000,000 |z| (ohms) 1,000 10,000 frequency (hz) 0.22  f - 0805 impedance vs. frequency 1 10 100 0.01 0.1 100,000 1,000,000 10,000,000 |z| (ohms) 1,000 10,000 frequency (hz) 1  f - 1206 impedance vs. frequency 1 10 100 0.01 0.1 100,000 1,000,000 10,000,000
27 y5v dielectric specifications and test methods parameter/test y5v specification limits measuring conditions operating temperature range -30oc to +85oc temperature cycle chamber capacitance within specified tolerance 5.0% for 50v dc rating freq.: 1.0 khz 10% dissipation factor 7.0% for 25v dc rating voltage: 1.0vrms .2v 9.0% for 16v dc rating for cap > 10 f, 0.5vrms @ 120hz 12.5% for 10v dc rating insulation resistance 10,000m or 500m - f, charge device with rated voltage for whichever is less 120 5 secs @ room temp/humidity charge device with 300% of rated voltage for dielectric strength no breakdown or visual defects 1-5 seconds, w/charge and discharge current limited to 50 ma (max) appearance no defects deflection: 2mm capacitance test time: 30 seconds resistance to variation 30% flexure dissipation meets initial values (as above) stresses factor insulation initial value x 0.1 resistance solderability 95% of each terminal should be covered dip device in eutectic solder at 230 5oc with fresh solder for 5.0 0.5 seconds appearance no defects, <25% leaching of either end terminal capacitance variation 20% dip device in eutectic solder at 260oc for 60 dissipation meets initial values (as above) seconds. store at room temperature for 24 2 resistance to factor hours before measuring electrical properties. solder heat insulation meets initial values (as above) resistance dielectric meets initial values (as above) strength appearance no visual defects step 1: -30oc 2o 30 3 minutes capacitance variation 20% step 2: room temp 3 minutes dissipation meets initial values (as above) step 3: +85oc 2o 30 3 minutes thermal factor shock insulation meets initial values (as above) step 4: room temp 3 minutes resistance dielectric meets initial values (as above) repeat for 5 cycles and measure after strength 24 2 hours at room temperature appearance no visual defects capacitance variation 30% dissipation initial value x 1.5 (see above) load life factor insulation initial value x 0.1 (see above) resistance dielectric meets initial values (as above) strength appearance no visual defects capacitance variation 30% load dissipation initial value x 1.5 (see above) humidity factor insulation initial value x 0.1 (see above) resistance dielectric meets initial values (as above) strength charge device with twice rated voltage in test chamber set at 85oc 2oc for 1000 hours (+48, -0) remove from test chamber and stabilize at room temperature for 24 2 hours before measuring. store in a test chamber set at 85oc 2oc/ 85% 5% relative humidity for 1000 hours (+48, -0) with rated voltage applied. remove from chamber and stabilize at room temperature and humidity for 24 2 hours before measuring. 1mm/sec 90 mm
28 y5v dielectric capacitance range preferred sizes are shaded size 0201 0402 0603 0805 1206 1210 soldering reflow only reflow/wave reflow/wave reflow/wave reflow/wave reflow only packaging all paper all paper all paper paper/embossed paper/embossed paper/embossed (l) length mm 0.60 0.03 1.00 0.10 1.60 0.15 2.01 0.20 3.20 0.20 3.20 0.20 (in.) (0.024 0.001) (0.040 0.004) (0.063 0.006) (0.079 0.008) (0.126 0.008) (0.126 0.008) (w) width mm 0.30 0.03 0.50 0.10 .81 0.15 1.25 0.20 1.60 0.20 2.50 0.20 (in.) (0.011 0.001) (0.020 0.004) (0.032 0.006) (0.049 0.008) (0.063 0.008) (0.098 0.008) (t) terminal mm 0.15 0.05 0.25 0.15 0.35 0.15 0.50 0.25 0.50 0.25 .50 0.25 (in.) (0.006 0.002) (0.010 0.006) (0.014 0.006) (0.020 0.010) (0.020 0.010) (0.020 0.010) wvdc 6.3 10 6 10 16 25 50 10 16 25 50 10 16 25 50 10 16 25 50 10 16 25 50 cap 820 (pf) 1000 a 2200 a 4700 a cap 0.010 a a (f) 0.022 a 0.047 a c 0.10 c c g g k 0.22 g 0.33 g 0.47 c g g 1.0 c c g g n n n m m m n 2.2 c n 4.7 npnn 10.0 nqqxqq 22.0 qx 47.0 wvdc 6.3 10 6 10 16 25 50 10 16 25 50 10 16 25 50 10 16 25 50 10 16 25 50 size 0201 0402 0603 0805 1206 1210 letter acegjkmnpqxyz max. 0.33 0.56 0.71 0.90 0.94 1.02 1.27 1.40 1.52 1.78 2.29 2.54 2.79 thickness (0.013) (0.022) (0.028) (0.035) (0.037) (0.040) (0.050) (0.055) (0.060) (0.070) (0.090) (0.100) (0.110) paper embossed l     w     t t


▲Up To Search▲   

 
Price & Availability of 0805YG104ZAT2A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X