Part Number Hot Search : 
S455GC SR330 FN2139 18X20 LX1671 UGC10KH EA09937 AN5256
Product Description
Full Text Search
 

To Download 001580-1123 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2.54mm pitch c-grid? header, through hole without peg, dual row, vertical, shrouded, high temperat ure, 12 circuits, 0.38m gold , (au) selective plating, tin (sn) pc tail plating, 3.81mm inside shroud to end circuit spacing part number: 15-80-1123 series image - reference onl y status: contact molex series: 70567 category: pcb headers overview: c - grid ? / sl? products old part number: 705670480 mates with part(s): 70013 interim clip product environmental compliance eu rohs : elv and rohs compliant china rohs : reach svhc : low - halo g en status : not reviewed status contact molex category pcb headers series 70567 application signal, wire-to-board overview c - grid ? / sl? products product name c-grid? breakaway no circuits (loaded) 12 circuits (maximum) 12 color - resin black durability (mating cycles max) 25 first mate / last break no glow-wire compliant no guide to mating part no keying to mating part none lock to mating part yes material - metal brass, phosphor bronze material - plating mating gold material - plating termination tin material - resin high temperature thermoplastic number of rows 2 orientation vertical pc tail length 3.30mm pcb locator no pcb retention yes pcb thickness - recommended 2.36mm packaging type tube pitch - mating interface 2.54mm pitch - termination interface 2.54mm plating min - mating 0.381m plating min - termination 1.905m polarized to mating part no polarized to pcb no shrouded open ends stackable no surface mount compatible (smc) yes temperature range - operating -55c to +105c termination interface: style through hole (please review the product specification for specific details.) part detail general physical pa g e 1 of 2 molex connector part number - 15-80-1123 4/16/2012 htt p ://www.molex.com/molex/ p roducts/datasheet. j s p ? p art=active/0015801123 _ pcb _ hea ...
current - maximum per contact 2.5a voltage - maximum 250v dc lead-free process capability wave capable (th only) old part number 705670480 product specification ps-70567 solder process data reference - drawing numbers application tooling tooling specifications and manuals are found by selecting the products below. crimp height specifications are then contained in the application tooling specification document. previously availa ble application tooling check our list of old tooling that used to be available for this part pa g e 2 of 2 molex connector part number - 15-80-1123 4/16/2012 htt p ://www.molex.com/molex/ p roducts/datasheet. j s p ? p art=active/0015801123 _ pcb _ hea ...


▲Up To Search▲   

 
Price & Availability of 001580-1123

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X