Part Number Hot Search : 
RB751 68710UH SAA4960 2SD12 642AT 2STW1693 1N5754B 2SD602A
Product Description
Full Text Search
 

To Download TX0246A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 
tai-saw technology co., ltd. 2 tst dcc release document tai-saw technology co., ltd. no. 3, industrial 2nd rd., ping-chen industrial district, taoyuan, 324, taiwan, r.o.c. tel: 886-3-4690038 fax: 886-3-4697532 e-mail: tstsales@mail.taisaw.com web: www.taisaw.com smd 7.0x5.0 16mhz tcxo model no.: TX0246A rev. no.:1 features: miniature smd package good frequency stability good phase noise response description and applications: surface mount 7.0mmx5.0mmm tcxo for us e in wireless communications system electrical specifications: TX0246A specifications nominal frequency, fo 16.000000 mhz storage temperature range -40 c to +85 c operating temperature range -40 c to +85 c power supply voltage, vdd 3.3 v output waveform clipped sinewave output voltage with load 10pf//10k ? , vout 0.8 vp-p min power supply current, icc 2.0 ma max frequency tolerance after two reflows +/- 5.0 ppm max @ 25 c +/- 3 c frequency stability a. vs. temperature (-40~85 c) b. vs. load varied 10pf//10k ? +/-10% c. vs. supply voltage varied 3.3v+/-5% +/- 5 ppm +/- 0.2 ppm +/- 0.2 ppm start up time (90% of final rf level in vp-p) 2.0 msec max. aging +/-1.0 ppm/year @25 c harmonics -7.0 dbc max ssb phase noise (@1khz carrier offset) -130 dbc/hz max rohs compliant lead free lead-free soldering
tai-saw technology co., ltd. 3 tst dcc release document mechanical dimensions (mm): recommended circuit marking: line 1: customer frequency(16.000) line 2: pin1 dot + tst logo+ product code + date code + ab
tai-saw technology co., ltd. 4 tst dcc release document product code table date code table packing: reel dimension (unit: mm) tape dimension (unit: mm) wk01 wk02 wk03 wk04 wk05 wk06 wk07 wk08 wk09 wk10 wk11 wk12 wk13 abcdefgh i jklm wk14 wk15 wk16 wk17 wk18 wk19 wk20 wk21 wk22 wk23 wk24 wk25 wk26 nopqrs t uvwxy z wk27 wk28 wk29 wk30 wk31 wk32 wk33 wk34 wk35 wk36 wk37 wk38 wk39 abcde f gh i j k lm wk40 wk41 wk42 wk43 wk44 wk45 wk46 wk47 wk48 wk49 wk50 wk51 wk52 nopq r s t uvwxyz 2008 2009 2010 2011 2012 2013 2014 2015 product code x xxx ye a r
tai-saw technology co., ltd. 5 tst dcc release document [note]: 1. unless otherwise specified tolerance on dimension +/-0.1 mm. 2. material: conductive po lystyrene with color black 3. 10 pitch cumulative tolerance +/-0.2 mm. 4. packing direction: dot or the logo of marking should be close to the hole of tape. reflow profile: 0 50 100 150 200 250 300 0 60 120 180 240 300 360 time (seconds) temperature (deg c ) notes of the usage: 1. touch the solder iron at 260+/-5 deg c onto the leads for 10+/-2 sec max or touch the solder at 350+/-5 deg c onto t he leads for 3+/-0.5 sec. 2. in the customer?s reflow process, if it will remain some mechanical stress at the soldering terminals, also make some cracks on the so ldering termination. some cracks will cause open or short circuit and cause of thermal incr easing or smoking. don?t make any excess mechanical stress to soldering points. 3. in case of giving a heavy shock to the pr oducts, it may make an open or short circuit and cause of thermal increasing and smoking. to avoid heavy shock impact applying to products is strictly required. notes of the storage: 1. to keep products under the condition at t he room temperature (-5 ~35 deg c) with normal humidity (45~75%). absorption of moistu re and dewdrop may make inferiority of characteristics and a short circuit. rising area preheat area reflow area forced cooling area max peak temperature: 260 deg c
tai-saw technology co., ltd. 6 tst dcc release document 2. oxidization of terminals shall make the so lderability more inferior. dusts and corrosive gas will make a cause of the open or short circuit. keep it in th e clean place where is not in dusty and no corrosive gas. 3. use the unti-static mate rial to the storage package. 4. don?t put any excess weight to the tcxo in the storage process. 5. don?t move the product from the cold place to the hot place in the sh ort time, otherwise it may make some dew-drop, then a short circuit may happen in case. 6. storage periods should be maximum 6 mont hs under condition of above item 1 after delivery from tst factory. 7. once open the bag, there is possibility of electrical char acteristics deterioration due to absorption of moisture. so, please use pa rts within 7 days after opening the bag. 8. if you have to keep parts without using afte r opening the bag, please put the drying agent in the bag, fold the bag and keep it in the place where temperat ure and humidity are controlled (nitrogen atmosphere box etc.)


▲Up To Search▲   

 
Price & Availability of TX0246A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X