Part Number Hot Search : 
SM312CV2 100PF SEN6A40 14100 949PC 95SMX AD7575JR SL2610
Product Description
Full Text Search
 

To Download TC74VHCT126AF12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  tc74vhct125,126af/aft/afk 2012-02-29 1 toshiba cmos digital integrated ci rcuit silicon monolithic tc74vhct125af,tc74vhct125aft,tc74vhct125afk tc74vhct126af,tc74vhct126aft,tc74vhct126afk tc74vhct125af/aft/afk quad bus buffer tc74vhct126af/aft/afk quad bus buffer the tc74vhct125a/126a are high speed cmos quad bus buffers fabricated with silicon gate c 2 mos technology. they achieve the high speed op eration similar to equivalent bipolar shottky ttl while maintaining the cmos low power dissipation. the tc74vhct125a requires the 3-state control input g to be set high to place the output into the high impedance state, whereas the tc74vhct126a requires the control input g to be set low to place the output into high impedance. the input voltage are compatible with ttl output voltage. this device may be used as a level converter for interfacing 3.3 v to 5 v system. input protection and output circu it ensure that 0 to 5.5 v can be applied to the input and output (note) pins without regard to the supply voltage. there structur e prevents device detsruction due to mismatched supply and in put/output voltages such as battery back up, hot board insertion, etc. note: v cc = 0 v features ? high speed: tpd = 3.8 ns (typ.) at v cc = 5 v ? low power dissipation: i cc = 4 a (max) at ta = 25c ? compatible with ttl inputs: v il = 0.8 v (max) v ih = 2.0 v (min) ? power down protection is provid ed on all inputs and outputs. ? balanced propagation delays: t plh ? t phl ? low noise: v olp = 0.8 v (max) ? pin and function compatible with the 74 series (74ac/hc/f/als/ls etc.) 125/126 types. tc74vhct125af, tc74vhct126af tc74vhct125aft, tc74vhct126aft tc74vhct125afk, tc74vhct126afk weight sop14-p-300-1.27a:0.18 g (typ.) tssop14-p-0044-0.65a: 0.06 g (typ.) vssop14-p-0030-0.50: 0.02 g (typ.)
tc74vhct125,126af/aft/afk 2012-02-29 2 pin assignment iec logic symbol truth table tc74vhct125a inputs output g a y h x z l l l l h h x: don?t care z: high impedance tc74vhct126a inputs output g a y l x z h l l h h h x: don?t care z: high impedance v cc 9 4a 4y 8 14 13 12 11 10 g1 1 2 3 4 5 6 7 2a 2y gnd 3a 3y (top view) 1a tc74vhct125a g2 g 4 g3 1y v cc 9 4a 4y 8 14 12 11 10 1 2 3 4 5 6 7 2a 2y gnd 3a 3y (top view) 1a 1y tc74vhct126a 13 1g 2g 4g 3g (4) (10) (5) g 2 en g 3 2a (13) (9) (12) g 4 3a (6) (8) (11) 2y 3y 4y 4a (1) (2) g 1 1a (3) 1y tc74vhct125a (4) (10) (5) en 2a (13) (9) (12) 3a (6) (8) (11) 2y 3y 4y 4a (1) (2) 1a (3) 1y tc74vhct126a 1g 2g 3g 4g
tc74vhct125,126af/aft/afk 2012-02-29 3 absolute maximum ratings (note 1) characteristics symbol rating unit supply voltage range v cc ? 0.5 to 7.0 v dc input voltage v in ? 0.5 to 7.0 v ? 0.5 to 7.0 (note 2) dc output voltage v out ? 0.5 to v cc + 0.5 (note 3) v input diode current i ik ? 20 ma output diode current i ok 20 (note 4) ma dc output current i out 25 ma dc v cc /ground current i cc 50 ma power dissipation p d 180 mw storage temperature t stg ? 65 to 150 c note 1: exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in ic performance or even destruction. using continuously under heavy loads (e.g. the app lication of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temper ature/current/voltage, etc. ) are within the absolute maximum ratings and the operating ranges. please design the appropriate reliability upon reviewing the toshiba semiconductor reliability handbook (?handling precautions?/?derating concept and methods?) and individual reliability data (i.e. reliability test report and estimated failure rate, etc). note 2: output in off-state note 3: high or low state. i out absolute maximum rating must be observed. note 4: v out < gnd, v out > v cc operating ranges (note 1) characteristics symbol rating unit supply voltage v cc 4.5 to 5.5 v input voltage v in 0 to 5.5 v 0 to 5.5 (note 2) output voltage v out 0 to v cc (note 3) v operating temperature t opr ? 40 to 85 c input rise and fall time dt/dv 0 to 20 ns/v note 1: the operating ranges must be maintai ned to ensure the normal op eration of the device. unused inputs must be tied to either v cc or gnd. note 2: output in off-state note 3: high or low state
tc74vhct125,126af/aft/afk 2012-02-29 4 electrical characteristics dc characteristics ta = 25c ta = ? 40 to 85c characteristics symbol test condition v cc (v) min typ. max min max unit high-level input voltage v ih D 4.5 to 5.5 2.0 D D 2.0 D v low-level input voltage v il D 4.5 to 5.5 D D 0.8 D 0.8 v i oh = ? 50 a 4.5 4.40 4.50 D 4.40 D high-level output voltage v oh v in = v ih or v il i oh = ? 8 ma 4.5 3.94 D D 3.80 D v i ol = 50 a 4.5 D 0.0 0.1 D 0.1 low-level output voltage v ol v in = v ih or v il i ol = 8 ma 4.5 D D 0.36 D 0.44 v input leakage current i in v in = 5.5 v or gnd 0 to 5.5 D D 0.1 D 1.0 a 3-state output off-state current i oz v in = v ih or v il v out = v cc or gnd 5.5 D D 0.25 D 2.50 a i cc v in = v cc or gnd 5.5 D D 4.0 D 40.0 a quiescent supply current i cct per input: v in = 3.4 v other input: v cc or gnd 5.5 D D 1.35 D 1.50 ma output leakage current i opd v out = 5.5 v 0 D D 0.5 D 5.0 a ac characteristics (input: t r = t f = 3 ns) test condition ta = 25c ta = ? 40 to 85c characteristics symbol v cc (v) c l (pf) min typ. max min max unit 15 D 3.8 5.5 1.0 6.5 propagation delay time t plh t phl D 5.0 0.5 50 D 5.3 7.5 1.0 8.5 ns 15 D 3.6 5.1 1.0 6.0 output enable time t pzl t pzh r l = 1 k ? 5.0 0.5 50 D 5.1 7.1 1.0 8.0 ns output disable time t plz t phz r l = 1 k ? 5.0 0.5 50 D 6.1 8.8 1.0 10.0 ns output to output skew t oslh t oshl (note 1) 5.0 0.5 50 D D 1.0 D 1.0 ns input capacitance c in D D 4 10 D 10 pf output capacitance c out D D 6 D D D pf tc74vhct125a D 14 D D D power dissipation capacitance c pd (note 2) tc74vhct126a D 15 D D D pf note 1: parameter guaranteed by design. t oslh = |t plhm ? t plhn |, t oshl = |t phlm ? t phln | note 2: c pd is defined as the value of the internal equivalent capacitance which is ca lculated from the operating current consumption without load. average operating current can be obtained by the equation: i cc (opr) = c pd v cc f in + i cc /4 (per gate)
tc74vhct125,126af/aft/afk 2012-02-29 5 noise characteristics (input: t r = t f = 3 ns) ta = 25c characteristics symbol test condition v cc (v) typ. limit unit quiet output maximum dynamic v ol v olp c l = 50 pf 5.0 0.5 0.8 v quiet output minimum dynamic v ol v olv c l = 50 pf 5.0 ? 0.5 ? 0.8 v minimum high level dynamic input voltage v ihd c l = 50 pf 5.0 D 2.0 v maximum low level dynamic input voltage v ild c l = 50 pf 5.0 D 0.8 v
tc74vhct125,126af/aft/afk 2012-02-29 6 package dimensions weight: 0.18 g (typ.)
tc74vhct125,126af/aft/afk 2012-02-29 7 package dimensions weight: 0.06 g (typ.)
tc74vhct125,126af/aft/afk 2012-02-29 8 package dimensions weight: 0.02 g (typ.)
tc74vhct125,126af/aft/afk 2012-02-29 9 restrictions on product use ? toshiba corporation, and its subsidiaries and affiliates (colle ctively "toshiba"), reserve the right to make changes to the in formation in this document, and related hardware, software and systems (collectively "product") without notice. ? this document and any information herein may not be reproduced without prior written permission from toshiba. even with toshiba's written permission, reproduction is permissible only if reproduction is without alteration/omission. ? though toshiba works continually to improve product's quality and reliability, product can malfunction or fail. customers are responsible for complying with safety standards and for providing adequate designs and safeguards for their hardware, software and systems which minimize risk and avoid situations in which a malfunc tion or failure of product could cause loss of human life, b odily injury or damage to property, including da ta loss or corruption. before customers us e the product, create designs including the product, or incorporate the product into their own applications, cust omers must also refer to and comply with (a) the latest ve rsions of all relevant toshiba information, including without limitati on, this document, the specifications, the data sheets and applicat ion notes for product and the precautions and conditions set forth in the "toshiba semiconductor reliability handbook" and (b) the instructions for the application with which the product will be us ed with or for. customers are solely responsible for all aspe cts of their own product design or applications, including but not limited to (a) determining the appropriateness of the use of this product in such design or applications; (b) evaluating and determining the applica bility of any information contained in this document, or in c harts, diagrams, programs, algorithms, sample application circuits, or any other referenc ed documents; and (c) validating all operatin g parameters for such designs and applications. toshiba assumes no liability for customers' product design or applications. ? product is neither intended nor warranted fo r use in equipments or systems that require extraordinarily high levels of quality and/or reliability, and/or a malfunction or failure of which may cause loss of human life, bodily injury, serious property damage and/or serious public impact ( " unintended use " ). except for specific applications as expressly stat ed in this document, unintended use includes, without limitation, equipment used in nuclear facilities, equipment used in the aerospace industry, medical equipment, equipment used f or automobiles, trains, ships and other transportation, traffic signaling equipment, equipment used to control combustions or expl osions, safety devices, elevators and escalators, devices related to el ectric power, and equipment used in finance-related fields. if you use product for unintended use, toshiba assumes no liability for product. for details, please contact your toshiba sales representative. ? do not disassemble, analyze, reverse-engineer, alter, modify , translate or copy product, whether in whole or in part. ? product shall not be used for or incorporated into any products or systems whose manufacture, use, or sale is prohibited under any applicable laws or regulations. ? the information contained herein is presented only as guidance for product use. no responsibility is assumed by toshiba for an y infringement of patents or any other intellectual property rights of third parties that may result from the use of product. no license to any intellectual property right is granted by this document, whether express or implied, by estoppel or otherwise. ? absent a written signed agreement, except as provid ed in the relevant terms and conditions of sale for product, and to the maximum extent allowable by law, toshiba (1) assumes no liability whatsoever, including without limitation, indirect, co nsequential, special, or incidental damages or loss, including without limitation, loss of profit s, loss of opportunities, business interruption and loss of data, and (2) disclaims any and all express or implied warranties and conditions related to sale, use of product, or information, including warranties or conditions of merchantability, fitness for a particular purpose, accuracy of information, or noninfringement. ? do not use or otherwise make available product or related so ftware or technology for any military purposes, including without limitation, for the design, development, use, stockpiling or manuf acturing of nuclear, chemical, or biological weapons or missi le technology products (mass destruction weapons). product and related software and technology may be controlled under the applicable export laws and regulations including, without limitat ion, the japanese foreign exchange and foreign trade law and t he u.s. export administration regulations. export and re-export of product or related software or technology are strictly prohibit ed except in compliance with all applicable export laws and regulations. ? please contact your toshiba sales representative for details as to environmental matters such as the rohs compatibility of pro duct. please use product in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled subs tances, including without limitation, the eu rohs directive. toshiba assumes no liability for damages or losses occurring as a result of noncompliance with applicable laws and regulations.


▲Up To Search▲   

 
Price & Availability of TC74VHCT126AF12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X