Part Number Hot Search : 
LX152M06 TA2306A MJE4352 PVC1011 MJE4352 TLS258 STM805 1N6839
Product Description
Full Text Search
 

To Download STTH102-Y Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  november 2011 doc id 17982 rev 1 1/7 7 STTH102-Y automotive high efficiency ultrafast diode features very low conduction losses negligible switching losses low forward and reverse recovery times high junction temperature ecopack ? 2 compliant component aec-q101 qualified description the STTH102-Y, which is using st?s new 200 v planar technology, is specially suited for switching mode base drive and transistor circuits. the device is also intended for use as a free wheeling diode in power supplies and other power switching applications for automotive. table 1. device summary symbol value i f(av) 1 a v rrm 200 v t j (max) 175 c v f (max) 0.78 v t rr (max) 20 ns k a sma (jedec do-214ac) stth102ay www.st.com
characteristics STTH102-Y 2/7 doc id 17982 rev 1 1 characteristics to evaluate the conduction losses use the following equation: p = 0.65 x i f(av) + 0.130 i f 2 (rms) table 2. absolute rating (limiting values) symbol parameter value unit v rrm repetitive peak reverse voltage 200 v i f(av) average forward current t l = 148 c = 0.5 1 a i fsm surge non repetitive forward current t p = 10 ms sinusoidal 40 a t stg storage temperature range -65 to + 175 c t j operating junction temperature range -40 to +175 c dv/dt critical rate of rise of reverse voltage 10000 v/s table 3. thermal resistance symbol parameter value unit r th(j-l) junction to lead 30 c/w table 4. static electrical characteristics symbol parameter tests conditions min. typ. max. unit i r (1) reverse leakage current t j = 25 c v r = v rrm 1 a t j = 125 c 1 25 v f (2) forward voltage drop t j = 25 c i f = 700 ma 0.90 v i f = 1 a 0.97 t j = 125 c i f = 1 a 0.68 0.78 1. pulse test: t p = 5 ms, < 2% 2. pulse test: t p = 380 s, < 2% table 5. dynamic electrical characteristics symbol parameter tests conditions min. typ. max. unit t rr reverse recovery time t j = 25 c i f = 0.5 a i rr = 0.25 a i r = 1 a 12 20 ns t fr forward recovery time t j = 25 c i f = 1 a di f /dt = 50 a/ms v fr = 1.1 x v f max 50 ns v fp forward recovery voltage t j = 25 c i f = 1 a di f /dt = 50 a/ms 1.8 v
STTH102-Y characteristics doc id 17982 rev 1 3/7 figure 1. average forward power dissipation versus average forward current figure 2. average forward current versus ambient temperature ( = 0.5) 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 0.0 0.2 0.4 0.6 0.8 1.0 1.2 p (w) f(av) i (a) f(av) t =tp/t tp = 1 = 0.5 = 0.05 = 0.1 = 0.2 i (a) f(av) 0.0 0.2 0.4 0.6 0.8 1.0 1.2 0 25 50 75 100 125 150 175 r =120c/w th(j-a) r=r th(j-a) th(j-i) t =tp/t tp t (c) amb figure 3. relative variation of thermal impedance junction to ambient versus pulse duration figure 4. forward voltage drop versus forward current 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.e-01 1.e+00 1.e+01 1.e+02 1.e+03 single pulse t =t /t p t p z/r th(j-a) th(j-a) = 0.5 = 0.2 = 0.1 t (s) p epoxy printed circuit board, e = 35 m, recommended pad layout (cu) 0.1 1.0 10.0 100.0 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 i (a) fm v (v) fm t =125c (maximum values) j t =125c (typical values) j t =25c (maximum values) j figure 5. junction capacitance versus reverse voltage applied (typical values) figure 6. reverse recovery time versus di f /dt (90% confidence) 1 10 100 1 10 100 1000 c(pf) f=1mhz v =30mv t =25c osc rms j v (v) r 0 10 20 30 40 50 60 70 1 10 100 1000 t (ns) rr di /dt(a/s) f i =1a f v =100v t =125c r j t =125c j t =25c j
characteristics STTH102-Y 4/7 doc id 17982 rev 1 figure 7. peak recovery current versus di f /dt (90% confidence) figure 8. reverse recovery charges versus di f /dt (90% confidence) 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 1 10 100 1000 i (a) rm di /dt(a/s) f i =1a f v =100v t =125c r j t =125c j t =25c j 0.0 2.5 5.0 7.5 10.0 12.5 15.0 17.5 20.0 22.5 25.0 27.5 30.0 32.5 35.0 1 10 100 1000 q (nc) rr di /dt(a/s) f i =1a f v =100v r t =125c j t =25c j figure 9. relative variations of dynamic parameters versus junction temperature figure 10. thermal resistance junction to ambient versus copper surface under each lead 1.0 1.5 2.0 2.5 3.0 3.5 25 50 75 100 125 150 175 i;t;q[t] / rm rr rr j i ; t ; q [t =25c] rm rr rr j t (c) j i rm t rr q rr i=i di /dt=200a/s f f(av) f v =100v r 0 10 20 30 40 50 60 70 80 90 100 110 120 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 r (c/w) th(j-a) s(cm2) epoxy printed circuit board fr4, copper thickness: 35 m
STTH102-Y package information doc id 17982 rev 1 5/7 2 package information epoxy meets ul94 v0 lead-free packages in order to meet environmental requirements, st offers these devices in different grades of ecopack ? packages, depending on their level of environmental compliance. ecopack ? specifications, grade definitions and product status are available at: www.st.com . ecopack ? is an st trademark. figure 11. footprint (dimensions in mm) table 6. sma dimensions ref. dimensions millimeters inches min. max. min. max. a1 1.90 2.45 0.075 0.094 a2 0.05 0.20 0.002 0.008 b 1.25 1.65 0.049 0.065 c 0.15 0.40 0.006 0.016 d 2.25 2.90 0.089 0.114 e 4.80 5.35 0.189 0.211 e1 3.95 4.60 0.156 0.181 l 0.75 1.50 0.030 0.059 e c l e1 d a1 a2 b 2.63 5.43 1.4 1.64 1.4
ordering information STTH102-Y 6/7 doc id 17982 rev 1 3 ordering information 4 revision history table 7. ordering information order code marking package weight base qty delivery mode stth102ay u12y sma 0.068 g 5000 tape and reel table 8. revision history date revision changes 07-nov-2011 1 initial release.
STTH102-Y doc id 17982 rev 1 7/7 please read carefully: information in this document is provided solely in connection with st products. stmicroelectronics nv and its subsidiaries (?st ?) reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described he rein at any time, without notice. all st products are sold pursuant to st?s terms and conditions of sale. purchasers are solely responsible for the choice, selection and use of the st products and services described herein, and st as sumes no liability whatsoever relating to the choice, selection or use of the st products and services described herein. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. i f any part of this document refers to any third party products or services it shall not be deemed a license grant by st for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoev er of such third party products or services or any intellectual property contained therein. unless otherwise set forth in st?s terms and conditions of sale st disclaims any express or implied warranty with respect to the use and/or sale of st products including without limitation implied warranties of merchantability, fitness for a parti cular purpose (and their equivalents under the laws of any jurisdiction), or infringement of any patent, copyright or other intellectual property right. unless expressly approved in writing by two authorized st representatives, st products are not recommended, authorized or warranted for use in milita ry, air craft, space, life saving, or life sustaining applications, nor in products or systems where failure or malfunction may result in personal injury, death, or severe property or environmental damage. st products which are not specified as "automotive grade" may only be used in automotive applications at user?s own risk. resale of st products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by st for the st product or service described herein and shall not create or extend in any manner whatsoev er, any liability of st. st and the st logo are trademarks or registered trademarks of st in various countries. information in this document supersedes and replaces all information previously supplied. the st logo is a registered trademark of stmicroelectronics. all other names are the property of their respective owners. ? 2011 stmicroelectronics - all rights reserved stmicroelectronics group of companies australia - belgium - brazil - canada - china - czech republic - finland - france - germany - hong kong - india - israel - ital y - japan - malaysia - malta - morocco - philippines - singapore - spain - sweden - switzerland - united kingdom - united states of america www.st.com


▲Up To Search▲   

 
Price & Availability of STTH102-Y

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X