Part Number Hot Search : 
T7300 T7300 LV432 LN524GK T7300 SDD10N04 167BZX 014014
Product Description
Full Text Search
 

To Download SFC05-5 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  only one name means protektion? www.protekdevices.com 05130.r9 12/10 page 1 05130 SFC05-5 250w f li p c hi p tv s a rr ay de scr i p tion the SFC05-5 is a 5 volt, fip chip transient voltage suppressor (tvs) array designed to provide protecton for power bus, data, control or i/o lines. rated at 250 wats peak pulse power for an 8/20s waveshape, this device protects 5 unidirectonal lines or 4 bidirectonal lines. this device is a type of chip scale package (csp) that can be mounted onto a printed circuit board or in a connector requiring a limited amount of space and is compatble with pick and place equipment for automatc assembly. the SFC05-5 is compatble with iec 61000-4-2 (esd), 61000-4-4(eft) and 61000-4-5(surge) requirements. featu r e s ? compatble with iec 61000-4-2 (esd): air 15kv, contact 8kv ? compatble with iec 61000-4-4 (eft): 40a, 5/50ns ? compatble with iec 61000-4-5 (surge): 24a, 8/20s - level 2(line - gnd) & level 3 (line - line) ? esd protecton > 25 kilovolts ? 250 wats peak pulse power per line (tp = 8/20s) ? protects up to five unidirectonal and four bidirectonal lines ? rohs compliant ? reach compliant me c hani c al c ha r a c te r i s ti cs ? penta flip chip package ? approximate weight: 0.73 milligrams ? lead-free platng ? solder refow temperature: ? lead-free - sn/ag/cu, 96/3.5/0.5: 260-270c ? flammability ratng ul 94v-0 ? 8mm tape per eia standard 481 ? top contacts: solder bump 0.004 in height (nominal) a pp li c ation s ? cellular phones ? smart phones ? pcmcia cards ? ground positoning system (gps) c i rc uit d iag r a m p enta p a c kage 1 6 5 4 2 3 top view orientaton mark
only one name means protektion? www.protekdevices.com 05130.r9 12/10 page 2 05130 SFC05-5 ty p i c al d evi c e c ha r a c te r i s ti cs m a x i m u m r ating s @ 25c unless o therwise specifed p a r a m ete r s y mb ol value unit s peak pulse power (tp = 8/20s) - see figure 1 p pp 250 wats operatng temperature t a -55 to 150 c storage temperature t stg -55 to 150 c ele c t r i c al c ha r a c te r i s ti cs p e r line @ 25c unless o therwise specifed p a r t nu mb e r r ate d s tan d- o ff voltage v w m volt s m ini m u m br eak d own voltage @ 1 m a v (br) volt s m a x i m u m c la mp ing voltage (fig. 2) @ i p = 5 a v c volt s m a x i m u m c la mp ing voltage (fig. 2) @ 8/20 s v c @ i pp m a x i m u m leakage c u rr ent @ v w m i d a ty p i c al c a p a c itan c e @0 v , 1m h z c j p f SFC05-5 5.0 6.0 9.5 11.0v @ 24.0a 10 150
only one name means protektion? www.protekdevices.com 05130.r9 12/10 page 3 05130 SFC05-5 ty p i c al d evi c e c ha r a c te r i s ti cs f igu r e 1 p eak p ul s e p owe r v s p ul s e ti m e t d - pulse duraton - s 250w, 8/20s waveform 0.1 1 10 100 1,000 10,000 p pp - peak pulse power - w ats 10 100 1,000 10,000 peak pulse power 8/20s average power f igu r e 3 p owe r d e r ating c u r ve t a - a mbient t emperature - c 0 25 50 75 100 125 150 0 20 40 60 80 100 % o f rated power test waveform parameters t f = 8s t d = 20s t f e -t peak value i pp t d = t/(i pp /2) f igu r e 2 p ul s e wave f o rm t - time - s 0 5 10 15 20 25 30 i pp - peak pulse current - % of i pp 0 20 40 60 80 100 120
only one name means protektion? www.protekdevices.com 05130.r9 12/10 page 4 05130 SFC05-5 ty p i c al d evi c e c ha r a c te r i s ti cs f igu r e 4 ove rs hoot & c la mp ing voltage e sd t est pulse - 25 kilovolt, 1/30ns ( w aveshape) 5 v olts per division -5 5 15 25 35 f igu r e 5 ty p i c al c la mp ing voltage v s p eak p ul s e c u rr ent i pp - peak pulse current - a mps 0 5 10 15 20 0 4 8 12 v c - clamping v oltage - v olts
only one name means protektion? www.protekdevices.com 05130.r9 12/10 page 5 05130 SFC05-5 sp i c e m o d el f igu r e 1 sp i c e m o d el f o r i/o gnd abd abd - a valanche breakdown diode ( tv s) ta b le 1 - sp i c e p a r a m ete rs p a r a m ete r unit a bd (tv s ) bv v 6 ibv a 1 c jo pf 20 i s a 1e-12 vj v - m - 0.33 n - 1 r s ohms 0.28 tt s 1e-8 eg ev 1.11
only one name means protektion? www.protekdevices.com 05130.r9 12/10 page 6 05130 SFC05-5 s ol d e r r e f low in f o rm ation pr inte d c i rc uit b oa rd r e c o mm en d ation s p a r a m ete r value pad size on pcb 0.275mm pad shape round pad defniton non-solder mask defned pads solder mask opening 0.325mm round solder stencil thickness 0.150mm solder stencil aperture opening (laser cut, 5% tapered walls) 0.330mm round solder paste type no clean pad protectve finish osp (entek cu plus 106a) tolerance - edge to corner ball 50m solder ball side coplanarity 20m maximum dwell time above liquidous (183c) 60 seconds soldering maximum temperature 270c t p 30-60 seconds ramp-up 15 seconds (minimize) solder- time 15-20 seconds ramp-down ramp-down solder melt (maximum t emp) maximum solder refow (35-53c a bove maximum solder melt t emp) ramp-up preheat (stay below flux a ctvaton t emp) t emperature - c r e c o mm en d e d non- s ol d e r m a s k d e f ine d p a d illu s t r ation n on-solder mask defned pad 0.275mm dia . solder mask opening 0.325mm dia . solder stencil opening 0.330mm dia . requi r e m ent s temperature: t p for lead-free (sn/ag/cu): 260-270c t p for tin-lead: 240-245c preheat tme and temperature depends on solder paste and fux actva - ton temperature, component size, weight, surface area and platng.
only one name means protektion? www.protekdevices.com 05130.r9 12/10 page 7 05130 SFC05-5 p enta p a c kage in f o rm ation outline d i m en s ion s d i m m illi m ete rs in c he s m in m a x m in m a x a 0.510 0.020 b 0.510 0.020 c 0.98 1.02 0.038 0.040 e 0.15 sq 0.006 sq f 1.47 1.53 0.058 0.060 g 0.15 0.006 h 0.076 0.10 0.003 0.004 i 0.419 0.0165 n ote s 1. controlling dimensions in inches. 2. decimal tolerance: .xxx 0.05mm (0.002). b a f c e g h i top side end
only one name means protektion? www.protekdevices.com 05130.r9 12/10 page 8 05130 SFC05-5 p enta p a c kage in f o rm ation o p tion 1 - layout d i m en s ion s d i m m illi m ete rs in c he s m in m a x m in m a x a 0.305 0.012 b 0.457 0.018 c 0.203 0.008 d 0.254 0.010 e 0.510 0.020 f 0.990 0.039 g 0.510 0.020 n ote s 1. controlling dimensions in inches. 2. decimal tolerance: .xxx 0.05mm (0.002). 3. preferred: using 0.1mm (0.004) stencil. a b c d g e f die solder bumps solder print 0.010 - 0.012 dia. orientaton dot o p tion 2 - layout d i m en s ion s d i m m illi m ete rs in c he s m in m a x m in m a x a 0.51 0.020 f 0.15 sq 0.006 sq g 0.71 0.028 h 0.99 0.039 i 0.51 0.020 n ote s 1. controlling dimensions in inches. 2. decimal tolerance: .xxx 0.05mm (0.002). 3. preferred: using 0.1mm (0.004) stencil. a die solder bumps b e c d solder print 0.014 [0.36] dia.
only one name means protektion? www.protekdevices.com 05130.r9 12/10 page 9 05130 SFC05-5 ta p e an d r eel in f o rm ation o rd e r ing in f o rm ation b a s e p a r t nu mb e r lea dfr ee s u ff i x ta p e s u ff i x qty /r eel r eel s i z e tu b e qty SFC05-5 -lf -t75-1 5,000 7 n/a 10 pitches cumulatve tolerance on tape 0.2 w f b0 e p2 p0 d p a0 k0 t user directon of feed top cover tape orientaton dot sp e c i f i c ation s reel dia. t a p e w i d th a 0 b0 k 0 d e f w p0 p2 p tmax 178(7) 8 0.80 0.10 1.20 0.10 0.70 0.10 1.50 0.10 1.75 0.10 3.50 0.05 8.00 0.30 4.00 0.12 2.00 0.10 2.00 0.10 0.25 n ote s 1. dimensions in millimeters. 2. top view of tape. solder bumps are face down in tape package. 3. orientaton: preferred stencil - 0.1mm (0.004). 4. surface mount product is taped and reeled in accordance with eia 481. 5. 8mm plastc tape: 7 reels - 5,000 pieces per reel. 6. marking on reel - part number, date code and lot number. ta p e & r eel o r ientation 1 2 3 6 5 4 package outline, pad layout and tape specifcatons per document number 06038.r2 9/09.
only one name means protektion? www.protekdevices.com 05130.r9 12/10 page 10 05130 SFC05-5 c o mp any in f o rm ation c omp any pr ofile protek devices, based in tempe, arizona usa, is a manufacturer of transient voltage suppression (tvs) products designed specifcally for the protecton of electronic systems from the efects of lightning, electrostatc discharge (esd), nuclear electromagnetc pulse (nemp), in - ductve switching and emi/rfi. with over 25 years of engineering and manufacturing experience, protek designs tvs devices that provide applicaton specifc protecton solutons for all electronic equipment/systems. protek devices analog products division, also manufactures analog interface, control, rf and power management products. copyright ? protek devices 2007 - this literature is subject to all applicable copyright laws and is not for resale in any manner. specifications: protek reserves the right to change the electrical and or mechanical characteristcs described herein without notce. design changes: protek reserves the right to discontnue product lines without notce and that the fnal judgement concerning selecton and specifcatons is the buyers and that in furnishing engineering and technical assistance. protek assumes no responsibility with respect to the selecton or specifcatons of such products. protek makes no warranty, representaton or guarantee regarding the suitability of its products for any partcular purpose, nor does protek assume any liability arising out of the applicaton or use of any product or circuit and specifcally disclaims any and all liability without limitaton special, consequental or incidental damages. life support policy: protek devices products are not authorized for use in life support systems without writen consent from the factory. patent information: this device is patented under u.s. patent no. des. d456,367s. c onta c t us corporate h eadquarters 2929 south fair lane tempe, arizona 85282 usa by t elephone general: 602-431-8101 sales: 602-414-5109 customer service: 602-414-5114 by fax general: 602-431-2288 by e -mail: sales: sales@protekdevices.com customer service: service@protekdevices.com technical support: support@protekdevices.com w eb www.protekdevices.com www.protekanalog.com


▲Up To Search▲   

 
Price & Availability of SFC05-5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X