? rf monolithics, inc. phone: (972) 233-2903 fax: (972) 387-8148 e-mail: info@rfm.com page 1 rfm europe phone: 44 1963 251383 fax: 44 1963 251510 http://www.rfm.com ?1999 by rf monolithics, inc. the stylized rfm logo are registered trademarks of rf monolithics, inc. SF2038B-082905 notes: 1. unless noted otherwise, all specifications apply over the operating temperature range with filter soldered to the specified demo nstration board with impedance matching to 50 w and measured with 50 w network analyzer. 2. unless noted otherwise, all frequency specifications are referenced to the nominal center frequency, fc. 3. rejection is measured as attenuation below the minimum il point in the passband. rejection in final user application is depende nt on pcb layout and external impedance matching design. see application note no. 42 for details. 4. "lrip" or "l" after the part number indicates "low rate initial production" and "eng" or "e" indicates "engineering prototypes." 5. the design, manufacturing process, and specifications of this filter are subject to change. 6. tape and reel standard ansi / eia 481. 7. either port 1 or port 2 may be used for either input or output in the design. however, impedances and impedance matching may va ry between port 1 and port 2, so that the filter must always be installed in one direction per the circuit design. 8. us and international patents may apply. 9. rfm, stylized rfm logo, and rf monolithics, inc. are registered trademarks of rf monolithics, inc. 10. ?copyright 1999, rf monolithics inc. 11. electrostatic sensitive device. observe precautions for handling. electrical characteristics characteristic sym notes min typ max units nominal center frequency f c 1 76.500 mhz passband insertion loss il 10.0 12.0 db 1db passband bw 1 1 12.5 14.0 mhz 15db bandwidth bw 15 16.8 18.0 mhz 30db bandwidth bw 30 18.0 19.2 mhz amplitude ripple over fc 6.25 mhz 0.70 1.3 db p-p group delay variation over fc 6.25 mhz gdv 40 150 ns p-p rejection 50 to 64.44 mhz 1, 3 40 46 db 64.44 to 66.70 mhz 36 41 86.30 to 87.06 mhz *30 44 87.06 to 91.50 mhz 36 44 91.50 to 100 mhz 40 47 operating temperature range t a 1 -40 +85 c frequency coeffieient ftc -87 ppm/c differential input 175 ohms differential output 180 ohms case style 6 smp-03 7 x 5 mm nominal footprint lid symbolization (yy=year, ww=week, s=shift) see note 4 rfm SF2038B yywws smp-03 ? designed for sdars if receiver ? low insertion loss ? 5.0 x 7.0 mm surface-mount case ? differential or single ended input and output ? complies with directive 2002/95/ec (rohs) absolute maximum ratings rating value units maximum incident power in passband +10 dbm max. dc voltage between any 2 terminals 30 vdc storage temperature range -40 to +85 c max soldering profile 265c for 10 s 76.500 mhz saw filter SF2038B connection terminals port 1 hot 10 port 1 ground return 1 port 2 hot 5 port 2 ground return 6 case ground all others electrical connections pb *at low temperature extreme -40c
76.500 mhz saw filter rf monolithics, inc. phone: (972) 233-2903 fax: (972) 387-8148 e-mail: info@rfm.com page 2 rfm europe phone: 44 1963 251383 fax: 44 1963 251510 http://www.rfm.com ?1999 by rf monolithics, inc. the stylized rfm logo are registered trademarks of rf monolithics, inc. SF2038B-082905 referencedesignator value c1 15 pf c2 15 pf l1 270 nh l2 270 nh c3 27 pf c4 27 pf wideband saw matching values wideband saw matching circuit matching circuit and matching component values used in g3 sirius radios (refer to sirius radio g3 chipset application note, doc. #rx000104-b, sec. 4.2.2)
76.500 mhz saw filter rf monolithics, inc. phone: (972) 233-2903 fax: (972) 387-8148 e-mail: info@rfm.com page 3 rfm europe phone: 44 1963 251383 fax: 44 1963 251510 http://www.rfm.com ?1999 by rf monolithics, inc. the stylized rfm logo are registered trademarks of rf monolithics, inc. SF2038B-082905 matching circuit and matching component values used on filter demo board ch1 s21 log 10 db/ ref -10 db center 76 . 500 000 mhz span 80 . 000 000 mhz SF2038B demo cor prm 18 apr 2005 16:45:17 1 2 3 4 1 : 0 . 0000 db 0 . 000 000 mhz ref=1 ch1 markers bw : 14 . 018412 mhz cent : 76 . 407122 mhz q : 5 . 4505 1_ loss : -10 . 031 db c1 c2 l1 rfm SF2038B c4 l2 SF2038B 76.500 mhz c1 = 22pf c2 = 22pf l1 = 220nh l2 = 270nh c3 = 22pf c4 = 22pf zinput 1:3 transformer 150w 150w zoutput 4:1 transformer 200w 200w c3
76.500 mhz saw filter rf monolithics, inc. phone: (972) 233-2903 fax: (972) 387-8148 e-mail: info@rfm.com page 4 rfm europe phone: 44 1963 251383 fax: 44 1963 251510 http://www.rfm.com ?1999 by rf monolithics, inc. the stylized rfm logo are registered trademarks of rf monolithics, inc. SF2038B-082905 ch1 s21 log 1 db/ ref -10.4 db center 76 . 500 000 mhz span 40 . 000 000 mhz SF2038B demo cor prm ch2 s21 del 50 ns/ ref 640 ns cor smo prm 18 apr 2005 16:42:05 1 2 2 : - . 29950 db 12 . 722 641 mhz ref=1 ch1 markers mean : -9 . 9489 db s . dev : . 13250 db p-p : . 69240 db 1 2 2 : -31 . 395 ns 12 . 500 000 mhz ref=1 ch2 markers mean : 659 . 90 ns s . dev : 7 . 6786 ns p-p : 35 . 477 ns
76.500 mhz saw filter rf monolithics, inc. phone: (972) 233-2903 fax: (972) 387-8148 e-mail: info@rfm.com page 5 rfm europe phone: 44 1963 251383 fax: 44 1963 251510 http://www.rfm.com ?1999 by rf monolithics, inc. the stylized rfm logo are registered trademarks of rf monolithics, inc. SF2038B-082905 ch1 s11 1 u fs center 76 . 500 000 mhz span 40 . 000 000 mhz SF2038B demo cor prm ch2 s22 1 u fs cor prm 18 apr 2005 16:35:10 1 1 : 44 . 537 19 . 910 41 . 422 nh 76 . 500 000 mhz 1 1 : 53 . 521 19 . 055 39 . 642 nh 76 . 500 000 mhz
76.500 mhz saw filter rf monolithics, inc. phone: (972) 233-2903 fax: (972) 387-8148 e-mail: info@rfm.com page 6 rfm europe phone: 44 1963 251383 fax: 44 1963 251510 http://www.rfm.com ?1999 by rf monolithics, inc. the stylized rfm logo are registered trademarks of rf monolithics, inc. SF2038B-082905 smp-03 case recommended pcb footprint case dimensions dimension mm inches min nom max min nom max a 6.80 7.00 7.20 0.268 0.276 0.283 b 4.80 5.00 5.20 0.189 0.197 0.205 c 1.65 2.00 0.065 0.079 d .47 0.60 .73 0.019 0.024 0.029 e 2.41 2.54 2.67 0.095 0.100 0.105 h 0.87 1.0 1.13 0.034 0.039 0.044 j 4.87 5.00 5.13 0.192 0.197 0.202 k 2.87 3.00 3.13 0.113 0.118 0.123 p 1.14 1.27 1.40 0.045 0.050 0.055 materials solder pad termination au plating 30 - 60 uinches (76.2-152 um) over 80- 200 uinches (203-508 um) ni. lid fe-ni-co alloy electroless nickel plate (8-11% phosphorus) 100-200 uinches thick body al 2 o 3 ceramic pb free electricalconnections connection terminals port 1 input or return 10 return or input 1 port 2 output or return 5 return or output 6 ground all others single ended operation return is ground differential operation return is hot a b c h e p d h j k 10-terminal ceramic surface-mount case 7 x 5 mm nominal footprint
76.500 mhz saw filter rf monolithics, inc. phone: (972) 233-2903 fax: (972) 387-8148 e-mail: info@rfm.com page 7 rfm europe phone: 44 1963 251383 fax: 44 1963 251510 http://www.rfm.com ?1999 by rf monolithics, inc. the stylized rfm logo are registered trademarks of rf monolithics, inc. SF2038B-082905 tape and reel specifications ?b ? nominal size quantity per reel inches millimeters 7 178 500 13 330 2000 user direction of feed component orientation and dimensions carrier tape dimensions ao 5.5 mm bo 7.5 mm ko 2.0 mm pitch 8.0 mm w 16.0 mm pin #1 see detail "a" 13.0 20.2 2.0 12.0 100 ref. "b" ref. 16.0
|