Part Number Hot Search : 
AN17821 HUL7281 6025074 PC250 DS18B20 AN79M20F B2520 LM618
Product Description
Full Text Search
 

To Download SCS120AG1104 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sic schottky barrier diode scs120ag ? applications ? dimensions (unit : mm) ? structure switching power supply ? features 1)shorter recovery time 2)reduced temperature dependence 3)high-speed switching possible ? construction silicon carbide epitaxial planer type ? absolute maximum ratings (ta=25c) symbol unit v rm v v r v i f a i fsm a tj c tstg c ? electrical characteristics (ta=25c) symbol min. typ. max. unit conditions v dc 600 - - v i r =0.4ma v f - 1.5 1.7 v i f =20a i r - 4.0 400 av r =600v - 860 - pf v r =1v,f=1mhz - 93 - pf v r =600v,f=1mhz qc - 35 - nc v r =400v,di/dt=380a/ s tc - 19 - ns v r =400v,di/dt=380a/ s r th(j-c) - - 1.4 c/w junction to case parameter limits reverse voltage (repetitive) 600 reverse voltage (dc) 600 continuous forward current(*1) 20 forward current surge peak (60hz ?1cyc) (*2) 76 junction temperature 150 storage temperature ? 55 to ? 150 (*1)tc=98c max (*2)pw=8.3ms sinusoidal parameter dc blocking voltage forward voltage reverse current thermal resistance total capacitance c total capacitive charge switching time rohm : o-220ac 1/3 2011.04 - rev.a www.rohm.com ?2011 rohm co., ltd. all rights reserved.
scs120ag 0.001 0.01 0.1 1 10 100 0 0.5 1 1.5 2 2.5 forward current: if(a) forward voltage : vf (v) ta= 125 c ta= 75 c ta= - 25 c ta= 25 c pulsed fig.1 vf - if characteristics 0 10 20 30 0 0.5 1 1.5 2 2.5 forward current: if(a) forward voltage : vf (v) ta= 125 c ta= 75 c ta= - 25 c ta= 25 c pulsed fig.2 vf - if characteristics 1 10 100 1000 10000 100000 0 200 400 600 reverse current (na) reverse voltage : vr (v) ta= 125 c ta= 75 c ta= - 25 c ta= 25 c fig.3 vr - ir characteristics 10 100 1000 10000 0.01 0.1 1 10 100 1000 capacitance between terminals : ct [pf] reverse voltage : vr [v] ta=25 c f=1mhz fig.4 vr - ct characteristics 0.01 0.1 1 10 0.00001 0.0001 0.001 0.01 0.1 1 10 100 1000 thermal resistance ( /w) pulse width : pw (s) ta=25 c single pulse fig.5 thermal resistance vs pulse width fig.6 power dissipation 0 10 20 30 40 50 60 70 80 90 100 0 30 60 90 120 150 power dissipation (w) case temperature : tc ( ) 2/3 2011.04 - rev.a www.rohm.com ? 2011 rohm co., ltd. all rights reserved. data sheet
scs120ag 0 20 40 60 80 100 120 0 30 60 90 120 150 peak forward current (a) case temparature : tc ( ) d.c. duty=0.1 duty=0.2 duty=0.5 duty=0.8 fig.7 derating curve ip - tc 0 10 20 30 40 50 60 70 80 0 5 10 15 20 25 30 35 power dissipation (w) average rectified forward current : io (a) d.c. duty=0.8 duty=0.5 duty=0.2 duty=0.1 fig.8 io - pf characteristics 3/3 2011.04 - rev.a www.rohm.com ? 2011 rohm co., ltd. all rights reserved. data sheet
r 1 120 a ww w .rohm.com ? 20 1 1 rohm co., ltd. all rights reserved. notice rohm customer support system http://ww w . r ohm.com/contact/ thank you for your accessing to rohm p r oduct informations. mo r e detail p r oduct informations and catalogs a r e available, please contact us. notes


▲Up To Search▲   

 
Price & Availability of SCS120AG1104

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X