Part Number Hot Search : 
ZM2CR60W F06UP20S 4ACT24 MM5Z4 13N06 BCV27 1418A6 BXMP1019
Product Description
Full Text Search
 

To Download QS8K21 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1/5 www.rohm.com c 2010 rohm co., ltd. all rights reserved. 2010.02 - rev.a 4v drive nch + nch mosfet QS8K21 ? structure ? dimensions (unit : mm) silicon n-channel mosfet ? features 1) low on-resistance. 2) high power package(tsmt8). 3) low voltage drive(4v drive). ? application switching ? packaging specifications ? inner circuit package taping code tr basic ordering unit (pieces) 3000 QS8K21 ? ? absolute maximum ratings (ta = 25 ? c) symbol limits unit drain-source voltage v dss 45 v gate-source voltage v gss ? 20 v continuous i d ? 4a pulsed i dp ? 12 a continuous i s 1a pulsed i sp 12 a 1.5 w / total 1.25 w / element channel temperature tch 150 ? c range of storage temperature tstg ? ? c *1 pw ? 10 ? s, duty cycle ? 1% *2 mounted on a ceramic board. ? thermal resistance symbol limits unit 83.3 c / w /total 100 tsmt8 (8) (7) (5) (6) (1) (2) (4) (3) a bbreviated symbol : k21 (1) tr1 source (2) tr1 gate (3) tr2 source (4) tr2 gate (5) tr2 drain (6) tr2 drain (7) tr1 drain (8) tr1 drain ? 1 esd protection diode ? 2 body diode ? 2 ? 1 (8) (7) (1) (2) ? 2 ? 1 (6) (5) (3) (4)
2/5 www.rohm.com c 2010 rohm co., ltd. all rights reserved. 2010.02 - rev.a data sheet QS8K21 ? electrical characteristics (ta = 25 ? c) symbol min. typ. max. unit gate-source leakage i gss -- ? 10 ? av gs = ? 20v, v ds =0v drain-source breakdown voltage v (br)dss 45 - - v i d =1ma, v gs =0v zero gate voltage drain current i dss --1 ? av ds =45v, v gs =0v gate threshold voltage v gs (th) 1.0 - 2.5 v v ds =10v, i d =1ma -3853 i d =4a, v gs =10v -4867 i d =4a, v gs =4.5v -5375 i d =4a, v gs =4.0v forward transfer admittance l y fs l2 - - si d =4a, v ds =10v input capacitance c iss - 460 - pf v ds =10v output capacitance c oss - 110 - pf v gs =0v reverse transfer capacitance c rss - 55 - pf f=1mhz turn-on delay time t d(on) -9-nsi d =2a, v dd 25v rise time t r -25-nsv gs =10v turn-off delay time t d(off) -30-nsr l 12.5 ? fall time t f -7-nsr g =10 ? total gate charge q g -5.4-nci d =4a, v dd 25v gate-source charge q gs -2.0-ncv gs =5v r l 6.3 ? gate-drain charge q gd -1.6-ncr g =10 ? *pulsed conditions m ? parameter static drain-source on-state resistance r ds (on) * * * * * * * * * ? body diode characteristics (source-drain) (ta = 25 ? c) symbol min. typ. max. unit forward voltage v sd --1.2vi s =4a, v gs =0v *pulsed conditions parameter *
3/5 www.rohm.com c 2010 rohm co., ltd. all rights reserved. 2010.02 - rev.a data sheet QS8K21 ? electrical characteristics curves 0 1 2 3 4 0 0.2 0.4 0.6 0.8 1 v gs = 2.8v ta=25c pulsed v gs = 10v v gs = 4.5v v gs = 4.0v v gs = 3.4v v gs = 3.2v v gs = 3.0v 0.001 0.01 0.1 1 10 11.522.53 v ds = 10v pulsed ta= 125c ta= 75c ta= 25c ta= - 25c 1 10 100 1000 0.1 1 10 v gs = 4.0v v gs = 4.5v v gs = 10v ta= 25c pulsed 0.01 0.1 1 10 00.511.5 v gs =0v pulsed ta=125c ta=75c ta=25c ta=-25c 0 1 2 3 4 0246810 ta=25c pulsed v gs = 2.8v v gs = 10.0v v gs = 4.5v v gs = 4.0v v gs = 3.4v v gs = 3.2v v gs = 3.0v 1 10 100 1000 0.1 1 10 v gs = 4.5v pulsed ta=125c ta=75c ta=25c ta= -25c 1 10 100 1000 0.1 1 10 v gs = 10v pulsed ta=125c ta=75c ta=25c ta= -25c 0.1 1 10 0.01 0.1 1 10 v ds = 10v pulsed ta= -25c ta=25c ta=75c ta=125c 1 10 100 1000 0.1 1 10 v gs = 4.0v pulsed ta=125c ta=75c ta=25c ta= -25c fig.1 typical output characteristics( ? ) fig.2 typical output characteristics( ? ) fig.3 typical transfer characteristics fig.4 static drain-source on-state resistance vs. drain current( ? ) fig.5 static drain-source on-state resistance vs. drain current( ? ) fig.6 static drain-source on-state resistance vs. drain current( ? ) fig.7 static drain-source on-state resistance vs. drain current( ? ) fig.9 reverse drain current vs. sourse-drain voltage fig.8 forward transfer admittance vs. drain current drain current : i d [a] drain-source voltage : v ds [v] drain-source voltage : v ds [v] drain current : i d [a] drain current : i d [a] gate-source voltage : v gs [v] drain-current : i d [a] static drain-source on-state resistance : r ds (on)[m ?? ] drain-current : i d [a] static drain-source on-state resistance : r ds (on)[m ?? ] drain-current : i d [a] static drain-source on-state resistance : r ds (on)[m ?? ] drain-current : i d [a] static drain-source on-state resistance : r ds (on)[m ?? ] forward transfer admittance : |yfs| [s] drain-current : i d [a] source current : is [a] source-drain voltage : v sd [v]
4/5 www.rohm.com c 2010 rohm co., ltd. all rights reserved. 2010.02 - rev.a data sheet QS8K21 0 50 100 150 051015 ta=25 c pulsed i d = 4.0a i d = 2.0a 0 2 4 6 8 10 012345678910 ta=25 c v dd = 25v i d = 4.0a r g =10 pulsed 10 100 1000 0.01 0.1 1 10 100 c iss c rss ta=25 c f=1mhz v gs =0v c oss 1 10 100 1000 10000 0.01 0.1 1 10 t f t d(on) t d(off) ta=25 c v dd = 25v v gs =10v r g =10 pulsed t r fig.10 static drain-source on-state resistance vs. gate source voltage fig.12 dynamic input characteristics fig.13 typical capacitance vs. drain-source voltage fig.11 switching characteristics static drain-source on-state resistance : r ds (on)[m ?? ] gate-source voltage : v gs [v] switching time : t [ns] drain-current : i d [a] gate-source voltage : v gs [v] total gate charge : qg [nc] drain-source voltage : v ds [v] capacitance : c [pf]
5/5 www.rohm.com c 2010 rohm co., ltd. all rights reserved. 2010.02 - rev.a data sheet QS8K21 ? measurement circuits ? f ig.1-1 switching time measurement circu it v gs r g v d s d.u.t. i d r l v dd fig.1-2 switching waveforms 90% 90% 90 % 10% 10% 50% 10% 50% v gs pulse width v ds t on t off t r t d(on) t f t d(off) f ig.2-1 gate charge measurement circuit v gs i g(const.) r g v d s d.u.t. i d r l v dd fig.2-2 gate charge waveform v g v gs charge q g q gs q gd
r1010 a www.rohm.com ? 2010 rohm co., ltd. all rights reserved. notice rohm customer support system http://www.rohm.com/contact/ thank you for your accessing to rohm product informations. more detail product informations and catalogs are available, please contact us. notes no copying or reproduction of this document, in part or in whole, is permitted without the consent of rohm co.,ltd. the content specied herein is subject to change for improvement without notice. the content specied herein is for the purpose of introducing rohm's products (hereinafter "products"). if you wish to use any such product, please be sure to refer to the specications, which can be obtained from rohm upon request. examples of application circuits, circuit constants and any other information contained herein illustrate the standard usage and operations of the products. the peripheral conditions must be taken into account when designing circuits for mass production. great care was taken in ensuring the accuracy of the information specied in this document. however, should you incur any damage arising from any inaccuracy or misprint of such information, rohm shall bear no responsibility for such damage. the technical information specied herein is intended only to show the typical functions of and examples of application circuits for the products. rohm does not grant you, explicitly or implicitly, any license to use or exercise intellectual property or other rights held by rohm and other parties. rohm shall bear no responsibility whatsoever for any dispute arising from the use of such technical information. the products specied in this document are intended to be used with general-use electronic equipment or devices (such as audio visual equipment, ofce-automation equipment, commu- nication devices, electronic appliances and amusement devices). the products specied in this document are not designed to be radiation tolerant. while rohm always makes efforts to enhance the quality and reliability of its products, a product may fail or malfunction for a variety of reasons. please be sure to implement in your equipment using the products safety measures to guard against the possibility of physical injury, re or any other damage caused in the event of the failure of any product, such as derating, redunda ncy, re control and fail-safe designs. rohm shall bear no responsibility whatsoever for your use of any product outside of the prescribed scope or not in accordance with the instruction manual. the products are not designed or manufactured to be used with any equipment, device or system which requires an extremely high level of reliability the failure or malfunction of which may result in a direct threat to human life or create a risk of human injury (such as a medical instrument, transportation equipment, aerospac e machinery, nuclear-reactor controller, fuel- controller or other safety device). rohm shall bear no responsibility in any way for use of any of the products for the above special purposes. if a product is intended to be used for any such special purpose, please contact a rohm sales representative before purchasing. if you intend to export or ship overseas any product or technology specied herein that may be controlled under the foreign exchange and the foreign trade law, you will be required to obtain a license or permit under the law.


▲Up To Search▲   

 
Price & Availability of QS8K21

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X