Part Number Hot Search : 
2N684 30KPA84A PI5V331 ISL6126 MB3776A MX7820BQ TB6516 MJ160
Product Description
Full Text Search
 

To Download PR2001G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ds27005 rev. a1-2 1 of 2 PR2001G - pr2007g www.diodes.com  diodes incorporated PR2001G - pr2007g 2.0a fast recovery glass passivated rectifier features a a b c d do-15 dim min max a 25.40  b 5.50 7.62 c 0.686 0.889 d 2.60 3.60 all dimensions in mm maximum ratings and electrical characteristics @ t a = 25  c unless otherwise specified  glass passivated die construction  diffused junction  fast switching for high efficiency  high current capability and low forward voltage drop  surge overload rating to 80a peak  low reverse leakage current  plastic material: ul flammability classification rating 94v-0 mechanical data  case: molded plastic  terminals: plated leads solderable per mil-std-202, method 208  polarity: cathode band  marking: type number  weight: 0.4 grams (approx.) single phase, half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20%. characteristic symbol pr 2001g pr 2002g pr 2003g pr 2004g pr 2005g pr 2006g pr 2007g unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 50 100 200 400 600 800 1000 v rms reverse voltage v r(rms) 35 70 140 280 420 560 700 v average rectified output current (note 1) @ t a = 55  c i o 2.0 a non-repetitive peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) i fsm 80 a forward voltage drop @ i f = 2.0a v fm 1.3 v peak reverse current @ t a = 25  c at rated dc blocking voltage @ t a = 100  c i rm 5.0 100  a reverse recovery time (note 3) t rr 150 250 500 ns typical junction capacitance (note 2) c j 35 pf typical thermal resistance junction to ambient r  ja 50 k/w operating and storage temperature range t j, t stg -65 to +150  c notes: 1. valid provided that leads are maintained at ambient temperature at a distance of 9.5mm from the case. 2. measured at 1.0mhz and applied reverse voltage of 4.0v dc. 3. measured with i f = 0.5a, i r = 1.0a, i rr = 0.25a. see figure 5.
ds27005 rev. a1-2 2 of 2 PR2001G - pr2007g www.diodes.com 0 0.4 0.8 1.2 1.6 2 . 0 25 50 75 100 125 150 175 200 i , average fwd rectified current (a) (av) t , ambient temperature ( c) a fi g . 1 forward deratin g curve single phase half-wave 60 hz resistive or inductive load 0.01 0.1 1.0 10 0.4 0.6 0.8 1.0 1.2 i , instantaneous forward current (a) f v , instantaneous forward voltage (v) f fi g .2 t y pical forward characteristics i , peak forward surge current (a) fsm 0 30 60 90 1 10 100 number of cycles at 60hz fi g . 3 peak forward sur g e current single half-sine-wave (jedec method) 50v dc approx oscilloscope (note 1) pulse generator (note 2) device under te s t t rr set time base for 50/100 ns/cm +0.5a 0a -0.25a -1.0a fi g . 5 reverse recover y time characteristic and test circuit (+) (+) (-) (-) 1 10 100 110100 c , capacitance (pf) j v , reverse voltage (v) r fi g .4 t y pical junction capacitance t = 25 c j f = 1.0mhz


▲Up To Search▲   

 
Price & Availability of PR2001G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X