Part Number Hot Search : 
CLAMP N306AD OM6407SD 9420C 9420C 51163 SBT6045 6039094
Product Description
Full Text Search
 

To Download NVF28 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  prsente / presents:
ordering information NVF28 a 20 dc6v 1.3 r 1 2 3 4 5 6 1 part number NVF28 2 contact arrangement a:1a c:1c 3 contact current no:35a;nc:25a; 4 coil rated voltage(v) dc:6,12,24 5 coil power consumption 0.9:0.9w 1.3:1.3w 6 coil transient suppression nil standard; r:with resistance d: with diode contact data contact arrangement 1a spstno 1c spdt(b-m) contact material agsno 2 contact rating no 35a/14vd c nc 25a/14vd c max. switching power 560w max. switching v oltage 75vdc 100m 1a 6vdc 250mv(10a) example:50mv 5 operation electrical 1 10 item 3.30 of iec255-7 al 7 life mechanical 1 10 item 3.31 of iec255-7 coil parameter dash numbers coil voltage vdc coil resistance 10% pickup voltage vdc(max) (60%of rated voltage ) release voltage vdc(min) (10% of rated voltage) coil power consumption w operate time ms release time ms rated max. 006-090 6 7.8 40 3.6 0.6 012-090 12 15.6 160 7.2 1.2 024-090 24 31.2 640 14.4 2.4 006-130 012-130 024-130 0.9 5 2 caution: 1.the use of any coil voltage less than the rated coil voltage will compromise the operation of the relay. 2.pickup and release voltage are for test purposes only and are not to be used as design criteria. features NVF28 operation condition insulation resistance 100m min (at 500vdc) item 7 of iec255-5 dielectric strength between contacts between contact and coil 50hz 500v item 6 of iec255-5 50hz 500v item 6 of iec255-5 2 shock resistance 200m/s 11ms iec68-2-27 t est ea vibration resistance 10~40hz double amplitude 1.27mm iec68-2-6 test fc terminals strength 10n iec68-2-21 t est ua1 solderability 235 2 3 0.5s iec68-2-20 test t a method 1 ambient t emperature -40~125 relative humidity 85% (at 20 ) iec68-2-3t est ca mass 21g qualification inspection: perform the qualification test as specified in the table of iec255-19-1 and minimum sample size 24. dimensions notes: 1) dimensions are in millimeters. 2) inch equivalents are given for general information only . NVF28 mm /inch ningb o huaguan relay corporation ltd. 35a continous no contact rati ng at 85 . 2.8mm quick con nect terminals . contact arrangement form a and c available. suitable for automo bile fuel pump,a/c compressor clutch,horn and lighting system s etc. 22.5 15 25.0 dimensions mounting (bottom view) wiring diagram (bottom view) max. switching current no:40a,nc:30a 1.3 6 12 24 7.8 15.6 31.2 27 109 436 3.6 7.2 14.4 0.6 1.2 2.4 2 40~70hz 49m/s 70~100hz double amplitude 0.5mm 2 100~500hz 98m/s 8.1 0.2 16.2 0.2 30 85 87a 87 86 7 0.110 0.008 30 85 87a 87 86 30 85 87 86 1a 1c 0.031 0.002 0.886 0.020 0.591 0.020 0 . 9 9 2 0 . 0 2 0 0 . 4 3 3 0 . 0 2 0 0 . 3 0 7 0 . 0 0 8 0.638 0.008 0.319 0.008 max. continous current no:35a,nc:25a 15 0.5 0.8 0.05 2.8 0.2 22.5 0.5 1 1 0 . 5 2 5 . 2 0 . 5 item 3.12 of iec255-7 contact resistance or voltage drop nhg relays


▲Up To Search▲   

 
Price & Availability of NVF28

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X